Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH1617A-1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SFH1617A-1
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH1617A-1 Datasheet(HTML) 3 Page - Vishay Siliconix

  SFH1617A-1 Datasheet HTML 1Page - Vishay Siliconix SFH1617A-1 Datasheet HTML 2Page - Vishay Siliconix SFH1617A-1 Datasheet HTML 3Page - Vishay Siliconix SFH1617A-1 Datasheet HTML 4Page - Vishay Siliconix SFH1617A-1 Datasheet HTML 5Page - Vishay Siliconix SFH1617A-1 Datasheet HTML 6Page - Vishay Siliconix SFH1617A-1 Datasheet HTML 7Page - Vishay Siliconix SFH1617A-1 Datasheet HTML 8Page - Vishay Siliconix SFH1617A-1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 83552
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.6, 25-Jan-08
3
SFH1617A
Optocoupler, Phototransistor Output,
High Reliability, 5300 VRMS, 110 °C
Rated
Vishay Semiconductors
Notes
(1) The thermal model is represented in the thermal network below. Each resistance value given in this model can be used to calculate the
temperatures at each node for a given operating condition. The thermal resistance from board to ambient will be dependent on the type of
PCB, layout and thickness of copper traces. For a detailed explanation of the thermal model, please reference Vishay's thermal characteristics
of optocouplers application note.
(2) For 2 layer FR4 board (4" x 3" x 0.062).
THERMAL CHARACTERISTICS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
LED power dissipation
at 25 °C
Pdiss
100
mW
Output power dissipation
at 25 °C
Pdiss
150
mW
Maximum LED junction temperature
Tjmax
125
°C
Maximum output die junction temperature
Tjmax
125
°C
Thermal resistance, junction emitter to board
θ
EB
173
°C/W
Thermal resistance, junction emitter to case
θ
EC
149
°C/W
Thermal resistance, junction detector to board
θ
DB
111
°C/W
Thermal resistance, junction detector to case
θ
DC
127
°C/W
Thermal resistance, junction emitter to junction detector
θ
ED
95
°C/W
Thermal resistance, board to ambient (2)
θ
BA
195
°C/W
Thermal resistance, case to ambient (2)
θ
CA
3573
°C/W
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 60 mA
VF
1.25
1.65
V
Reverse current
VR = 6.0 V
IR
0.01
10
µA
Capacitance
VR = 0 V, f = 1.0 MHz
CO
13
pF
OUTPUT
Collector emitter capacitance
VCE = 5.0 V, f = 1.0 MHz
CCE
5.2
pF
Collector emitter leakage
current
VCE = 10 V
SFH1617A-1
ICEO
2.0
50
nA
SFH1617A-2
ICEO
2.0
50
nA
SFH1617A-3
ICEO
5.0
100
nA
SFH1617A-4
ICEO
5.0
100
nA
COUPLER
T
A
θ
CA
T
C
T
JD
T
JE
T
B
θ
EC
θ
EB
θ
DC
θ
DB
θ
BA
θ
DE
T
A
19996
Package


Similar Part No. - SFH1617A-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH1617A-1 VISHAY-SFH1617A-1 Datasheet
160Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
01-Jan-2022
More results

Similar Description - SFH1617A-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH617A VISHAY-SFH617A_12 Datasheet
157Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 2.2, 12-Oct-12
SFH617A-1X001 VISHAY-SFH617A-1X001 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 C Rated
Rev. 2.3, 14-Jan-13
SFH617A VISHAY-SFH617A_V02 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
01-Jan-2023
SFH617A VISHAY-SFH617A_07 Datasheet
133Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 째C Rated
Rev. 1.7, 25-Jan-07
SFH617A VISHAY-SFH617A_V01 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rateds
01-Jan-2022
SFH1617A VISHAY-SFH1617A_17 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
Rev. 2.1, 10-May-17
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com