Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX85B3V9 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # BZX85B3V9
Description  Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX85B3V9 Datasheet(HTML) 5 Page - Vishay Siliconix

  BZX85B3V9 Datasheet HTML 1Page - Vishay Siliconix BZX85B3V9 Datasheet HTML 2Page - Vishay Siliconix BZX85B3V9 Datasheet HTML 3Page - Vishay Siliconix BZX85B3V9 Datasheet HTML 4Page - Vishay Siliconix BZX85B3V9 Datasheet HTML 5Page - Vishay Siliconix BZX85B3V9 Datasheet HTML 6Page - Vishay Siliconix BZX85B3V9 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BZX85-Series
Document Number 85607
Rev. 1.8, 31-May-07
Vishay Semiconductors
www.vishay.com
5
Package Dimensions in millimeters (inches)
Figure 7. Breakdown Characteristics
Figure 8. Breakdown Characteristics
0
1234567
8
9
1011 121314 15 V
0
40
80
120
160
200
240
mA
I
Z
V
Z
T
j = 25 °C
4V7
3V9
5V6
6V8
8V2
10
12
18456
0
5
10
15
202530
35
40
45 50 V
10
20
30
40
50
60
mA
I
Z
V
Z
18457
T
j = 25 °C
15
18
22
27
33
39
47
0
94 9368


Similar Part No. - BZX85B3V9

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85B3V9 VISHAY-BZX85B3V9 Datasheet
56Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
EIC discrete Semiconduc...
BZX85B3V9 EIC-BZX85B3V9 Datasheet
33Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZX85B3V9 VISHAY-BZX85B3V9 Datasheet
102Kb / 6P
   Zener Diodes
Rev. 2.1, 22-Nov-11
BZX85B3V9 VISHAY-BZX85B3V9 Datasheet
100Kb / 6P
   Zener Diodes
Rev. 2.1, 22-Nov-11
BZX85B3V9 VISHAY-BZX85B3V9 Datasheet
103Kb / 6P
   Zener Diodes
Rev. 2.2, 02-Jun-14
More results

Similar Description - BZX85B3V9

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com