Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE30LBFP204MFB Datasheet(PDF) 5 Page - Vishay Siliconix

Part # PE30LBFP204MFB
Description  Fully Sealed Container Cermet Potentiometer Military and Professional Grade
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PE30LBFP204MFB Datasheet(HTML) 5 Page - Vishay Siliconix

  PE30LBFP204MFB Datasheet HTML 1Page - Vishay Siliconix PE30LBFP204MFB Datasheet HTML 2Page - Vishay Siliconix PE30LBFP204MFB Datasheet HTML 3Page - Vishay Siliconix PE30LBFP204MFB Datasheet HTML 4Page - Vishay Siliconix PE30LBFP204MFB Datasheet HTML 5Page - Vishay Siliconix PE30LBFP204MFB Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 51037
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 04-Sep-08
135
PE30
Fully Sealed Container Cermet Potentiometer
Military and Professional Grade
Vishay Sfernice
SAP ORDERING INFORMATION (Part Number 18 digits)
MODEL BUSHING
OPTION
SHAFT
OHMIC
VALUE
TOLERANCE
LAW
PACKAGING
SPECIAL
NUMBER
L =
M10 x 0.75
M = Panel
sealed
M10 x 0.75
0 = none
For L Bushing
D = DBAN
L = LPRP
B = DBAN
and LPRP
A = Peg
and DBAN
For M Bushing
E = Peg
For L Bushing (= old codes:)
FG 16 mm, slotted = AC
FL 25 mm, slotted = AM
FR 50 mm, plain = AL
For M Bushing
FD = 13 mm, slotted = AC
FJ = 22 mm, slotted = AM
FP = 47 mm, plain = AL
A law =
from 22
Ω
to 10 M
Ω
L and F
laws =
from 100
Ω
to 2.2 M
Ω
± 20 %
on request
± 10 %
± 5 %
A = Linear
L = Clockwise
logarithmic
F = Clockwise
inverse
logarithmic
B = Box of
10 pieces
(if applicable)
Given by
VISHAY
for custom
design
PART NUMBER DESCRIPTION (for information only)
PE30
LPRP
AC
200K
20 %
ADBAN
BO10
e4
MODEL FEATURES OPTION SHAFT VALUE TOLERANCE TAPER OPTION SPECIAL PACKAGING
CUSTOM
SHAFT
SPECIAL
LEAD
(Pb)-FREE
LBF
G
2
0
4
A
3
P
0
E
MB


Similar Part No. - PE30LBFP204MFB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE30LBFG204JA VISHAY-PE30LBFG204JA Datasheet
155Kb / 6P
   Fully Sealed Potentiometer Professional Grade
Revision: 01-Feb-18
PE30LBFG204JF VISHAY-PE30LBFG204JF Datasheet
155Kb / 6P
   Fully Sealed Potentiometer Professional Grade
Revision: 01-Feb-18
PE30LBFG204JL VISHAY-PE30LBFG204JL Datasheet
155Kb / 6P
   Fully Sealed Potentiometer Professional Grade
Revision: 01-Feb-18
PE30LBFG204KA VISHAY-PE30LBFG204KA Datasheet
155Kb / 6P
   Fully Sealed Potentiometer Professional Grade
Revision: 01-Feb-18
PE30LBFG204KF VISHAY-PE30LBFG204KF Datasheet
155Kb / 6P
   Fully Sealed Potentiometer Professional Grade
Revision: 01-Feb-18
More results

Similar Description - PE30LBFP204MFB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P12 VISHAY-P12 Datasheet
140Kb / 5P
   Fully Sealed Container Cermet Potentiometers Military and Professional Grade
Revision: 06-Jul-06
P13 VISHAY-P13_V01 Datasheet
121Kb / 7P
   Fully Sealed Container Cermet Potentiometer Professional Grade
01-Jan-2022
P12 VISHAY-P12_V01 Datasheet
124Kb / 6P
   Fully Sealed Container Cermet Potentiometer Professional Grade
01-Jan-2022
PE30 VISHAY-PE30 Datasheet
158Kb / 3P
   Fully Sealed Container Cermet Potentiometers Military and Professional Grade
Revision 19-Jul-02
P13 VISHAY-P13 Datasheet
117Kb / 5P
   Fully Sealed Container Cermet Potentiometers Military and Professional Grade
Revision: 06-Jul-06
PE30L0FR472MAB VISHAY-PE30L0FR472MAB Datasheet
177Kb / 6P
   Fully Sealed Potentiometer Military and Professional Grade
Revision: 29-Aug-12
P12 VISHAY-P12_17 Datasheet
144Kb / 6P
   Fully Sealed Container Cermet Potentiometer
Revision: 04-Jul-17
P13 VISHAY-P13_17 Datasheet
137Kb / 7P
   Fully Sealed Container Cermet Potentiometer
Revision: 04-Jul-17
PE30 VISHAY-PE30_18 Datasheet
155Kb / 6P
   Fully Sealed Potentiometer Professional Grade
Revision: 01-Feb-18
PE30 VISHAY-PE30_V01 Datasheet
116Kb / 6P
   Fully Sealed Potentiometer Professional Grade
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com