Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TDP
Description  Molded, Dual-In-Line Resistor Networks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDP Datasheet(HTML) 2 Page - Vishay Siliconix

  TDP Datasheet HTML 1Page - Vishay Siliconix TDP Datasheet HTML 2Page - Vishay Siliconix TDP Datasheet HTML 3Page - Vishay Siliconix TDP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TDP
Molded, Dual-In-Line Resistor Networks
Vishay Thin Film
Document Number: 60045
For technical questions, contact: thin-film@vishay.com
www.vishay.com
Revision: 16-May-07
91
DIMENSIONS AND IMPRINTING in inches and millimeters
A
B
Part
Pin #1
Vishay
logo
Date Code
TDP14XX
C
D
E
F
G
H
J
M
L
K
DIMENSION
INCHES
MM
A
0.755
19.18
B
0.250
6.35
C
0.075
1.91
D
0.100
2.54
E0.018
0.46
F
0.060
1.52
G
0.025
0.64
H
0.190
4.83
J
0.130
3.30
K
0.320
8.13
L
0.310
7.87
M
0.010
0.25
A
B
Part
Pin #1
Vishay
logo
Date Code
TDP16XX
C
D
E
F
G
H
J
M
L
K
DIMENSION
INCHES
MM
A
0.755
19.18
B
0.250
6.35
C
0.025
0.64
D
0.100
2.54
E0.018
0.46
F
0.060
1.52
G
0.025
0.64
H
0.190
4.83
J
0.130
3.30
K
0.320
8.13
L
0.310
7.87
M
0.010
0.25


Similar Part No. - TDP

ManufacturerPart #DatasheetDescription
logo
C&K Components
TDP CK-COMPONENTS-TDP Datasheet
195Kb / 3P
   Half-pitch Side-Actuated DIP Switches
logo
Delta Electronics, Inc.
TDP DELTA-TDP Datasheet
684Kb / 1P
   HIGH PERFORMANCE 3-PHASE 3-WIRE PLASTIC CASE FILTERS
logo
C&K Components
TDP CK-COMPONENTS-TDP Datasheet
326Kb / 3P
   Ultra-miniature Surface Mount Half-pitch Side-Actuated DIP Switches
logo
Vishay Siliconix
TDP VISHAY-TDP Datasheet
91Kb / 4P
   Molded, Dual-In-Line Thin Film Resistor, Through-Hole Network
07-Apr-2021
logo
Mini-Circuits
TDP-112-75 MINI-TDP-112-75 Datasheet
500Kb / 3P
   Diplexer
REV.A
More results

Similar Description - TDP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
MDP45 VISHAY-MDP45_17 Datasheet
97Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 29-Nov-13
MDP45 VISHAY-MDP45 Datasheet
276Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 28-Jul-06
MDP01 VISHAY-MDP01_17 Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 12-Sep-13
MDP1645 VISHAY-MDP1645 Datasheet
89Kb / 2P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision 08-Sep-04
VSOR2000S1 VISHAY-VSOR2000S1 Datasheet
235Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 15-May-07
RMKMS VISHAY-RMKMS Datasheet
240Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 02-May-07
MDRC VISHAY-MDRC Datasheet
330Kb / 5P
   Resistor/Capacitor Networks, Dual-In-Line, Molded DIP, 16 Pin
Revision: 09-Jan-07
logo
Vaishali Semiconductor
MDRC VAISH-MDRC Datasheet
139Kb / 5P
   Resistor/Capacitor Networks, Dual-In-Line, Molded DIP, 16 Pin
logo
Vishay Siliconix
WOMC VISHAY-WOMC Datasheet
106Kb / 4P
   Molded, 50 Mil Pitch, Dual In-Line Resistor Networks, Wide Body
Revision: 10-May-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com