Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX85C5V6 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BZX85C5V6
Description  Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX85C5V6 Datasheet(HTML) 3 Page - Vishay Siliconix

  BZX85C5V6 Datasheet HTML 1Page - Vishay Siliconix BZX85C5V6 Datasheet HTML 2Page - Vishay Siliconix BZX85C5V6 Datasheet HTML 3Page - Vishay Siliconix BZX85C5V6 Datasheet HTML 4Page - Vishay Siliconix BZX85C5V6 Datasheet HTML 5Page - Vishay Siliconix BZX85C5V6 Datasheet HTML 6Page - Vishay Siliconix BZX85C5V6 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BZX85-Series
Document Number 85607
Rev. 1.8, 31-May-07
Vishay Semiconductors
www.vishay.com
3
Electrical Characteristics
1) Measured with pulses t
p = 5 ms
2) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case
3) Measured with f = 1 kHz
Partnumber
Zener Voltage
Range1)
Dynamic Resistance
Temperature
Coefficient
of
Zener Voltage
Reverse Leakage
Current
Admissible Zener
Current2)
VZ at IZT
rZT
3)
at IZT
rZK
3)
at IZK
α
VZ at IZ = IZT
at IR
at VR
IZ
V
Ω
mA
Ω
mA
%/°C
µA
V
mA
min
max
min
max
BZX85B2V7
2.64
2.76
< 20
80
< 400
1
- 0.08
- 0.05
< 150
1
360
BZX85B3V0
2.94
3.06
< 20
80
< 400
1
- 0.08
- 0.05
< 100
1
330
BZX85B3V3
2.24
3.36
< 20
80
< 400
1
- 0.08
- 0.05
< 40
1
300
BZX85B3V6
3.53
3.67
< 20
60
< 500
1
- 0.08
- 0.05
< 20
1
290
BZX85B3V9
3.82
3.98
< 15
60
< 500
1
- 0.07
- 0.02
< 10
1
280
BZX85B4V3
4.21
4.39
< 13
50
< 500
1
- 0.05
0.01
< 3
1
250
BZX85B4V7
4.61
4.79
< 13
45
< 600
1
- 0.03
0.04
< 3
1
215
BZX85B5V1
5
5.2
< 10
45
< 500
1
- 0.01
0.04
< 1
1.5
200
BZX85B5V6
5.49
5.71
< 7
45
< 400
1
0
0.045
< 1
2
190
BZX85B6V2
6.08
6.32
< 4
35
< 300
1
0.01
0.055
< 1
3
170
BZX85B6V8
6.66
6.94
< 3.5
35
< 300
1
0.015
0.06
< 1
4
155
BZX85B7V5
7.35
7.65
< 3
35
< 200
0.5
0.02
0.065
< 1
4.5
140
BZX85B8V2
8.04
8.36
< 5
25
< 200
0.5
0.03
0.07
< 1
6.2
130
BZX85B9V1
8.92
9.28
< 5
25
< 200
0.5
0.035
0.075
< 1
6.8
120
BZX85B10
9.8
10.2
< 7
25
< 200
0.5
0.04
0.08
< 0.5
7.5
105
BZX85B11
10.8
11.2
< 8
20
< 300
0.5
0.045
0.08
< 0.5
8.2
97
BZX85B12
11.8
12.2
< 9
20
< 350
0.5
0.045
0.085
< 0.5
9.1
88
BZX85B13
12.7
13.3
< 10
20
< 400
0.5
0.05
0.085
< 0.5
10
79
BZX85B15
14.7
15.3
< 15
15
< 500
0.5
0.055
0.09
< 0.5
11
71
BZX85B16
15.7
16.3
< 15
15
< 500
0.5
0.055
0.09
< 0.5
12
66
BZX85B18
17.6
18.4
< 20
15
< 500
0.5
0.06
0.09
< 0.5
13
62
BZX85B20
19.6
20.4
< 24
10
< 600
0.5
0.06
0.09
< 0.5
15
56
BZX85B22
21.6
22.4
< 25
10
< 600
0.5
0.06
0.095
< 0.5
16
52
BZX85B24
23.5
24.5
< 25
10
< 600
0.5
0.06
0.095
< 0.5
18
47
BZX85B27
26.5
27.5
< 30
8
< 750
0.25
0.06
0.095
< 0.5
20
41
BZX85B30
29.4
30.6
< 30
8
< 1000
0.25
0.06
0.095
< 0.5
22
36
BZX85B33
32.3
33.7
< 35
8
< 1000
0.25
0.06
0.095
< 0.5
24
33
BZX85B36
35.3
36.7
< 40
8
< 1000
0.25
0.06
0.095
< 0.5
27
30
BZX85B39
38.2
39.8
< 50
6
< 1000
0.25
0.06
0.095
< 0.5
30
28
BZX85B43
42.1
43.9
< 50
6
< 1000
0.25
0.06
0.095
< 0.5
33
26
BZX85B47
46.1
47.9
< 90
4
< 1500
0.25
0.06
0.095
< 0.5
36
23
BZX85B51
50
52
< 115
4
< 1500
0.25
0.06
0.095
< 0.5
39
21
BZX85B56
54.9
57.1
< 120
4
< 2000
0.25
0.06
0.095
< 0.5
43
19
BZX85B62
60.8
63.2
< 125
4
< 2000
0.25
0.06
0.095
< 0.5
47
16
BZX85B68
66.6
69.4
< 130
4
< 2000
0.25
0.055
0.095
< 0.5
51
15
BZX85B75
73.5
76.5
< 135
4
< 2000
0.25
0.055
0.095
< 0.5
56
14
BZX85B82
80.4
83.6
< 200
2.7
< 3000
0.25
0.055
0.095
< 0.5
62
12
BZX85B91
89.2
92.8
< 250
2.7
< 3000
0.25
0.055
0.095
< 0.5
68
10
BZX85B100
98
102
< 350
2.7
< 3000
0.25
0.055
0.095
< 0.5
75
9.4


Similar Part No. - BZX85C5V6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85C5V6 VISHAY-BZX85C5V6 Datasheet
58Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Taiwan Semiconductor Co...
BZX85C5V6 TSC-BZX85C5V6 Datasheet
764Kb / 3P
   1.3W,5% Tolerance Zener Diode
logo
Vishay Siliconix
BZX85C5V6 VISHAY-BZX85C5V6 Datasheet
103Kb / 6P
   Zener Diodes
Rev. 2.2, 02-Jun-14
logo
Fairchild Semiconductor
BZX85C5V6 FAIRCHILD-BZX85C5V6 Datasheet
49Kb / 3P
   Zeners
logo
Tak Cheong Electronics ...
BZX85C5V6 TAK_CHEONG-BZX85C5V6 Datasheet
289Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - BZX85C5V6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com