Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y087512R7560C9B Datasheet(PDF) 3 Page - Vishay Siliconix

Part # Y087512R7560C9B
Description  Bulk Metal® Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from ± 0.01 %
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y087512R7560C9B Datasheet(HTML) 3 Page - Vishay Siliconix

  Y087512R7560C9B Datasheet HTML 1Page - Vishay Siliconix Y087512R7560C9B Datasheet HTML 2Page - Vishay Siliconix Y087512R7560C9B Datasheet HTML 3Page - Vishay Siliconix Y087512R7560C9B Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 63087
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 27-Aug-08
3
VSH, VSC
Bulk Metal® Foil Technology Low Profile Conformally Coated High
Precision Resistor with Tight Tolerance from ± 0.01 % and Load
Life Stability of ± 0.01 % and Instantaneous Thermal Stabilization
Vishay Foil Resistors
Note
* For non-standard requests, please contact application engineering.
TABLE 3 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y090212K7560T9R (preferred part number format)
DENOTES PRECISION
VALUE
AER*
YR =
Ω
K = k
Ω
0 = standard
9 = lead (Pb)-free
1 - 999 = custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
0875 = VSH1
0902 = VSC1
0934 = VSH2
0903 = VSC2
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.10 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
B = bulk
FOR EXAMPLE: ABOVE GLOBAL ORDER Y0902 12K7560 T 9 B:
TYPE: VSC1
VALUES: 12.7560 k
Ω
ABSOLUTE TOLERANCE: 0.01 %
TERMINATION: lead (Pb)-free
PACKAGING: bulk
HISTORICAL PART NUMBER: VSC1 12K756 TCR2 T S B (will continue to be used)
VSC1
12K756
TCR2
T
S
B
MODEL
RESISTANCE VALUE
TCR
CHARACTERISTICS
TOLERANCE
TERMINATION
PACKAGING
VSH1
VSC1
VSH2
VSC2
12.756 k
Ω
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.10 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
S = lead (Pb)-free
B = tin/lead
B = bulk
9
021
K
7
5
2
Y0
T9
6
B
0


Similar Part No. - Y087512R7560C9B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Y08JS ETC1-Y08JS Datasheet
1Mb / 1P
   Y08JS SERIES
Y08JS-145A ETC1-Y08JS-145A Datasheet
1Mb / 1P
   Y08JS SERIES
Y08JS-145B ETC1-Y08JS-145B Datasheet
1Mb / 1P
   Y08JS SERIES
Y08JS-230A ETC1-Y08JS-230A Datasheet
1Mb / 1P
   Y08JS SERIES
Y08JS-230B ETC1-Y08JS-230B Datasheet
1Mb / 1P
   Y08JS SERIES
More results

Similar Description - Y087512R7560C9B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
VHP100 VISHAY-VHP100 Datasheet
96Kb / 4P
   Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
Revision: 18-Jun-07
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
1260 VISHAY-1260_10 Datasheet
362Kb / 5P
   Bulk Metal® Foil Ultra High Technology Precision Trimming Potentiometers
Revision: 24-Mar-10
logo
List of Unclassifed Man...
FLA ETC-FLA Datasheet
50Kb / 2P
   Precision Resistor (Conformally Coated)
logo
Vishay Siliconix
SMR1D VISHAY-SMR1D Datasheet
69Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 23-Dec-03
SMR3D VISHAY-SMR3D Datasheet
148Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 16-Aug-04
VSM1506 VISHAY-VSM1506 Datasheet
120Kb / 2P
   Bulk Metal Foil Technology Discrete High Precision Surface Mount Chip Resistor
Revision 17-Aug-04
300190-9 VISHAY-300190-9 Datasheet
123Kb / 4P
   Bulk Metal Foil Technology Molded Resistor Networks
Revision 18-Aug-04
200 VISHAY-200 Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 mΩ
Revision: 16-Jul-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com