Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT55B5V1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BZT55B5V1
Description  Small Signal Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZT55B5V1 Datasheet(HTML) 2 Page - Vishay Siliconix

  BZT55B5V1 Datasheet HTML 1Page - Vishay Siliconix BZT55B5V1 Datasheet HTML 2Page - Vishay Siliconix BZT55B5V1 Datasheet HTML 3Page - Vishay Siliconix BZT55B5V1 Datasheet HTML 4Page - Vishay Siliconix BZT55B5V1 Datasheet HTML 5Page - Vishay Siliconix BZT55B5V1 Datasheet HTML 6Page - Vishay Siliconix BZT55B5V1 Datasheet HTML 7Page - Vishay Siliconix BZT55B5V1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number 85637
Rev. 1.5, 10-Mar-06
BZT55-Series
Vishay Semiconductors
Electrical Characteristics
BZT55C..
1) t
p ≤ 10 ms, T/tp > 1000
*) Additionnal measurement of Voltage group 9V1 to 75 at 95 % V
zmin ≤ 35 nA at Tj 25 °C
Partnumber
Zener Voltage1)
Dynamic
Resistance
Test
Current
Temperature
Coefficient
Test
Current
Reverse Leakage Current
VZ at IZT
rzj at
IZT,
f = 1 kHz
IZT
TKVZ
IZK
IR at
Tamb
= 25°C
IR at
Tamb
= 150 °C
at VR
V
Ω
mA
%/K
mA
µA
V
min
max
min
max
BZT55C2V4
2.28
2.56
< 85
< 600
5
- 0.09
- 0.06
1
< 50
< 100
1
BZT55C2V7
2.5
2.9
< 85
< 600
5
- 0.09
- 0.06
1
< 10
< 50
1
BZT55C3V0
2.8
3.2
< 90
< 600
5
- 0.08
- 0.05
1
< 4
< 40
1
BZT55C3V3
3.1
3.5
< 90
< 600
5
- 0.08
- 0.05
1
< 2
< 40
1
BZT55C3V6
3.4
3.8
< 90
< 600
5
- 0.08
- 0.05
1
< 2
< 40
1
BZT55C3V9
3.7
4.1
< 90
< 600
5
- 0.08
- 0.05
1
< 2
< 40
1
BZT55C4V3
4
4.6
< 90
< 600
5
- 0.06
- 0.03
1
< 1
< 20
1
BZT55C4V7
4.4
5
< 80
< 600
5
- 0.05
0.02
1
< 0.5
< 10
1
BZT55C5V1
4.8
5.4
< 60
< 550
5
- 0.02
0.02
1
< 0.1
< 2
1
BZT55C5V6
5.2
6
< 40
< 450
5
- 0.05
0.05
1
< 0.1
< 2
1
BZT55C6V2
5.8
6.6
< 10
< 200
5
0.03
0.06
1
< 0.1
< 2
2
BZT55C6V8
6.4
7.2
< 8
< 150
5
0.03
0.07
1
< 0.1
< 2
3
BZT55C7V5
7
7.9
< 7
< 50
5
0.03
0.07
1
< 0.1
< 2
5
BZT55C8V2
7.7
8.7
< 7
< 50
5
0.03
0.08
1
< 0.1
< 2
6.2
BZT55C9V1 *
8.5
9.6
< 10
< 50
5
0.03
0.09
1
< 0.1
< 2
6.8
BZT55C10 *
9.4
10.6
< 15
< 70
5
0.03
0.1
1
< 0.1
< 2
7.5
BZT55C11 *
10.4
11.6
< 20
< 70
5
0.03
0.11
1
< 0.1
< 2
8.2
BZT55C12 *
11.4
12.7
< 20
< 90
5
0.03
0.11
1
< 0.1
< 2
9.1
BZT55C13 *
12.4
14.1
< 26
< 110
5
0.03
0.11
1
< 0.1
< 2
10
BZT55C15 *
13.8
15.6
< 30
< 110
5
0.03
0.11
1
< 0.1
< 2
11
BZT55C16 *
15.3
17.1
< 40
< 170
5
0.03
0.11
1
< 0.1
< 2
12
BZT55C18 *
16.8
19.1
< 50
< 170
5
0.03
0.11
1
< 0.1
< 2
13
BZT55C20 *
18.8
21.2
< 55
< 220
5
0.03
0.11
1
< 0.1
< 2
15
BZT55C22 *
20.8
23.3
< 55
< 220
5
0.04
0.12
1
< 0.1
< 2
16
BZT55C24 *
22.8
25.6
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
18
BZT55C27 *
25.1
28.9
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
20
BZT55C30 *
28
32
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
22
BZT55C33 *
31
35
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
24
BZT55C36 *
34
38
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
27
BZT55C39 *
37
41
< 90
< 500
2.5
0.04
0.12
0.5
< 0.1
< 5
30
BZT55C43 *
40
46
< 90
< 600
2.5
0.04
0.12
0.5
< 0.1
< 5
33
BZT55C47 *
44
50
< 110
< 700
2.5
0.04
0.12
0.5
< 0.1
< 5
36
BZT55C51 *
48
54
< 125
< 700
2.5
0.04
0.12
0.5
< 0.1
< 10
39
BZT55C56 *
52
60
< 135
< 1000
2.5
0.04
0.12
0.5
< 0.1
< 10
43
BZT55C62 *
58
66
< 150
< 1000
2.5
0.04
0.12
0.5
< 0.1
< 10
47
BZT55C68 *
64
72
< 200
< 1000
2.5
0.04
0.12
0.5
< 0.1
< 10
51
BZT55C75 *
70
79
< 250
< 1500
2.5
0.04
0.12
0.5
< 0.1
< 10
56


Similar Part No. - BZT55B5V1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT55B5V1 TSC-BZT55B5V1 Datasheet
91Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
SEMTECH ELECTRONICS LTD...
BZT55B5V1 SEMTECH_ELEC-BZT55B5V1 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Taiwan Semiconductor Co...
BZT55B5V1 TSC-BZT55B5V1 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
Vishay Siliconix
BZT55B5V1 VISHAY-BZT55B5V1 Datasheet
119Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
BZT55B5V1 VISHAY-BZT55B5V1 Datasheet
117Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
More results

Similar Description - BZT55B5V1

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com