Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA22-100RD0016 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TA22-100RD0016
Description  Single Value Chip Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TA22-100RD0016 Datasheet(HTML) 2 Page - Vishay Siliconix

  TA22-100RD0016 Datasheet HTML 1Page - Vishay Siliconix TA22-100RD0016 Datasheet HTML 2Page - Vishay Siliconix TA22-100RD0016 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TA 22
Single Value Chip Resistor
Vishay Sfernice
Document Number: 60062
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 06-Oct-08
41
DIMENSIONS
B
A
D
C
E
DIMENSION
INCHES
MILLIMETERS
A
0.021 ± 0.002
0.55 ± 0.10
B
0.021 ± 0.002
0.55 ± 0.10
C
0.004
0.10
D
0.004
0.10
E
0.015
0.40 maximum
MECHANICAL SPECIFICATIONS
Resistive element
Tantalum Nitride
Passivation
Tantalum Pentoxide (Autopassivation)
Substrate material
Standard Silicon
Bonding pads
Aluminum
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: TA22-100KD0016 (preferred part number format)
GLOBAL MODEL
VALUE
TOLERANCE
OPTION
Decimal
R, K or M
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
leave blank
if no option
Historical Part Number example: TA22 10K 0.5 % R0016 (will continue to be accepted)
TA22
10K
0.5 %
R0016
HISTORICAL MODEL
VALUE
TOLERANCE
OPTION
-1
0
0
K
D
0
6
2
T
2
A
01


Similar Part No. - TA22-100RD0016

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TA22-100RD0016 VISHAY-TA22-100RD0016 Datasheet
82Kb / 3P
   Single Value Chip Resistor
Revision: 27-Mar-14
More results

Similar Description - TA22-100RD0016

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TA22 VISHAY-TA22 Datasheet
82Kb / 3P
   Single Value Chip Resistor
Revision: 27-Mar-14
RSK22N VISHAY-RSK22N Datasheet
85Kb / 3P
   Single Value Chip Resistor
Revision: 06-Oct-08
CS22 VISHAY-CS22 Datasheet
84Kb / 3P
   Single Value Chip Resistor
Revision: 21-Nov-13
RSK22N VISHAY-RSK22N_15 Datasheet
73Kb / 3P
   Precision Wirebondable Single Value Thin Film Chip Resistor
Revision: 11-Nov-15
logo
List of Unclassifed Man...
HTC210M ETC-HTC210M Datasheet
125Kb / 1P
   Low Value Flat Chip Resistor
LQW2BHN6N8D03L ETC2-LQW2BHN6N8D03L Datasheet
469Kb / 2P
   Low Value Flat Chip Resistor
logo
Panasonic Semiconductor
ERJM1W PANASONIC-ERJM1W Datasheet
148Kb / 11P
   Low Resistance Value Chip Resistor
logo
TT Electronics.
LRC-LR1206LF-01 TTELEC-LRC-LR1206LF-01 Datasheet
571Kb / 2P
   Low Value Flat Chip Resistor
logo
Bi technologies
LR2010-R10FW BITECH-LR2010-R10FW Datasheet
344Kb / 2P
   Low Value Flat Chip Resistor
logo
Welwyn Components Limit...
LRC WELWYN-LRC Datasheet
105Kb / 2P
   Low Value Flat Chip Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com