Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ1210A1R8FXJAT68 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VJ1210A1R8FXJAT68
Description  Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ1210A1R8FXJAT68 Datasheet(HTML) 5 Page - Vishay Siliconix

  VJ1210A1R8FXJAT68 Datasheet HTML 1Page - Vishay Siliconix VJ1210A1R8FXJAT68 Datasheet HTML 2Page - Vishay Siliconix VJ1210A1R8FXJAT68 Datasheet HTML 3Page - Vishay Siliconix VJ1210A1R8FXJAT68 Datasheet HTML 4Page - Vishay Siliconix VJ1210A1R8FXJAT68 Datasheet HTML 5Page - Vishay Siliconix VJ1210A1R8FXJAT68 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.vishay.com
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45045
122
Revision: 20-Feb-08
VJ High Rel C0G (NP0)
Vishay Vitramon Surface Mount Multilayer Ceramic Chip Capacitors
for High Reliability Applications
Notes:
(1) Vishay Vitramon uses embossed plastic carrier tape
(2) REFERENCE: EIA Standard RS 481 - “Taping of Surface Mount Components for Automatic Placement”
(3 )N/a = Not available
(4) Packaging “C/P” and “T/R” depend on product thickness
HIGH REL C0G (NP0) DIELECTRIC - TYPICAL PARAMETERS
STANDARD PACKAGING QUANTITIES (1) (2) (3)
7" REEL
QUANTITIES
11 1/4" AND 13" REEL QUANTITIES
BULK QUANTITIES
BODY
SIZE
TAPE
SIZE
PAPER TAPE
PACKAGING
CODE “C”
PLASTIC TAPE
PACKAGING
CODE “T”
PAPER TAPE
PACKAGING
CODE “P”
PLASTIC TAPE
PACKAGING
CODE “R”
VIAL
PACKAGING
CODE “B”
WAFFLE
PACKAGING
CODE “W”
0402
8 mm
5000
N/a
10 000
N/a
5000
N/a
0603
8 mm
4000
N/a
10 000
N/a
5000
N/a
0805 (4)
8 mm
3000
3000
10 000
10 000
5000
N/a
1206
8 mm
N/a
3000
N/a
10 000
5000
N/a
1210
8 mm
N/a
3000
N/a
10 000
5000
N/a
1808
12 mm
N/a
3000
N/a
10 000
1000
N/a
1812
12 mm
N/a
1000
N/a
5000
1000
N/a
1825
12 mm
N/a
1000
N/a
5000
1000
1000
2220
12 mm
N/a
1000
N/a
5000
N/a
1000
2225
12 mm
N/a
1000
N/a
5000
N/a
1000
- 75 - 50
- 25
0
255075
100 125
2.0
1.5
1.0
0.5
0.0
- 0.5
- 1.0
- 1.5
- 2.0
TEMPERATURE COEFFICIENT OF CAPACITANCE
NP0
TEMPERATURE
°C
TEMPERATURE
°C
MINIMUM INSULATION
RESISTANCE VS. TEMPERATURE
10
25
100 125
10 000
1000
100
10
AGING RATE - NP0
HOURS
110
100
1000
10 000
0.2
0.1
0.0
- 0.1
- 0.2
0
100 200 300
400 500
600 700
800 900 1000
10
0
- 20
- 30
VOLTAGE COEFFICIENT OF CAPACITANCE - 1000 V RATED
DC VOLTS APPLIED
- 10
20
30


Similar Part No. - VJ1210A1R8FXJAT68

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1210A1R8BFAAT VISHAY-VJ1210A1R8BFAAT Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
VJ1210A1R8BFXAT VISHAY-VJ1210A1R8BFXAT Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
VJ1210A1R8BXAAT VISHAY-VJ1210A1R8BXAAT Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
VJ1210A1R8BXXAT VISHAY-VJ1210A1R8BXXAT Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
VJ1210A1R8CFAAT VISHAY-VJ1210A1R8CFAAT Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
More results

Similar Description - VJ1210A1R8FXJAT68

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJHI-REL VISHAY-VJHI-REL Datasheet
135Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 15-May-12
VJHI-REL VISHAY-VJHI-REL_V01 Datasheet
173Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
01-Jan-2023
VJ0603 VISHAY-VJ0603 Datasheet
308Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Revision 20-Feb-08
VJX8R VISHAY-VJX8R Datasheet
84Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 11-Nov-08
VJX8R VISHAY-VJX8R_11 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 08-Aug-11
VJX8R VISHAY-VJX8R_14 Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 26-Aug-14
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402Y102KXAAC31 VISHAY-VJ0402Y102KXAAC31 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com