Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P10LXXSI503MB4 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # P10LXXSI503MB4
Description  Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P10LXXSI503MB4 Datasheet(HTML) 2 Page - Vishay Siliconix

  P10LXXSI503MB4 Datasheet HTML 1Page - Vishay Siliconix P10LXXSI503MB4 Datasheet HTML 2Page - Vishay Siliconix P10LXXSI503MB4 Datasheet HTML 3Page - Vishay Siliconix P10LXXSI503MB4 Datasheet HTML 4Page - Vishay Siliconix P10LXXSI503MB4 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51057
2
Revision: 10-Dec-07
P10L
Vishay Sfernice
Long Life Potentiometer - 500 000 Cycles
Miniature - Cermet - Fully Sealed
ELECTRICAL SPECIFICATIONS
Resistive Element
CERMET
Electrical Travel
250° ± 15°
Standard Resistance Values
1 k
Ω - 5 kΩ - 10 kΩ - 50 kΩ
Tolerance
20 % - 10 % on request
Varation Law
Linear
A
Power Rating
0.1 W at 70 °C
Standard Resistance Element Data
Resistance
Value
Max. Power
at 70 °C
Max. Working
Voltage
(k
Ω)(W)
(V)
10.1
10
5
0.1
22.3
10
0.1
31.6
50
0.1
70.7
Temperature Coefficient (Typical)
± 150 ppm/°C
Limiting Element Voltage
75 V
Contact Resistance Variation
1 % Rn or 2
Ω
End Resistance (Typical)
1
Ω
Dielectric Strength (RMS)
1000 V
Insulation Resistance (300 VDC)
106 M
Ω
Independent Linearity (Typical)
± 5 %
a
(1)
b
(2)
c
(3)
cw
CIRCUIT DIAGRAM
% CLOCKWISE SHAFT ROTATION
0
20
40
60
80
100
0
20
40
60
80
100
A
AMBIENT TEMPERATURE IN °C
0
20
40
60 70 80
100
120
140
0
0.1
LIN. LAW “A”


Similar Part No. - P10LXXSI503MB4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P10LXXAG102KB4 VISHAY-P10LXXAG102KB4 Datasheet
86Kb / 5P
   Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
01-Jan-2022
P10LXXAG102MB4 VISHAY-P10LXXAG102MB4 Datasheet
105Kb / 5P
   Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
Revision: 04-Jul-17
P10LXXAG102MB4 VISHAY-P10LXXAG102MB4 Datasheet
86Kb / 5P
   Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
01-Jan-2022
P10LXXAG103KB4 VISHAY-P10LXXAG103KB4 Datasheet
86Kb / 5P
   Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
01-Jan-2022
P10LXXAG103MB4 VISHAY-P10LXXAG103MB4 Datasheet
86Kb / 5P
   Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
01-Jan-2022
More results

Similar Description - P10LXXSI503MB4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P10L VISHAY-P10L_V01 Datasheet
86Kb / 5P
   Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
01-Jan-2022
P30L VISHAY-P30L Datasheet
133Kb / 5P
   Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
Revision: 04-Sep-08
P30L VISHAY-P30L_V01 Datasheet
150Kb / 6P
   Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
01-Jan-2022
P11L VISHAY-P11L Datasheet
216Kb / 13P
   Long Life Cermet Potentiometer 2 Million Cycles
Revision: 04-Jul-17
P11L VISHAY-P11L_V01 Datasheet
185Kb / 13P
   Long Life Cermet Potentiometer 2 Million Cycles
01-Jan-2022
P13L VISHAY-P13L_V01 Datasheet
143Kb / 6P
   Long Life Cermet Potentiometer up to 2 Million Cycles
01-Jan-2022
P13L VISHAY-P13L Datasheet
152Kb / 7P
   Long Life Cermet Potentiometer up to 2 Million Cycles
Revision: 04-Jul-17
P10 VISHAY-P10_17 Datasheet
105Kb / 5P
   3/8" Square Panel Potentiometer Miniature - Cermet - Fully Sealed
Revision: 04-Jul-17
P12 VISHAY-P12_17 Datasheet
144Kb / 6P
   Fully Sealed Container Cermet Potentiometer
Revision: 04-Jul-17
P13 VISHAY-P13_17 Datasheet
137Kb / 7P
   Fully Sealed Container Cermet Potentiometer
Revision: 04-Jul-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com