Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C43-V Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BZT52C43-V
Description  Small Signal Zener Diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZT52C43-V Datasheet(HTML) 1 Page - Vishay Siliconix

  BZT52C43-V Datasheet HTML 1Page - Vishay Siliconix BZT52C43-V Datasheet HTML 2Page - Vishay Siliconix BZT52C43-V Datasheet HTML 3Page - Vishay Siliconix BZT52C43-V Datasheet HTML 4Page - Vishay Siliconix BZT52C43-V Datasheet HTML 5Page - Vishay Siliconix BZT52C43-V Datasheet HTML 6Page - Vishay Siliconix BZT52C43-V Datasheet HTML 7Page - Vishay Siliconix BZT52C43-V Datasheet HTML 8Page - Vishay Siliconix BZT52C43-V Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BZT52-V-Series
Document Number 85760
Rev. 1.5, 21-Apr-05
Vishay Semiconductors
www.vishay.com
1
17431
Small Signal Zener Diodes
Features
• Silicon Planar Power Zener Diodes
• These diodes are also available in other
case styles and other configurations
including: the SOT-23 case with type des-
ignation BZX84 series, the dual zener diode com-
mon anode configuration in the SOT-23 case with
type designation AZ23 series and the dual zener
diode common cathode configuration in the SOT-
23 case with type designation DZ23 series.
• The Zener voltages are graded according to the
international E 24 standard.
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Mechanical Data
Case: SOD-123 Plastic case
Weight: approx. 9.3 mg
Packaging Codes/Options:
GS18 / 10 k per 13 " reel (8 mm tape), 10 k/box
GS08 / 3 k per 7 " reel (8 mm tape), 15 k/box
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1) Diode on ceramic substrate 0.7 mm; 2.5 mm2 pad areas
2) Diode on ceramic substrate 0.7 mm; 5 mm2 pad areas
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) Valid provided that electrodes are kept at ambient temperature
Parameter
Test condition
Symbol
Value
Unit
Zener current see table "
Characteristics "
Power dissipation
Ptot
5002)
mW
Power dissipation
Ptot
4101)
mW
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to
ambient air
RthJA
3001)
°C/W
Junction temperature
TJ
150
°C
Storage temperature range
TS
- 65 to + 150
°C
e3


Similar Part No. - BZT52C43-V

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C43-7 DIODES-BZT52C43-7 Datasheet
50Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30363 Rev. 2 - 2
BZT52C43-7-F DIODES-BZT52C43-7-F Datasheet
73Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30363 Rev. 9 - 2
logo
TAITRON Components Inco...
BZT52C43-F TAITRON-BZT52C43-F Datasheet
212Kb / 4P
   410mW Two Terminals SMD Zener Diodes
logo
Taiwan Semiconductor Co...
BZT52C43-G TSC-BZT52C43-G Datasheet
99Kb / 4P
   5% Zener Voltage Tolerance Zener Diode
logo
Micro Commercial Compon...
BZT52C43-TP MCC-BZT52C43-TP Datasheet
208Kb / 3P
   500 mW Zener Diode 2.4 to 43 Volts
More results

Similar Description - BZT52C43-V

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com