Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y087512R7560Q9B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # Y087512R7560Q9B
Description  Bulk Metal® Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from ± 0.01 %
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y087512R7560Q9B Datasheet(HTML) 1 Page - Vishay Siliconix

  Y087512R7560Q9B Datasheet HTML 1Page - Vishay Siliconix Y087512R7560Q9B Datasheet HTML 2Page - Vishay Siliconix Y087512R7560Q9B Datasheet HTML 3Page - Vishay Siliconix Y087512R7560Q9B Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 63087
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 27-Aug-08
1
VSH, VSC
Vishay Foil Resistors
Bulk Metal® Foil Technology Low Profile Conformally Coated High
Precision Resistor with Tight Tolerance from ± 0.01 % and Load Life
Stability of ± 0.01 % and Instantaneous Thermal Stabilization
Vishay Foil Resistors are manufactured with any resistance
value within given resistance range (e.g. 1 k
Ω or 1.1234 kΩ)
INTRODUCTION
Bulk Metal® Foil (BMF) technology out-performs all other
resistor technologies available today for applications that
require high precision and high stability, and allows
production of customer oriented products designed to satisfy
challenging and specific technical requirements.
The BMF provides an inherently low and predictable
Temperature Coefficient of Resistance (TCR) and excellent
load life stability for high precision analog applications.
Model VSH offers low TCR, excellent load life stability, tight
tolerance, excellent shelf life stability, low current noise and
low voltage coefficient, all in the same resistor.
Our application engineering department is available to
advise and make recommendations. For non-standard
technical requirements and special applications, please
contact us using the e-mail address in the footer below.
FEATURES
• Temperature coefficient of resistance (TCR):
± 2.0 ppm/°C typical (- 55 °C to + 125 °C,
+ 25 °C ref.) (see table 1)
• Tolerance: to ± 0.01 %
• Power rating: to 300 mW at + 70 °C
• Load life stability: to ± 0.01 % at 70 °C, 2000 h at rated power
• Resistance range: 5 Ω to 120 kΩ (for higher and lower
values, please contact us)
• Instantaneous thermal stabilization
• Electrostatic discharge (ESD) above 25 000 V
• Short time overload: ≤ 0.01 %
• Maximum working voltage: 300 V
• Non inductive, non capacitive design
• Rise time: 1 ns without ringing
• Current noise: < - 42 dB
• Voltage coefficient < 0.1 ppm/V
• Non inductive: < 0.08 µH
• Non hot spot design
• Terminal finishes available:
lead (Pb)-free
tin/lead alloy
• Matched sets are available per request
• Any value available within resistance range (e.g. 1K2345)
• Prototype samples available from 72 h. For more
information, please contact foil@vishay.com
For better performances please review Z201 and S102C
Series datasheets
APPLICATIONS
• Automatic test equipment (ATE)
• High precision instrumentation
• Laboratory, industrial and medical
• Audio
• EB applications (electron beam scanning and recording
equipment, electron microscopes)
• Commercial aviation
• Airborne
• Down hole instrumentation
• Communication
Note
1.
Letters H and C indicate a difference in lead spacing and -2 is an extension range
RoHS
COMPLIANT
FIGURE 1 - STANDARD IMPRINTING AND DIMENSIONS in millimeters (inches)
LH
T
LS
VSH1
5.8 ± 0.5
(0.228 ± 0.02)
5.5 ± 1
(0.216 ± 0.04)
2.2 ± 0.5
(0.086 ± 0.02)
5.08 ± 0.25
(0.200 ± 0.01)
VSC1
3.81 ± 0.25
(0.150 ± 0.01)
VSH2
6.7 ± 0.5
(0.263 ± 0.02)
8 ± 1
(0.315 ± 0.04)
2.78 ± 0.5
(0.110 ± 0.02)
5.08 ± 0.25
(0.200 ± 0.01)
VSC2
3.81 ± 0.25
(0.150 ± 0.01)
VSH1
9220
10K0
T TCR
RESISTANCE VALUE CODE
TOLERANCE
SYMBOL
T
H
25.4
(1.0 min.)
LS
L
DATE CODE
92
20
YEAR WEEK
LEAD MATERIAL #22 AWG (0.025 DIAMETER)
SOLDER COATED COPPER


Similar Part No. - Y087512R7560Q9B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Y08JS ETC1-Y08JS Datasheet
1Mb / 1P
   Y08JS SERIES
Y08JS-145A ETC1-Y08JS-145A Datasheet
1Mb / 1P
   Y08JS SERIES
Y08JS-145B ETC1-Y08JS-145B Datasheet
1Mb / 1P
   Y08JS SERIES
Y08JS-230A ETC1-Y08JS-230A Datasheet
1Mb / 1P
   Y08JS SERIES
Y08JS-230B ETC1-Y08JS-230B Datasheet
1Mb / 1P
   Y08JS SERIES
More results

Similar Description - Y087512R7560Q9B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
VHP100 VISHAY-VHP100 Datasheet
96Kb / 4P
   Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
Revision: 18-Jun-07
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
1260 VISHAY-1260_10 Datasheet
362Kb / 5P
   Bulk Metal® Foil Ultra High Technology Precision Trimming Potentiometers
Revision: 24-Mar-10
logo
List of Unclassifed Man...
FLA ETC-FLA Datasheet
50Kb / 2P
   Precision Resistor (Conformally Coated)
logo
Vishay Siliconix
SMR1D VISHAY-SMR1D Datasheet
69Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 23-Dec-03
SMR3D VISHAY-SMR3D Datasheet
148Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 16-Aug-04
VSM1506 VISHAY-VSM1506 Datasheet
120Kb / 2P
   Bulk Metal Foil Technology Discrete High Precision Surface Mount Chip Resistor
Revision 17-Aug-04
300190-9 VISHAY-300190-9 Datasheet
123Kb / 4P
   Bulk Metal Foil Technology Molded Resistor Networks
Revision 18-Aug-04
200 VISHAY-200 Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 mΩ
Revision: 16-Jul-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com