Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C13-V Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BZT52C13-V
Description  Small Signal Zener Diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZT52C13-V Datasheet(HTML) 3 Page - Vishay Siliconix

  BZT52C13-V Datasheet HTML 1Page - Vishay Siliconix BZT52C13-V Datasheet HTML 2Page - Vishay Siliconix BZT52C13-V Datasheet HTML 3Page - Vishay Siliconix BZT52C13-V Datasheet HTML 4Page - Vishay Siliconix BZT52C13-V Datasheet HTML 5Page - Vishay Siliconix BZT52C13-V Datasheet HTML 6Page - Vishay Siliconix BZT52C13-V Datasheet HTML 7Page - Vishay Siliconix BZT52C13-V Datasheet HTML 8Page - Vishay Siliconix BZT52C13-V Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BZT52-V-Series
Document Number 85760
Rev. 1.5, 21-Apr-05
Vishay Semiconductors
www.vishay.com
3
Electrical Characteristics
IZT1 = 5 mA, IZT2 = 1 mA
1) Measured with pulses T
p = 5 ms
2) = I
ZT1 = 2.5 mA
3) = I
ZT2 = 0.5 mA
4) Valid provided that electrodes are kept at ambient temperature.
Partnumber
Marking
Code
Zener Voltage
Range1)
Dynamic Resistance
Test
Current
Temp.
Coefficient
Reverse
Voltage
Admissible Zener
Current4)
VZ @ IZT1
rzj @ IZT1
rzj @ IZT2
IZT1
@ IZT1
VR @ IR
=
100 nA,
IZ @
Tamb =
45 °C,
IZ @
Tamb =
25 °C,
V
mA
α
VZ
(10-4/°C)
V
mA
min
max
BZT52B2V4-V
W1
2.35
2.45
85
600
5
- 9 to - 4
-
-
-
BZT52B2V7-V
W2
2.65
2.75
75 (< 83)
< 500
5
- 9 to - 4
-
113
134
BZT52B3V0-V
W3
2.94
3.06
80 (< 95)
< 500
5
- 9 to - 3
-
98
118
BZT52B3V3-V
W4
3.23
3.37
80 (< 95)
< 500
5
- 8 to - 3
-
92
109
BZT52B3V6-V
W5
3.53
3.67
80 (< 95)
< 500
5
- 8 to - 3
-
85
100
BZT52B3V9-V
W6
3.82
3.98
80 (< 95)
< 500
5
- 7 to - 3
-
77
92
BZT52B4V3-V
W7
4.21
4.39
80 (< 95)
< 500
5
- 6 to - 1
-
71
84
BZT52B4V7-V
W8
4.61
4.79
70 (< 78)
< 500
5
- 5 to + 2
-
64
76
BZT52B5V1-V
W9
5
5.2
30 (< 60)
< 480
5
- 3 to + 4
> 0.8
56
67
BZT52B5V6-V
WA
5.49
5.71
10 (< 40)
< 400
5
- 2 to + 6
> 1
50
59
BZT52B6V2-V
WB
6.08
6.32
4.8 (< 10)
< 200
5
- 1 to + 7
> 2
45
54
BZT52B6V8-V
WC
6.66
6.94
4.5 (< 8)
< 150
5
+ 2 to + 7
> 3
41
49
BZT52B7V5-V
WD
7.35
7.65
4 (< 7)
< 50
5
+ 3 to + 7
> 5
37
44
BZT52B8V2-V
WE
8.04
8.36
4.5 (< 7)
< 50
5
+ 4 to + 7
> 6
34
40
BZT52B9V1-V
WF
8.92
9.28
4.8 (< 10)
< 50
5
+ 5 to + 8
> 7
30
36
BZT52B10-V
WG
9.8
10.2
5.2 (< 15)
< 70
5
+ 5 to + 8
> 7.5
28
33
BZT52B11-V
WH
10.8
11.2
6 (< 20)
< 70
5
+ 5 to + 9
> 8.5
25
30
BZT52B12-V
WI
11.8
12.2
7 (< 20)
< 90
5
+ 6 to + 9
> 9
23
28
BZT52B13-V
WK
12.7
13.3
9 (< 25)
< 110
5
+ 7 to + 9
> 10
21
25
BZT52B15-V
WL
14.7
15.3
11 (< 30)
< 110
5
+ 7 to + 9
> 11
19
23
BZT52B16-V
WM
15.7
16.3
13 (< 40)
< 170
5
+ 8 to + 9.5
> 12
17
20
BZT52B18-V
WN
17.6
18.4
18 (< 50)
< 170
5
+ 8 to + 9.5
> 14
15
18
BZT52B20-V
WO
19.6
20.4
20 (< 50)
< 220
5
+ 8 to + 10
> 15
14
17
BZT52B22-V
WP
21.6
22.4
25 (< 55)
< 220
5
+ 8 to + 10
> 17
13
16
BZT52B24-V
WR
23.5
24.5
28 (< 80)
< 220
5
+ 8 to + 10
> 18
11
13
BZT52B27-V
WS
26.5
27.5
30 (< 80)
< 250
5
+ 8 to + 10
> 20
10
12
BZT52B30-V
WT
29.4
30.6
35 (< 80)
< 250
5
+ 8 to + 10
> 22.5
9
10
BZT52B33-V
WU
32.3
33.7
40 (< 80)
< 250
5
+ 8 to + 10
> 25
8
9
BZT52B36-V
WW
35.3
36.7
40 (< 90)
< 250
5
+ 8 to + 10
> 27
8
9
BZT52B39-V
WX
38.2
39.8
50 (< 90)
< 300
5
+ 10 to + 12
> 29
7
8
BZT52B43-V
WY
42.1
43.9
60 (< 100)
< 700
5
+ 10 to + 12
> 32
6
7
BZT52B47-V
WZ
46.1
47.9
70 (< 100)
< 750
5
+ 10 to + 12
> 35
5
6
BZT52B51-V
X1
50
52
70 (< 100)
< 750
5
+ 10 to + 12
> 38
5
6
BZT52B56-V
X2
54.9
57.1
< 135(2)
< 1000(3)
2.5
typ. + 10(2)
--
-
BZT52B62-V
X3
60.8
63.2
< 150(2)
< 1000(3)
2.5
typ. + 10(2)
--
-
BZT52B68-V
X4
66.6
69.4
< 200(2)
< 1000(3)
2.5
typ. + 10(2)
--
-
BZT52B75-V
X5
73.5
76.5
< 250(2)
< 1500(3)
2.5
typ. + 10(2)
--
-


Similar Part No. - BZT52C13-V

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C13-7 DIODES-BZT52C13-7 Datasheet
73Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
BZT52C13-7-F DIODES-BZT52C13-7-F Datasheet
89Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 28 - 2
logo
TAITRON Components Inco...
BZT52C13-F TAITRON-BZT52C13-F Datasheet
212Kb / 4P
   410mW Two Terminals SMD Zener Diodes
logo
Taiwan Semiconductor Co...
BZT52C13-G TSC-BZT52C13-G Datasheet
99Kb / 4P
   5% Zener Voltage Tolerance Zener Diode
logo
Micro Commercial Compon...
BZT52C13-TP MCC-BZT52C13-TP Datasheet
208Kb / 3P
   500 mW Zener Diode 2.4 to 43 Volts
More results

Similar Description - BZT52C13-V

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com