Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH617A-1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SFH617A-1
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 째C Rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH617A-1 Datasheet(HTML) 2 Page - Vishay Siliconix

  SFH617A-1 Datasheet HTML 1Page - Vishay Siliconix SFH617A-1 Datasheet HTML 2Page - Vishay Siliconix SFH617A-1 Datasheet HTML 3Page - Vishay Siliconix SFH617A-1 Datasheet HTML 4Page - Vishay Siliconix SFH617A-1 Datasheet HTML 5Page - Vishay Siliconix SFH617A-1 Datasheet HTML 6Page - Vishay Siliconix SFH617A-1 Datasheet HTML 7Page - Vishay Siliconix SFH617A-1 Datasheet HTML 8Page - Vishay Siliconix SFH617A-1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83740
2
Rev. 1.7, 25-Jan-07
SFH617A
Vishay Semiconductors
Optocoupler, Phototransistor Output,
High Reliability, 5300 VRMS, 110 °C Rated
Notes
(1) Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum
ratings for extended periods of the time can adversely affect reliability.
(2) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP).
Fig. 1 - Permissible Power Dissipation vs. Ambient Temperature
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6.0
V
DC forward current
IF
60
mA
Surge forward current
t
≤ 10 µs
IFSM
2.5
A
Derate linearly from 25 °C
0.95
mW/°C
OUTPUT
Collector emitter voltage
VCE
70
V
Emitter collector voltage
VEC
7.0
V
Collector current
IC
50
mA
t
≤ 1.0 ms
IC
100
mA
Derate linearly from 25 °C
1.54
mW/°C
COUPLER
Isolation test voltage
between emitter and detector, refer to
climate DIN 40046, part 2, Nov. 74
VISO
5300
VRMS
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Storage temperature range
Tstg
- 55 to + 150
°C
Ambient temperature range
Tamb
- 55 to + 110
°C
Soldering temperature (2)
max. 10 s, dip soldering distance
to seating plane
≥ 1.5 mm
Tsld
260
°C
0
50
100
150
200
0
204060
80
100
120
18778
Detector
LED
Tamb - Ambient Temperature (°C)


Similar Part No. - SFH617A-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFH617A-1 ETC-SFH617A-1 Datasheet
50Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Vishay Siliconix
SFH617A-1 VISHAY-SFH617A-1 Datasheet
498Kb / 8P
   Optocoupler, High Reliability, 5300 VRMS
Rev. 1.4, 26-Oct-04
SFH617A-1 VISHAY-SFH617A-1 Datasheet
157Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 2.2, 12-Oct-12
logo
ISOCOM COMPONENTS
SFH617A-1 ISOCOM-SFH617A-1 Datasheet
69Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Vishay Siliconix
SFH617A-1 VISHAY-SFH617A-1 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rateds
01-Jan-2022
More results

Similar Description - SFH617A-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH1617A VISHAY-SFH1617A Datasheet
124Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 1.6, 25-Jan-08
SFH617A VISHAY-SFH617A_12 Datasheet
157Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 2.2, 12-Oct-12
SFH617A-1X001 VISHAY-SFH617A-1X001 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 C Rated
Rev. 2.3, 14-Jan-13
SFH617A VISHAY-SFH617A_V02 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
01-Jan-2023
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com