Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOGC20001M00Z Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SOGC20001M00Z
Description  Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SOGC20001M00Z Datasheet(HTML) 2 Page - Vishay Siliconix

  SOGC20001M00Z Datasheet HTML 1Page - Vishay Siliconix SOGC20001M00Z Datasheet HTML 2Page - Vishay Siliconix SOGC20001M00Z Datasheet HTML 3Page - Vishay Siliconix SOGC20001M00Z Datasheet HTML 4Page - Vishay Siliconix SOGC20001M00Z Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 31506
For technical questions, contact: ff2aresistors@vishay.com
www.vishay.com
Revision: 25-Aug-06
33
SOGC 01, 03, 05
Thick Film Resistor Networks, Dual-In-Line
Small Outline Molded Dip, 01, 03, 05 Schematics
Vishay Dale
DIMENSIONS in inches [millimeters]
0.105
[2.67]
0.100 [2.54]
0.010 ± 0.005
[0.254 ± 0.127]
0.406 ± 0.012
[10.31 ± 0.305]
0.028 ± 0.010
[0.711 ± 0.254] Typ.
0.008
[0.203]
0.295
[7.49]
0.045 [1.14]
Ref.
Pin 1
0.045
[1.14]
A
0.050 [1.27]
Non-Accum. Typ.
0.018 [0.457] Typ.
B
SOGC
0.006 [0.152] Max. Typ.
GLOBAL MODEL
AB
SOGC16
0.440 [11.18]
0.350 [8.89]
SOGC20
0.540 [13.72]
0.450 [11.43]
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
S0GC16
S0GC20
Package Power Rating (max. at + 70°C)
W
1.6
2.0
TC Tracking (- 55°C to + 125°C)
ppm/°C
± 50
Voltage Coefficient of Resistance:
ppm/V
< 50 typical
Maximum Operating Voltage:
VDC
50
Operating Temperature Range:
°C
- 55 to + 125
Storage Temperature Range:
°C
- 55 to + 150
MECHANICAL SPECIFICATIONS
Marking:
Model number, schematic number, value tolerance, pin 1 indicator, date code
Marking Resistance to Solvents:
Permanency testing per MIL-STD-202, Method 215
Maximum Solder Reflow Temperature:
+ 255 °C
Solderability:
Per MIL-STD-202, Method 208E
Terminals:
Copper alloy. Solder dipped terminal
Body:
Molded epoxy


Similar Part No. - SOGC20001M00Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SOGC2045DC VISHAY-SOGC2045DC Datasheet
299Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
Revision: 21-Aug-06
SOGC2045EA VISHAY-SOGC2045EA Datasheet
299Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
Revision: 21-Aug-06
SOGC2045EJ VISHAY-SOGC2045EJ Datasheet
299Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
Revision: 21-Aug-06
SOGC2045RZ VISHAY-SOGC2045RZ Datasheet
299Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
Revision: 21-Aug-06
SOGC2046DC VISHAY-SOGC2046DC Datasheet
299Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
Revision: 21-Aug-06
More results

Similar Description - SOGC20001M00Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDP16 VISHAY-MDP16 Datasheet
226Kb / 4P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision 06-Aug-02
MDP01 VISHAY-MDP01 Datasheet
302Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision: 28-Jul-06
logo
Vaishali Semiconductor
SOGC01 VAISH-SOGC01 Datasheet
156Kb / 2P
   Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
logo
Vishay Siliconix
CSC05 VISHAY-CSC05 Datasheet
195Kb / 4P
   Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
Revision 02-Aug-02
SOGC45 VISHAY-SOGC45 Datasheet
299Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
Revision: 21-Aug-06
MDM VISHAY-MDM Datasheet
134Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
Revision: 08-Jul-08
MSM VISHAY-MSM Datasheet
137Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
Revision: 25-Jul-08
MDP45 VISHAY-MDP45_17 Datasheet
97Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 29-Nov-13
MDP45 VISHAY-MDP45 Datasheet
276Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 28-Jul-06
MDP01 VISHAY-MDP01_17 Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 12-Sep-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com