Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ2225Y822 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VJ2225Y822
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Power Supply Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ2225Y822 Datasheet(HTML) 2 Page - Vishay Siliconix

  VJ2225Y822 Datasheet HTML 1Page - Vishay Siliconix VJ2225Y822 Datasheet HTML 2Page - Vishay Siliconix VJ2225Y822 Datasheet HTML 3Page - Vishay Siliconix VJ2225Y822 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions contact mlcc.specials@vishay.com
Document Number: 45032
72
Revision: 29-Sep-08
VJ RuGGed Chip
Vishay Vitramon
Surface Mount Multilayer Ceramic Chip Capacitors
for Power Supply Applications
Not for New Designs
Product Discontinuation
Note:
(1) See soldering recommendations within this data book, or visit www.vishay.com/doc?45034
SELECTION CHART
CASE TYPE
1206
1210 (1)
1812 (1)
1825 (1)
2220 (1)
2225 (1)
VOLTAGE (Vdc)
50 100 200 500 630 50 100 200 500 630 50 100 200 500 630 100 200 500 100 200 250 500 100 200 500 630
CAP.
CODE
CAP.
102
1000 pF
122
1200 pF
152
1500 pF
182
1800 pF
222
2200 pF
272
2700 pF
332
3300 pF
392
3900 pF
472
4700 pF
562
5600 pF
••
•••
682
6800 pF
••
•••
822
8200 pF
••
•••
103
10 nF
••
•••••
•••••
••••••
•••••
••
123
12 nF
••
•••••
•••••
••••••
•••••
••
153
15 nF
••
•••••
•••••
••••••
•••••
••
183
18 nF
••
•••••
•••••
••••••
•••••
••
223
22 nF
••
•••••
•••••
••••••
•••••
••
273
27 nF
••
••
••
•••••
••••••
•••••
••
333
33 nF
••
••
••
•••••
••••••
•••••
••
393
39 nF
••
••••
••••••
•••••
••
473
47 nF
••
••••
••••••
•••••
••
563
56 nF
••
••
••••••
•••••
••
683
68 nF
••
••
••••••
•••••
••
823
82 nF
••
••
••••••
•••••
••
104
0.1 µF
••
••
••••••
•••••
••
124
0.12 µF
••
••
•••
•••••
••
154
0.15 µF
••
••
•••
•••••
••
184
0.18 µF
••
••
••
•••
•••••
••
224
0.22 µF
•••
•••••
••
274
0.27 µF
••
••
•••
334
0.33 µF
••
••
•••
394
0.39 µF
••
••
•••
474
0.47 µF
••
••
•••
564
0.56 µF
•••
684
0.68 µF
•••
824
0.82 µF
••
105
1.00 µF
••
125
1.20 µF
••
155
1.50 µF
••
185
1.80 µF
205
2.00 µF


Similar Part No. - VJ2225Y822

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ2225Y822 VISHAY-VJ2225Y822 Datasheet
166Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 28-Oct-08
More results

Similar Description - VJ2225Y822

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402Y102KXAAC31 VISHAY-VJ0402Y102KXAAC31 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ1210A103JXAAT VISHAY-VJ1210A103JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0402A1R0BXAAC VISHAY-VJ0402A1R0BXAAC Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ0603A101KXXCW1BC VISHAY-VJ0603A101KXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805Y472MXXCW1BC VISHAY-VJ0805Y472MXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0402A1R2BXACW1BC VISHAY-VJ0402A1R2BXACW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
GA31G VISHAY-GA31G Datasheet
176Kb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com