Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M8340102M3302JADSL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # M8340102M3302JADSL
Description  Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M8340102M3302JADSL Datasheet(HTML) 3 Page - Vishay Siliconix

  M8340102M3302JADSL Datasheet HTML 1Page - Vishay Siliconix M8340102M3302JADSL Datasheet HTML 2Page - Vishay Siliconix M8340102M3302JADSL Datasheet HTML 3Page - Vishay Siliconix M8340102M3302JADSL Datasheet HTML 4Page - Vishay Siliconix M8340102M3302JADSL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
For technical questions, contact: ff2aresistors@vishay.com
Document Number: 31516
3
Revision: 08-Jul-08
MDM (Military M83401)
Vishay Dale
Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified,
Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
CIRCUIT APPLICATIONS
01 SCHEMATIC
MDM1401 (M8340101xxxxxxB)
MDM1601 (M8340102xxxxxxB)
13 or 15 resistors with one pin common
The MDMxx01 provides the user with a choice of 13 or 15 nominally
equal resistors, each connected to a common pin. Commonly used in
the following applications:
• MOS/ROM Pull-up/Pull-down
• TTL Input Pull-down
• Open Collector Pull-up
• Digital Pulse Squaring
• “Wired OR” Pull-up
• TTL Unused Gate Pull-up
• Power Driven Pull-up
• High Speed Parallel Pull-up
03 SCHEMATIC
MDM1403 (M8340101xxxxxxA)
MDM1603 (M8340102xxxxxxA)
7 or 8 isolated resistors
The MDMxx03 provides the user with a choice of 7 or 8 nominally
equal resistors, with each resistor isolated from all others. Commonly
used in the following applications:
• “Wired OR” Pull-up
• Long-line Impedance Balancing
• Power Driven Pull-up
• LED Current Limiting
• Power Gate Pull-up
• ECL Output Pull-down
• Line Termination
• TTL Input Pull-down
05 SCHEMATIC
MDM1405 (M8340101xxxxxxJ)
MDM1605 (M8340102xxxxxxJ)
12 or 14 resistor pairs
The MDMxx05 provides the user with a choice of 12 or 14 pairs of
R1/R2 resistor values for pulse squaring and TTL dual-line
terminating requirements.
CAGE CODE: 91637
Single Resistor
1.50
1.30
1.00
0.10
- 55
+ 25
+ 70
+ 125 + 150
Derating
Ambient Temperature °C
MDM 14
MDM 16
01 Schematic
Single Resistor
1.60
1.40
1.00
0.20
- 55
+ 25
+ 70
+ 125 + 150
Ambient Temperature °C
MDM 14
MDM 16
03 Schematic
Single Resistor
1.20
1.40
1.00
0.05
- 55
+ 25
+ 70
+ 125 + 150
Ambient Temperature °C
MDM 14
MDM 16
05 Schematic
Pin #1
MDM1401
MDM1601
MDM1603
MDM1403
Pin #1
MDM1405, MDM1605
Pin #1
R1
R1
R1
R1
R1
R1
R1
R2
R2 R2
R2
R2
R2
R2
R1
R1
R1
R1
R1
R1
R1
R2
R2
R2
R2
R2
R2
R2


Similar Part No. - M8340102M3302JADSL

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
M8340102M1001BA IRCTT-M8340102M1001BA Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
M8340102M1001BB IRCTT-M8340102M1001BB Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
M8340102M1001DA IRCTT-M8340102M1001DA Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
M8340102M1001DB IRCTT-M8340102M1001DB Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
M8340102M1001FA IRCTT-M8340102M1001FA Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
More results

Similar Description - M8340102M3302JADSL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSM VISHAY-MSM Datasheet
137Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
Revision: 25-Jul-08
MDP16 VISHAY-MDP16 Datasheet
226Kb / 4P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision 06-Aug-02
MDP01 VISHAY-MDP01 Datasheet
302Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision: 28-Jul-06
CSC05 VISHAY-CSC05 Datasheet
195Kb / 4P
   Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
Revision 02-Aug-02
SOGC01 VISHAY-SOGC01 Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
Revision: 25-Aug-06
DFM VISHAY-DFM Datasheet
128Kb / 5P
   Thick Film Resistor Networks, Military, MIL-PRF-83401 Qualified, Type RZ030, Schematics A (11), B (12), J (15)
Revision: 08-Jul-08
M8340109K2201GCD03 VISHAY-M8340109K2201GCD03 Datasheet
98Kb / 6P
   Thick Film Resistor Networks, Military, MIL-PRF-83401 Qualified, Type RZ040 to RZ090, Single-In-Line, Molded SIP
Revision: 26-Feb-13
logo
Vaishali Semiconductor
SOGC01 VAISH-SOGC01 Datasheet
156Kb / 2P
   Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
logo
Vishay Siliconix
SOMC VISHAY-SOMC Datasheet
120Kb / 3P
   Thick Film, Dual-in-Line Resistor Networks
Revision: 21-Aug-06
logo
List of Unclassifed Man...
898-5-R220 ETC1-898-5-R220 Datasheet
61Kb / 4P
   Dual-In-Line Thick Film Resistor Networks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com