Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TEB1033 Datasheet(PDF) 2 Page - STMicroelectronics

Part No. TEB1033
Description  PRECISION DUAL OPERATIONAL AMPLIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

   
 2 page
background image
R1
2k
R16
4k
R2
2k
R5
4k
Q25
Q11
Q2
Q3
R6
4k
Q12
Q13
R11
1k
Q14
Q35
R18
2k
R12
812
VCC
VCC
Q29
Q27
Q21
Q37
Q38
Q28
Q30
Q22
Q36
Q17
R17
4k
R14
27
R13
27
Output
Q20
Q19
Q23
Q34
Q33
R10
45k
R9
15k
R8
150k
R7
15k
Q18
C1
43pF
C2
23pF
Non-inverting
Input
Inverting
Input
Q15
Q32
Q31
Q10
Q9
R4
1.2k
R3
60k
R15
150k
Q8
Q4
Q6
Q7
Q5
BLOCK DIAGRAM (1/4 TEB1 033)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
± 18
V
Vi
Input Voltage
± VCC
V
Vid
Differential Input Voltage
± (VCC –1)
V
Ptot
Power Dissipation
D suffix
N suffix
400
665
mW
Toper
Operating Free-air Temperature Range
TEB1033
TEF1033
TEC1033
0 to +70
–40 to +105
–55 to +125
oC
Tstg
Storage Temperature Range
–65 to +150
oC
TEB1033-TEF1033-TEC1033
2/7




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TLE2227EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
TS512HIGH SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
TLC272LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
TS522PRECISION LOW NOISE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 STMicroelectronics
LTC1051Dual/Quad Precision Chopper Stabilized Operational Amplifiers with Internal Capacitors 1 2 3 4 5 MoreLinear Technology
TLC27L2LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
TLC27M2LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
RC4277Dual Precision Operational Amplifiers 1 2 3 4 5 MoreRaytheon Company

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl