Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSKTF20012HJP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VSKTF20012HJP
Description  Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAKTM Power Modules), 200 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKTF20012HJP Datasheet(HTML) 4 Page - Vishay Siliconix

  VSKTF20012HJP Datasheet HTML 1Page - Vishay Siliconix VSKTF20012HJP Datasheet HTML 2Page - Vishay Siliconix VSKTF20012HJP Datasheet HTML 3Page - Vishay Siliconix VSKTF20012HJP Datasheet HTML 4Page - Vishay Siliconix VSKTF20012HJP Datasheet HTML 5Page - Vishay Siliconix VSKTF20012HJP Datasheet HTML 6Page - Vishay Siliconix VSKTF20012HJP Datasheet HTML 7Page - Vishay Siliconix VSKTF20012HJP Datasheet HTML 8Page - Vishay Siliconix VSKTF20012HJP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94422
4
Revision: 03-Jun-08
VSK.F200..P Series
Vishay High Power Products
Fast Thyristor/Diode and Thyristor/Thyristor
(MAGN-A-PAKTM Power Modules), 200 A
Note
• Table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - On-State Power Loss Characteristics
Fig. 4 - On-State Power Loss Characteristics
ΔR
thJC CONDUCTION
CONDUCTIONS ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
UNITS
180°
0.009
0.006
K/W
120°
0.10
0.011
90°
0.014
0.015
60°
0.020
0.020
30°
0.32
0.033
60
70
80
90
100
110
120
130
0
40
80
120
160
200
240
30°
60°
90°
120°
180°
Average On-state Current (A)
Cond uc tion Ang le
VSK.F200.. Series
R
(DC) = 0.125 K/ W
thJC
60
70
80
90
100
110
120
130
0
50
100
150
200
250
300
350
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Period
VSK.F200.. Series
R
(DC) = 0.125 K/ W
thJC
0
50
100
150
200
250
300
350
0
40
80
120
160
200
RMSLimit
Conduc tion Angle
Average On-state Current (A)
180°
120°
90°
60°
30°
VSK.F200.. Series
Per Junc tion
T = 125°C
J
0
50
100
150
200
250
300
350
400
450
500
0
50
100
150
200
250
300
350
DC
180°
120°
90°
60°
30°
RMSLimit
Cond uc tion Period
Average On-state Current (A)
VSK.F200.. Series
Per Junc tion
T = 125°C
J


Similar Part No. - VSKTF20012HJP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKTF200-08HKP VISHAY-VSKTF200-08HKP Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
Revision: 19-Jul-10
VSKTF200-12HKP VISHAY-VSKTF200-12HKP Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
Revision: 19-Jul-10
VSKTF200-12HKP VISHAY-VSKTF200-12HKP_10 Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
Revision: 19-Jul-10
More results

Similar Description - VSKTF20012HJP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKTF180 VISHAY-VSKTF180 Datasheet
203Kb / 9P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAKTM Power Modules), 180 A
Revision: 22-Apr-08
VSKT430 VISHAY-VSKT430 Datasheet
237Kb / 8P
   Thyristor/Diode and Thyristor/Thyristor, 430 A (SUPER MAGN-A-PAKTM Power Modules)
Revision: 12-Aug-08
VSKT500 VISHAY-VSKT500 Datasheet
176Kb / 8P
   Thyristor/Diode and Thyristor/Thyristor (SUPER MAGN-A-PAKTM Power Modules), 500 A
Revision: 20-Mar-08
VSKTF200-12HKP VISHAY-VSKTF200-12HKP_10 Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
Revision: 19-Jul-10
VSK.F200P VISHAY-VSK.F200P Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
Revision: 19-Jul-10
VSKF200P VISHAY-VSKF200P Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
11-Mar-11
logo
International Rectifier
IRKTF180 IRF-IRKTF180 Datasheet
230Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR (MAGN-A-pak Power Modules)
IRKF180 IRF-IRKF180 Datasheet
241Kb / 8P
   FAST THYRISTOR/ DIODE and MAGN-A-pak Power Modules THYRISTOR/ THYRISTOR
logo
Vishay Siliconix
VSK.F180P VISHAY-VSK.F180P Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor(MAGN-A-PAK Power Modules), 180 A
Revision: 19-Jul-10
VSKF180P VISHAY-VSKF180P Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 180 A
11-Mar-11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com