Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y11225R0000G0L Datasheet(PDF) 3 Page - Vishay Siliconix

Part # Y11225R0000G0L
Description  Foil Technology Precision Foil Power Surface Mount Resistors in TO-220 Configuration with TCR of 짹 2 ppm/째C,
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y11225R0000G0L Datasheet(HTML) 3 Page - Vishay Siliconix

  Y11225R0000G0L Datasheet HTML 1Page - Vishay Siliconix Y11225R0000G0L Datasheet HTML 2Page - Vishay Siliconix Y11225R0000G0L Datasheet HTML 3Page - Vishay Siliconix Y11225R0000G0L Datasheet HTML 4Page - Vishay Siliconix Y11225R0000G0L Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 63050
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 29-Feb-08
3
VPR220S, VPR221S
Bulk Metal® Foil Technology Precision Foil Power Surface
Mount Resistors in TO-220 Configuration with TCR of
± 2 ppm/°C, Tolerance of to ± 0.01 % and Power Rating to 8 W
Vishay Foil Resistors
FIGURE 4 - VPR220S AND VPR221S FORMING DIMENSIONS in inches (millimeters)
0.365 (9.27) Ref
0.050 ± 0.005
(1.27 ± 0.13)
0.150 ± 0.008
(3.81 ± 0.20)
0.015 ± 0.002
(0.38 ± 0.05)
0.078 ± 0.005
(1.98 ± 0.13)
Heat Sink
0.695 ± 0.010
(17.65 ± 0.25)
0.090 ± 0.010
(2.29 ± 0.25)
0.090 (2.286) Ref
0.110 (2.79) Ref
Flush with Heat Sink
Within ± 0.002 (± 0.05)
Before Forming
After Forming
FIGURE 5 - VPR220S DIMENSIONS
in inches (millimeters)
FIGURE 6 - VPR220S LAND PATTERN
DIMENSIONS in inches (millimeters)
0.400 ± 0.010
(10.16 ± 0.25)
VISHAY
VPR220S
1K0 1 %
0101
0.115 ± 0.005
(2.92 ± 0.13)
0.245 ± 0.010
(6.22 ± 0.25)
0.200 ± 0.030
(5.08 ± 0.76)
0.200 ± 0.005
(5.08 ± 0.13)
0.030 ± 0.002
(0.76 ± 0.05)
0.050 ± 0.005
(1.27 ± 0.13)
0.141 ± 0.005 Diameter
(3.58 ± 0.13)
0.050 ± 0.010
(1.27 ± 0.25)
0.120 ± 0.010
(3.05 ± 0.25)
0.200 ± 0.005
(5.08 ± 0.13)
FIGURE 7 - VPR221S DIMENSIONS
in inches (millimeters)
FIGURE 8 - VPR221S LAND PATTERN
DIMENSIONS in inches (millimeters)
E
2
0.050 ± 0.005
(1.27 ± 0.13)
0.150 ± 0.008
(3.81 ± 0.20)
0.615 Max.
(15.62)
0.078 ± 0.005
(1.98 ± 0.13)
0.015 ± 0.002
(0.38 ± 0.05)
0.030 ± 0.002
(0.76 ± 0.05)
0.100 ± 0.005
(2.54 ± 0.13)
0.400 ± 0.010
(10.16 ± 0.25)
VISHAY
1R0 1 %
0101
0.245 ± 0.010
(6.22 ± 0.25)
0.141 ± 0.005 Diameter
(3.58 ± 0.13)
0.540 ± 0.040
(13.72 ± 1.02)
0.115 ± 0.005
(2.92 ± 0.13)
0.050 ± 0.005
(1.27 ± 0.13)
0.200 ± 0.030
(5.08 ± 0.76)
E
1
I
2
I
1
VPR221S
0.050 ± 0.010
(1.27 ± 0.25)
0.120 ± 0.010
(3.05 ± 0.25)
0.10 ± 0.005
(2.54 ± 0.12)


Similar Part No. - Y11225R0000G0L

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
Y11 TAYCHIPST-Y11 Datasheet
3Mb / 3P
   ZENER DIODES
Y110 TAYCHIPST-Y110 Datasheet
3Mb / 3P
   ZENER DIODES
logo
Power Innovations Ltd
Y1112 POINN-Y1112 Datasheet
85Kb / 4P
   THE FLUORACTOR Y1112 FLUORESCENT LAMP STARTER SWITCH
Y1112L POINN-Y1112L Datasheet
76Kb / 4P
   THE FLUORACTOR Y1112L FLUORESCENT LAMP STARTER SWITCH
logo
Switchcraft, Inc.
Y113D SWITCH-Y113D Datasheet
94Kb / 5P
   1/4 ENCLOSED PHONE JACKS
More results

Similar Description - Y11225R0000G0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VPR220 VISHAY-VPR220_08 Datasheet
128Kb / 4P
   Foil Technology Precision Foil Power Resistors in TO-220 Configuration with TCR 2 ppm/째C,of Tolerance of to 짹 0.01 % and Power Rating to 8 W
Revision: 05-Jul-07
VCS1610 VISHAY-VCS1610 Datasheet
141Kb / 4P
   High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 2 ppm/째C,
Revision: 23-Jul-08
VPR220SZ VISHAY-VPR220SZ Datasheet
102Kb / 4P
   Ultra High Precision Z-Foil Surface Mount Power Resistors in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 06-Aug-07
VCS1625 VISHAY-VCS1625 Datasheet
119Kb / 4P
   High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 2 ppm/째C and Load Life Stability of 짹 0.02 %
Revision: 19-Feb-08
VPR220 VISHAY-VPR220 Datasheet
68Kb / 2P
   Precision Foil Power Resistors in TO 220 Configuration
VPR221SZ VISHAY-VPR221SZ Datasheet
118Kb / 5P
   Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 11-Jun-07
VPR221Z VISHAY-VPR221Z Datasheet
114Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 16-Jul-07
VSMP VISHAY-VSMP Datasheet
138Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
Revision: 18-Sep-08
VCS1625Z VISHAY-VCS1625Z Datasheet
122Kb / 4P
   Ultra High Precision Z-Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at Rated Power
Revision: 25-Feb-08
VFCD1505 VISHAY-VFCD1505 Datasheet
109Kb / 4P
   Z-Foil Surface Mount Flip Chip Voltage Divider TCR Tracking of 0.1 ppm/째C,
Revision: 30-Oct-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com