Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDP1400MJE04 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MDP1400MJE04
Description  Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MDP1400MJE04 Datasheet(HTML) 4 Page - Vishay Siliconix

  MDP1400MJE04 Datasheet HTML 1Page - Vishay Siliconix MDP1400MJE04 Datasheet HTML 2Page - Vishay Siliconix MDP1400MJE04 Datasheet HTML 3Page - Vishay Siliconix MDP1400MJE04 Datasheet HTML 4Page - Vishay Siliconix MDP1400MJE04 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MDP 01, 03, 05
Thick Film Resistor Networks, Dual-In-Line,
Molded DIP, 01, 03, 05 Schematics
Vishay Dale
Document Number: 31511
For technical questions contact: ff2aresistors@vishay.com
www.vishay.com
Revision: 28-Jul-06
4
PERFORMANCE
TEST
CONDITIONS
MAX.
ΔR
(Typical Test Lots)
Power Conditioning
1.5 rated power, applied 1.5 hours “ON” and 0.5 hour “OFF” for 100 hours
± 4 hours at + 25 °C ambient temperature
± 0.50 %
ΔR
Thermal Shock
5 cycles between - 65 °C and + 125 °C
± 0.50 %
ΔR
Short Time Overload
2.5 x rated working voltage 5 seconds
± 0.25 %
ΔR
Low Temperature Operation
45 minutes at full rated working voltage at - 65 °C
± 0.25 %
ΔR
Moisture Resistance
240 hours with humidity ranging from 80 % RH to 98 % RH
± 0.50 %
ΔR
Resistance to Soldering Heat
Leads immersed in + 350 °C solder to within 1/16" of device body for
3 seconds
± 0.25 %
ΔR
Shock
Total of 18 shocks at 100 G's
± 0.25 %
ΔR
Vibration
12 hours at maximum of 20 G's between 10 and 2000 Hz
± 0.25 %
ΔR
Load Life
1000 hours at + 70 °C, rated power applied 1.5 hours “ON, 0.5 hour “OFF”
for full 1000 hour period. Derated according to the curve.
± 1.00 %
ΔR
Terminal Strength
4.5 pound pull for 30 seconds
± 0.25 %
ΔR
Insulation Resistance
10 000 Megohm (minimum)
-
Dielectric Withstanding Voltage
No evidence of arcing or damage (200 VRMS for 1 minute)
-
16 Pin Package
14 Pin Package
Single Resistor
03
01 and 05
3.00
2.70
0.380
0.190
- 50
+ 25
+ 70
+ 125 + 150
Derating
Ambient Temperature
°C


Similar Part No. - MDP1400MJE04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDP1400MJE04 VISHAY-MDP1400MJE04 Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 12-Sep-13
More results

Similar Description - MDP1400MJE04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDP16 VISHAY-MDP16 Datasheet
226Kb / 4P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision 06-Aug-02
SOGC01 VISHAY-SOGC01 Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
Revision: 25-Aug-06
CSC05 VISHAY-CSC05 Datasheet
195Kb / 4P
   Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
Revision 02-Aug-02
logo
Vaishali Semiconductor
SOGC01 VAISH-SOGC01 Datasheet
156Kb / 2P
   Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
logo
Vishay Siliconix
MDM VISHAY-MDM Datasheet
134Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
Revision: 08-Jul-08
MSM VISHAY-MSM Datasheet
137Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
Revision: 25-Jul-08
MDP45 VISHAY-MDP45_17 Datasheet
97Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 29-Nov-13
MDP45 VISHAY-MDP45 Datasheet
276Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 28-Jul-06
MDP01 VISHAY-MDP01_17 Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 12-Sep-13
MDP1645 VISHAY-MDP1645 Datasheet
89Kb / 2P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision 08-Sep-04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com