Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ0603H184 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VJ0603H184
Description  Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0603H184 Datasheet(HTML) 3 Page - Vishay Siliconix

  VJ0603H184 Datasheet HTML 1Page - Vishay Siliconix VJ0603H184 Datasheet HTML 2Page - Vishay Siliconix VJ0603H184 Datasheet HTML 3Page - Vishay Siliconix VJ0603H184 Datasheet HTML 4Page - Vishay Siliconix VJ0603H184 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VJ X8R Dielectric
Surface Mount Multilayer Ceramic Chip Capacitors
for High Temperature Applications
Vishay Vitramon
Document Number: 45006
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com
Revision: 11-Nov-08
57
Notes:
(1) See soldering recommendations within this data book, or visit www.vishay.com/doc?45034
• Plastic Tape, •• Paper Tape
SELECTION CHART
STYLE
VJ0603
VJ0805
VJ1206
VJ1210 (1)
EIA TYPE
0603
0805
1206
1210
VOLTAGE (Vdc)
25
50
25
50
25
50
25
50
CAP. CODE
CAP.
101
100 pF
121
120 pF
151
150 pF
181
180 pF
221
220 pF
271
270 pF
331
330 pF
391
390 pF
471
470 pF
••
••
••
561
560 pF
••
••
••
681
680 pF
••
••
••
••
821
820 pF
••
••
••
••
102
1000 pF
••
••
••
••
••
122
1200 pF
••
••
••
••
••
152
1500 pF
••
••
••
••
••
182
1800 pF
••
••
••
••
••
222
2200 pF
••
••
••
••
••
272
2700 pF
••
••
••
••
••
332
3300 pF
••
••
••
••
••
392
3900 pF
••
••
••
••
••
472
4700 pF
••
••
••
••
••
562
5600 pF
••
••
••
••
••
682
6800 pF
••
••
••
••
••
822
8200 pF
••
••
••
••
••
103
0.010 µF
••
••
••
••
••••
123
0.012 µF
••
••
••
••
••••
153
0.015 µF
••
••
••
••
••••
183
0.018 µF
••
••
••
••
••••
223
0.022 µF
••
••
••
••••
273
0.027 µF
••
••
•••••
333
0.033 µF
••
••
•••••
393
0.039 µF
••
•••••
473
0.047 µF
•••••
563
0.056 µF
•••••
683
0.068 µF
••••
823
0.082 µF
••••
104
0.10 µF
••••
124
0.12 µF
••••
154
0.15 µF
••
184
0.18 µF
••
224
0.22 µF
••
274
0.27 µF
••
334
0.33 µF
••
394
0.39 µF
474
0.47 µF
564
0.56 µF
684
0.68 µF
824
0.82 µF
105
1.0 µF
125
1.2 µF
155
1.5 µF
185
1.8 µF
225
2.2 µF


Similar Part No. - VJ0603H184

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0603H102JEAAC VISHAY-VJ0603H102JEAAC Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 08-Aug-11
VJ0603H102JEAAC VISHAY-VJ0603H102JEAAC Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 26-Aug-14
VJ0603H102JEAAO VISHAY-VJ0603H102JEAAO Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 26-Aug-14
VJ0603H102JEAAP VISHAY-VJ0603H102JEAAP Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 26-Aug-14
VJ0603H102JEAAR VISHAY-VJ0603H102JEAAR Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 26-Aug-14
More results

Similar Description - VJ0603H184

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJX8R VISHAY-VJX8R_11 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 08-Aug-11
VJX8R VISHAY-VJX8R_14 Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 26-Aug-14
logo
HolyStone International
HMC HOLYSTONECAPS-HMC Datasheet
260Kb / 3P
   Multilayer Ceramic Chip Capacitors for High Temperature Applications
logo
Vishay Siliconix
VJ0603 VISHAY-VJ0603 Datasheet
308Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Revision 20-Feb-08
VJ0402A VISHAY-VJ0402A Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJHI-REL VISHAY-VJHI-REL Datasheet
135Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 15-May-12
VJHI-REL VISHAY-VJHI-REL_V01 Datasheet
173Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
01-Jan-2023
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402Y102KXAAC31 VISHAY-VJ0402Y102KXAAC31 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com