Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSKT5716P Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VSKT5716P
Description  Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 45/60 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKT5716P Datasheet(HTML) 3 Page - Vishay Siliconix

  VSKT5716P Datasheet HTML 1Page - Vishay Siliconix VSKT5716P Datasheet HTML 2Page - Vishay Siliconix VSKT5716P Datasheet HTML 3Page - Vishay Siliconix VSKT5716P Datasheet HTML 4Page - Vishay Siliconix VSKT5716P Datasheet HTML 5Page - Vishay Siliconix VSKT5716P Datasheet HTML 6Page - Vishay Siliconix VSKT5716P Datasheet HTML 7Page - Vishay Siliconix VSKT5716P Datasheet HTML 8Page - Vishay Siliconix VSKT5716P Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Document Number: 94419
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 23-Apr-08
3
VSK.41, .56..PbF Series
Thyristor/Diode and Thyristor/Thyristor
(ADD-A-PAKTM Generation 5 Power Modules),
45/60 A
Vishay High Power Products
Note
(1) Available with dV/dt = 1000 V/ms, to complete code add S90 i.e. VSKT41/16AS90
Note
• Table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VSK.41 VSK.56
UNITS
Maximum peak gate power
PGM
10
W
Maximum average gate power
PG(AV)
2.5
Maximum peak gate current
IGM
2.5
A
Maximum peak negative gate voltage
- VGM
10
V
Maximum gate voltage required to trigger
VGT
TJ = - 40 °C
Anode supply = 6 V
resistive load
4.0
TJ = 25 °C
2.5
TJ = 125 °C
1.7
Maximum gate current required to trigger
IGT
TJ = - 40 °C
Anode supply = 6 V
resistive load
270
mA
TJ = 25 °C
150
TJ = 125 °C
80
Maximum gate voltage that will not trigger
VGD
TJ = 125 °C, rated VDRM applied
0.25
V
Maximum gate current that will not trigger
IGD
TJ = 125 °C, rated VDRM applied
6
mA
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VSK.41
VSK.56
UNITS
Maximum peak reverse and off-state
leakage current at VRRM, VDRM
IRRM,
IDRM
TJ = 125 °C, gate open circuit
15
mA
RMS insulation voltage
VINS
50 Hz, circuit to base, all terminals shorted
2500 (1 min)
3500 (1 s)
V
Maximum critical rate of rise of off-state voltage
dV/dt (1)
TJ = 125 °C, linear to 0.67 VDRM
500
V/µs
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VSK.41 VSK.56
UNITS
Junction operating and storage
temperature range
TJ, TStg
- 40 to 125
°C
Maximum internal thermal resistance,
junction to case per module
RthJC
DC operation
0.23
0.20
K/W
Typical thermal resistance, case to heatsink
RthCS
Mounting surface flat, smooth and greased
0.1
Mounting torque ± 10 %
to heatsink
A mounting compound is recommended and the
torque should be rechecked after a period of 3
hours to allow for the spread of the compound.
5
Nm
busbar
3
Approximate weight
110
g
4oz.
Case style
JEDEC
TO-240AA
ΔR CONDUCTION PER JUNCTION
DEVICES
SINE HALF WAVE CONDUCTION
RECTANGULAR WAVE CONDUCTION
UNITS
180°
120°
90°
60°
30°
180°
120°
90°
60°
30°
VSK.41
0.11
0.13
0.17
0.23
0.34
0.09
0.14
0.18
0.23
0.34
°C/W
VSK.56
0.09
0.11
0.13
0.18
0.27
0.07
0.11
0.14
0.19
0.28


Similar Part No. - VSKT5716P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKT570-18PBF VISHAY-VSKT570-18PBF Datasheet
218Kb / 8P
   Thyristor/Thyristor (SUPER MAGN-A-PAK Power Modules), 570 A
Revision: 05-May-11
More results

Similar Description - VSKT5716P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRKT41 VISHAY-IRKT41 Datasheet
337Kb / 12P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 45/60 A
Revision: 23-Apr-08
VSKUV41 VISHAY-VSKUV41 Datasheet
234Kb / 10P
   Thyristor/Thyristor, 45/60 A (ADD-A-PAKTM Generation 5 Power Modules)
Revision: 25-Apr-08
VSKT26 VISHAY-VSKT26 Datasheet
200Kb / 8P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 27 A
Revision: 22-Apr-08
VSKT105 VISHAY-VSKT105 Datasheet
249Kb / 9P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 105 A
Revision: 04-Jul-08
VSKT71 VISHAY-VSKT71 Datasheet
278Kb / 11P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 75/95 A
Revision: 24-Apr-08
VSKUV105 VISHAY-VSKUV105 Datasheet
177Kb / 8P
   Thyristor/Thyristor, 105 A (ADD-A-PAKTM Generation 5 Power Modules)
Revision: 24-Apr-08
VS-VSK.41 VISHAY-VS-VSK.41 Datasheet
508Kb / 11P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 45 A/60 A
Revision: 21-Mar-14
VSKT41 VISHAY-VSKT41_10 Datasheet
734Kb / 11P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 45 A/60 A
Revision: 17-May-10
VSK2604 VISHAY-VSK2604 Datasheet
319Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor
Revision: 14-Jan-14
VSKT26 VISHAY-VSKT26_10 Datasheet
418Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
Revision: 17-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com