Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSKT9216S90P Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VSKT9216S90P
Description  Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 75/95 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKT9216S90P Datasheet(HTML) 2 Page - Vishay Siliconix

  VSKT9216S90P Datasheet HTML 1Page - Vishay Siliconix VSKT9216S90P Datasheet HTML 2Page - Vishay Siliconix VSKT9216S90P Datasheet HTML 3Page - Vishay Siliconix VSKT9216S90P Datasheet HTML 4Page - Vishay Siliconix VSKT9216S90P Datasheet HTML 5Page - Vishay Siliconix VSKT9216S90P Datasheet HTML 6Page - Vishay Siliconix VSKT9216S90P Datasheet HTML 7Page - Vishay Siliconix VSKT9216S90P Datasheet HTML 8Page - Vishay Siliconix VSKT9216S90P Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94421
2
Revision: 24-Apr-08
VSK.71, .91..PbF Series
Vishay High Power Products
Thyristor/Diode and Thyristor/Thyristor
(ADD-A-PAKTM Generation 5 Power Modules),
75/95 A
ELECTRICAL SPECIFICATIONS
Notes
(1) I2t for time tx = I2√t x √tx
(2) Average power = VT(TO) x IT(AV) + rt x (IT(RMS))2
(3) 16.7 % x
π x I
AV < I < π x IAV
(4) I >
π x I
AV
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM
REPETITIVE PEAK
REVERSE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK
REVERSE VOLTAGE
V
VDRM, MAXIMUM REPETITIVE
PEAK OFF-STATE VOLTAGE,
GATE OPEN CIRCUIT
V
IRRM,
IDRM
AT 125 °C
mA
VSK.71/.91
04
400
500
400
15
06
600
700
600
08
800
900
800
10
1000
1100
1000
12
1200
1300
1200
14
1400
1500
1400
16
1600
1700
1600
ON-STATE CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VSK.71 VSK.91
UNITS
Maximum average on-state current
(thyristors)
IT(AV)
180° conduction, half sine wave,
TC = 85 °C
75
95
A
Maximum average forward current
(diodes)
IF(AV)
Maximum continuous RMS on-state current,
as AC switch
IO(RMS)
165
210
Maximum peak, one-cycle
non-repetitive on-state
or forward current
ITSM
or
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal
half wave,
initial TJ =
TJ maximum
1665
1785
t = 8.3 ms
1740
1870
t = 10 ms
100 % VRRM
reapplied
1400
1500
t = 8.3 ms
1470
1570
t = 10 ms
TJ = 25 °C
no voltage reapplied
1850
2000
t = 8.3 ms
1940
2100
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
Initial TJ =
TJ maximum
13.86
15.91
kA2s
t = 8.3 ms
12.56
14.52
t = 10 ms
100 % VRRM
reapplied
9.80
11.25
t = 8.3 ms
8.96
10.27
t = 10 ms
TJ = 25 °C, no voltage reapplied
17.11
20.00
t = 8.3 ms
15.60
18.30
Maximum I2
√t for fusing
I2
√t (1)
t = 0.1 to 10 ms, no voltage reapplied
TJ = TJ maximum
138.6
159.1
kA2
√s
Maximum value or threshold voltage
VT(TO) (2)
Low level (3)
TJ = TJ maximum
0.82
0.80
V
High level (4)
0.85
0.85
Maximum value of on-state
slope resistance
rt (2)
Low level (3)
TJ = TJ maximum
3.00
2.40
m
Ω
High level (4)
2.90
2.25
Maximum peak on-state or forward voltage
VTM
ITM = π x IT(AV)
TJ = 25 °C
1.59
1.58
V
VFM
IFM = π x IF(AV)
Maximum non-repetitive rate of
rise of turned on current
dI/dt
TJ = 25 °C, from 0.67 VDRM,
ITM = π x IT(AV), Ig = 500 mA, tr < 0.5 µs, tp > 6 µs
150
A/µs
Maximum holding current
IH
TJ = 25 °C, anode supply = 6 V,
resistive load, gate open circuit
250
mA
Maximum latching current
IL
TJ = 25 °C, anode supply = 6 V, resistive load
400
or
I
(RMS)
I
(RMS)


Similar Part No. - VSKT9216S90P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKT91 VISHAY-VSKT91 Datasheet
451Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 95 A
Revision: 17-May-10
VSKT91-04 VISHAY-VSKT91-04 Datasheet
451Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 95 A
Revision: 17-May-10
VSKT91-06 VISHAY-VSKT91-06 Datasheet
451Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 95 A
Revision: 17-May-10
VSKT91-08 VISHAY-VSKT91-08 Datasheet
451Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 95 A
Revision: 17-May-10
VSKT91-10 VISHAY-VSKT91-10 Datasheet
451Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 95 A
Revision: 17-May-10
More results

Similar Description - VSKT9216S90P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKT26 VISHAY-VSKT26 Datasheet
200Kb / 8P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 27 A
Revision: 22-Apr-08
VSKT105 VISHAY-VSKT105 Datasheet
249Kb / 9P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 105 A
Revision: 04-Jul-08
VSKT41 VISHAY-VSKT41 Datasheet
320Kb / 11P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 45/60 A
Revision: 23-Apr-08
IRKT41 VISHAY-IRKT41 Datasheet
337Kb / 12P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 45/60 A
Revision: 23-Apr-08
VSKUV105 VISHAY-VSKUV105 Datasheet
177Kb / 8P
   Thyristor/Thyristor, 105 A (ADD-A-PAKTM Generation 5 Power Modules)
Revision: 24-Apr-08
VSKUV41 VISHAY-VSKUV41 Datasheet
234Kb / 10P
   Thyristor/Thyristor, 45/60 A (ADD-A-PAKTM Generation 5 Power Modules)
Revision: 25-Apr-08
VSKT91 VISHAY-VSKT91_10 Datasheet
451Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 95 A
Revision: 17-May-10
VSKT71 VISHAY-VSKT71_10 Datasheet
438Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 75 A
Revision: 17-May-10
VSKU91 VISHAY-VSKU91 Datasheet
369Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 17-May-10
VSKU71 VISHAY-VSKU71 Datasheet
352Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 75 A
Revision: 17-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com