Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSKT10616S90P Datasheet(PDF) 9 Page - Vishay Siliconix

Part # VSKT10616S90P
Description  Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 105 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKT10616S90P Datasheet(HTML) 9 Page - Vishay Siliconix

  VSKT10616S90P Datasheet HTML 1Page - Vishay Siliconix VSKT10616S90P Datasheet HTML 2Page - Vishay Siliconix VSKT10616S90P Datasheet HTML 3Page - Vishay Siliconix VSKT10616S90P Datasheet HTML 4Page - Vishay Siliconix VSKT10616S90P Datasheet HTML 5Page - Vishay Siliconix VSKT10616S90P Datasheet HTML 6Page - Vishay Siliconix VSKT10616S90P Datasheet HTML 7Page - Vishay Siliconix VSKT10616S90P Datasheet HTML 8Page - Vishay Siliconix VSKT10616S90P Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - VSKT10616S90P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKT105 VISHAY-VSKT105 Datasheet
436Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKT105-04 VISHAY-VSKT105-04 Datasheet
436Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKT105-06 VISHAY-VSKT105-06 Datasheet
436Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKT105-08 VISHAY-VSKT105-08 Datasheet
436Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKT105-10 VISHAY-VSKT105-10 Datasheet
436Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Revision: 17-May-10
More results

Similar Description - VSKT10616S90P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKUV105 VISHAY-VSKUV105 Datasheet
177Kb / 8P
   Thyristor/Thyristor, 105 A (ADD-A-PAKTM Generation 5 Power Modules)
Revision: 24-Apr-08
VSKT26 VISHAY-VSKT26 Datasheet
200Kb / 8P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 27 A
Revision: 22-Apr-08
VSKT71 VISHAY-VSKT71 Datasheet
278Kb / 11P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 75/95 A
Revision: 24-Apr-08
VSKT41 VISHAY-VSKT41 Datasheet
320Kb / 11P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 45/60 A
Revision: 23-Apr-08
IRKT41 VISHAY-IRKT41 Datasheet
337Kb / 12P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 45/60 A
Revision: 23-Apr-08
VSKUV41 VISHAY-VSKUV41 Datasheet
234Kb / 10P
   Thyristor/Thyristor, 45/60 A (ADD-A-PAKTM Generation 5 Power Modules)
Revision: 25-Apr-08
VSKT105 VISHAY-VSKT105_10 Datasheet
436Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKU105 VISHAY-VSKU105_10 Datasheet
351Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSK2604 VISHAY-VSK2604 Datasheet
319Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor
Revision: 14-Jan-14
VSKT26 VISHAY-VSKT26_10 Datasheet
418Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
Revision: 17-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com