Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y16235K00000T9L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # Y16235K00000T9L
Description  Ultra High Precision Z-Foil Surface Mount Power Resistors in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y16235K00000T9L Datasheet(HTML) 1 Page - Vishay Siliconix

  Y16235K00000T9L Datasheet HTML 1Page - Vishay Siliconix Y16235K00000T9L Datasheet HTML 2Page - Vishay Siliconix Y16235K00000T9L Datasheet HTML 3Page - Vishay Siliconix Y16235K00000T9L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VPR220SZ (Z-Foil)
Vishay Foil Resistors
Ultra High Precision Z-Foil Surface Mount Power Resistors in
TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Tolerance to ± 0.01 % and Power Rating to 8 W
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63068
1
Revision: 06-Aug-07
Any value at any tolerance available within resistance range
Model VPR220SZ, made from Vishay Bulk Metal® Z-Foil,
offers very low TCR, high stability, tight tolerance, low PCR
and fast response time in a small surface mount molded
resistor.
The Z-Foil technology provides a significant reduction of the
resistive components sensitivity to ambient temperature
variations and applied power changes. Designers now can
guarantee a high degree of stability and accuracy in fixed
resistor applications using solutions based on Vishay’s
revolutionary Z-Foil technology.
Our Application Engineering Department is available to
advise and make recommendations. For non-standard
technical requirements and special applications, please
contact us.
FEATURES
• Temperature Coefficient of Resistance (TCR):
± 0.05 ppm/°C typical (0 °C to + 60 °C)
± 0.2 ppm/°C typical (- 55 °C to + 125 °C,
- 25 °C Ref.)
• Tolerance: to ± 0.01 %
• Power Coefficient of Resistance (PCR) “ΔR
due to self heating”: 5 ppm at rated power
• Electrostatic Discharge (ESD) above 25 000 V
• Load Life Stability: ± 0.005 % (25 °C, 2000 hours at Rated
Power)
• Resistance Range: 5 Ω to 10 kΩ
• Power Rating: 8 W chassis mounted (per MIL-PRF-39009)
• Non Inductive, Non Capacitive Design
• Current Noise: < - 40 dB
• Voltage Coefficient: < 0.1 ppm/W
• Non Inductive: < 0.08 µH
• Non Hot Spot Design
• Thermal EMF: 0.05 µV/°C typical
• Terminal Finishes Available: Lead (Pb)-free
Tin/Lead Alloy
• For higher performances please contact us
Notes
1. Whichever is lower.
2. Heat sink chassis dimensions and requirements per
MIL-PRF-39009:
3. Inductance (L) due mainly to the leads.
4. The resolution limit of existing test equipment (within the
measurement capability of the equipment, or “essentially zero”).
5. µV/°C relates to EMF due to lead temperature difference.
Weight = 1 g Maximum
Note
1. Maximum specifications.
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
Pb-free
RoHS*
COMPLIANT
TABLE 1 - SPECIFICATIONS
Load Life Stability at 2000 h
± 0.05 % max
ΔR under full rated
power at + 25 °C
Power Rating at + 25 °C
8 W or 3 A1) on heat sink2)
1.5 Wor 3 A1) in free air
Further derating not necessary.
Current Noise
< 0.010 µV (rms)/V of applied
voltage (- 40 dB)
High Frequency Operation
Rise Time
Inductance3) (L)
Capacitance (C)
1 ns
0.1 µH maximum: 0.03 µH typical
1.0 pF maximum: 0.5 pF typical
Voltage Coefficient4)
< 0.1 ppm/V
Operating Temperature
Range
- 55 °C to + 150 °C
Maximum Working Voltage
300 V. Not to exceed power rating.
Thermal EMF5)
0.15 µV/°C maximum (lead effect)
DIMENSION
INCHES
mm
L
6.00
152.4
W
4.00
101.6
H
2.00
50.8
T
0.04
1.0
TABLE 2 - VPR220SZ
RESISTANCE RANGE (
Ω)
TIGHTEST RESISTANCE TOLERANCE
TCR1)
- 55 °C to + 125 °C, Ref. + 25 °C
50 to 10K
± 0.01 %
± 2.5 ppm/°C
25 to < 50
± 0.02 %
10 to < 25
± 0.05 %
5 to < 10
± 0.1 %


Similar Part No. - Y16235K00000T9L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y1622350K650A0L VISHAY-Y1622350K650A0L Datasheet
100Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W
Revision: 22-Sep-08
Y1622350K650A9L VISHAY-Y1622350K650A9L Datasheet
100Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W
Revision: 22-Sep-08
Y1622350K650B0L VISHAY-Y1622350K650B0L Datasheet
100Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W
Revision: 22-Sep-08
Y1622350K650B9L VISHAY-Y1622350K650B9L Datasheet
100Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W
Revision: 22-Sep-08
Y1622350K650C0L VISHAY-Y1622350K650C0L Datasheet
100Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W
Revision: 22-Sep-08
More results

Similar Description - Y16235K00000T9L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VPR221SZ VISHAY-VPR221SZ Datasheet
118Kb / 5P
   Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 11-Jun-07
VPR221Z VISHAY-VPR221Z Datasheet
114Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 16-Jul-07
VPR220S VISHAY-VPR220S_08 Datasheet
133Kb / 5P
   Foil Technology Precision Foil Power Surface Mount Resistors in TO-220 Configuration with TCR of 짹 2 ppm/째C,
Revision: 29-Feb-08
VPR220Z VISHAY-VPR220Z Datasheet
100Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W
Revision: 22-Sep-08
VSA101 VISHAY-VSA101 Datasheet
120Kb / 5P
   Ultra High Precision Axial Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power
Revision: 03-Nov-08
VCS1625Z VISHAY-VCS1625Z Datasheet
122Kb / 4P
   Ultra High Precision Z-Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at Rated Power
Revision: 25-Feb-08
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
   Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
Revision: 13-Nov-07
VFB1012D VISHAY-VFB1012D Datasheet
137Kb / 5P
   Ultra High Precision Z-Foil BGA Surface Mount Voltage Divider with 0.1 ppm/°C TCR Tracking,
Revision: 18-Apr-07
VCS232Z VISHAY-VCS232Z Datasheet
101Kb / 3P
   Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of ± 0.05 ppm/°C and Load Life Stability to ± 0.005%
Revision: 08-Aug-06
VPR220 VISHAY-VPR220 Datasheet
68Kb / 2P
   Precision Foil Power Resistors in TO 220 Configuration
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com