Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSKD9116P Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VSKD9116P
Description  Standard Diodes, 100 A (ADD-A-PAK Generation 5 Power Modules)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKD9116P Datasheet(HTML) 8 Page - Vishay Siliconix

  VSKD9116P Datasheet HTML 1Page - Vishay Siliconix VSKD9116P Datasheet HTML 2Page - Vishay Siliconix VSKD9116P Datasheet HTML 3Page - Vishay Siliconix VSKD9116P Datasheet HTML 4Page - Vishay Siliconix VSKD9116P Datasheet HTML 5Page - Vishay Siliconix VSKD9116P Datasheet HTML 6Page - Vishay Siliconix VSKD9116P Datasheet HTML 7Page - Vishay Siliconix VSKD9116P Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - VSKD9116P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKD91-04P VISHAY-VSKD91-04P Datasheet
272Kb / 9P
   AAP Gen 7 (TO-240AA) Power Modules Standard Diodes, 100 A
01-Jan-2022
VSKD91-06P VISHAY-VSKD91-06P Datasheet
272Kb / 9P
   AAP Gen 7 (TO-240AA) Power Modules Standard Diodes, 100 A
01-Jan-2022
VSKD91-08P VISHAY-VSKD91-08P Datasheet
272Kb / 9P
   AAP Gen 7 (TO-240AA) Power Modules Standard Diodes, 100 A
01-Jan-2022
VSKD91-10P VISHAY-VSKD91-10P Datasheet
272Kb / 9P
   AAP Gen 7 (TO-240AA) Power Modules Standard Diodes, 100 A
01-Jan-2022
VSKD91-12P VISHAY-VSKD91-12P Datasheet
272Kb / 9P
   AAP Gen 7 (TO-240AA) Power Modules Standard Diodes, 100 A
01-Jan-2022
More results

Similar Description - VSKD9116P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKD9104 VISHAY-VSKD9104 Datasheet
276Kb / 10P
   ADD-A-PAK Generation VII Power Modules Standard Diodes
Revision: 06-Jun-12
VSKD5608P VISHAY-VSKD5608P Datasheet
1Mb / 10P
   ADD-A-PAK Generation VII Power Modules Standard Diodes
Revision: 21-Mar-14
VSKT56 VISHAY-VSKT56_10 Datasheet
1Mb / 11P
   Standard Diodes, 60 A/80 A (ADD-A-PAK Generation 5 Power Modules)
Revision: 20-May-10
VS-VSKD7108P VISHAY-VS-VSKD7108P Datasheet
1Mb / 10P
   ADD-A-PAK Generation VII Power Modules Standard Diodes
Revision: 21-Mar-14
VSKD56 VISHAY-VSKD56 Datasheet
213Kb / 10P
   Standard Diodes, 60 to 80 A (ADD-A-PAK Generation 5 Power Modules)
Revision: 01-Aug-08
VSKD56 VISHAY-VSKD56_11 Datasheet
275Kb / 9P
   ADD-A-PAK Generation VII Power Modules Standard Diodes, 60 A
Revision: 09-Mar-11
VS-VSKD91 VISHAY-VS-VSKD91 Datasheet
273Kb / 9P
   ADD-A-PAK Gen 7 Power Modules Standard Diodes, 100 A
Revision: 05-Apr-16
VSKH42 VISHAY-VSKH42 Datasheet
522Kb / 12P
   ADD-A-PAK Generation VII Power Modules
Revision: 14-Jan-14
VSKT7104 VISHAY-VSKT7104 Datasheet
330Kb / 10P
   ADD-A-PAK Generation VII Power Modules
Revision: 14-Jan-14
VSKDS203 VISHAY-VSKDS203_10 Datasheet
174Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 100 A
Revision: 04-May-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com