Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y073421K5000G0L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # Y073421K5000G0L
Description  Bulk Metal® Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/°C, Tolerance to ± 0.01 % and power up to 10 Watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y073421K5000G0L Datasheet(HTML) 1 Page - Vishay Siliconix

  Y073421K5000G0L Datasheet HTML 1Page - Vishay Siliconix Y073421K5000G0L Datasheet HTML 2Page - Vishay Siliconix Y073421K5000G0L Datasheet HTML 3Page - Vishay Siliconix Y073421K5000G0L Datasheet HTML 4Page - Vishay Siliconix Y073421K5000G0L Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 63014
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 29-Aug-07
1
VFP-3, VFP-4
Vishay Foil Resistors
Bulk Metal® Foil Technology Power
and Current Sensing Resistors with TCR of 2 ppm/°C,
Tolerance to ± 0.01 % and power up to 10 Watts
Any value available within resistance range
The basic features of Vishay Bulk Metal® Foil resistors; tight
resistance tolerance, fast response time, low TCR, and
exceptional long-term stability, are available for power-circuit
applications. Typical applications are non-inductive design,
current sensing applications, deflection amplifiers, constant
current power supplies, forced balance electronic scales,
graphic display computers, character generation on CRTs,
and electron beam controls.
Our Application Engineering Department is available to
advise and to make recommendations. For non-standard
technical requirements and special applications, please
contact us.
FEATURES
• Temperature Coefficient of Resistance (TCR):
± 2 ppm/°C typical (- 55 °C to + 125 °C,
+ 25 °C Ref.) (see Tables 1 and 2)
• Tolerance: to ± 0.01 % (see Tables 1 and 2)
• Power Rating (heat-sinked): 10 W
• Load Life Stability: ± 0.005 % at 25 °C,
2000 hours at Rated Power
• Resistance Range: 0.05 Ω to 80 kΩ
• Electrostatic Discharge (ESD) above 25 000 V
• Non Inductive, Non Capacitive Design
• Rise Time: 1 ns without Ringing
• Current Noise: < - 40 dB
• Thermal EMF: 0.05 µV/°C typical
• Voltage Coefficient: < 0.1 ppm/V
• Non Inductive: < 0.08 µH
• Non Hot Spot Design
• Terminal Finishes Available: Lead (Pb)-free
Tin/Lead Alloy
• Any Value available within Resistance Range (e.g.
1K2345)
• Prototype Samples available from 48 hours. For more
Information, please contact foil@vishay.com
• For better Performances, please see VFP-3Z and VFP-4Z
Datasheets
Notes
Tighter tolerance available upon request
See page 3 in this data sheet for numbered footnotes.
1. Weight = 15 g Max
2. VFP-4 available up to 500
Ω.
3. - 55 °C to + 125 °C, + 25 °C Ref.
* Pb containing terminations are not RoHS compliant, exemptions may apply
I
1
E
1
E
2
I
2
R
V
I
I
Available
Pb-free
RoHS*
COMPLIANT
TABLE 1 - VFP-31) SPECIFICATIONS
RESISTANCE
RANGE (
Ω)
STANDARD
TOLERANCE
TYPICAL
TCR3)
MAXIMUM
TCR3)
50 to 80K
± 0.01 %
± 2 ppm/°C
± 5 ppm/°C
25 to < 50
± 0.02 %
± 7 ppm/°C
10 to < 25
± 0.05 %
± 10 ppm/°C
5 to < 10
± 0.1 %
± 13 ppm/°C
2 to < 5
± 0.25 %
± 20 ppm/°C
1 to < 2
± 0.5 %
± 25 ppm/°C
0.5 to < 1
± 1.0 %
± 50 ppm/°C
0.25 to < 0.5
± 2.0 %
0.1 to < 0.25
± 5.0 %
TABLE 2 - VFP-41), 2) SPECIFICATIONS
RESISTANCE
RANGE (
Ω)
STANDARD
TOLERANCE
TYPICAL
TCR3)
MAXIMUM
TCR3)
10 to 500
± 0.01 %
± 2 ppm/°C
± 5 ppm/°C
5 to < 10
± 0.02 %
± 6 ppm/°C
2 to < 5
± 0.05 %
± 8 ppm/°C
1 to < 2
± 0.1 %
± 10 ppm/°C
0.5 to < 1
± 0.25 %
± 15 ppm/°C
0.25 to < 0.5
± 0.5 %
± 20 ppm/°C
0.1 to < 0.25
± 1.0 %
± 25 ppm/°C
0.05 to < 0.1
± 2.0 %
± 30 ppm/°C


Similar Part No. - Y073421K5000G0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y070680K5000A0L VISHAY-Y070680K5000A0L Datasheet
115Kb / 4P
   Ultra High Precision, High Resolution Z-Foil Audio Resistor, with TCR of ± 0.2 ppm/°C, Tolerance to ± 0.01 % and Noise < - 40 dB
Revision: 12-Feb-08
Y070680K5000A1L VISHAY-Y070680K5000A1L Datasheet
115Kb / 4P
   Ultra High Precision, High Resolution Z-Foil Audio Resistor, with TCR of ± 0.2 ppm/°C, Tolerance to ± 0.01 % and Noise < - 40 dB
Revision: 12-Feb-08
Y070680K5000A9L VISHAY-Y070680K5000A9L Datasheet
115Kb / 4P
   Ultra High Precision, High Resolution Z-Foil Audio Resistor, with TCR of ± 0.2 ppm/°C, Tolerance to ± 0.01 % and Noise < - 40 dB
Revision: 12-Feb-08
Y070680K5000B0L VISHAY-Y070680K5000B0L Datasheet
115Kb / 4P
   Ultra High Precision, High Resolution Z-Foil Audio Resistor, with TCR of ± 0.2 ppm/°C, Tolerance to ± 0.01 % and Noise < - 40 dB
Revision: 12-Feb-08
Y070680K5000B1L VISHAY-Y070680K5000B1L Datasheet
115Kb / 4P
   Ultra High Precision, High Resolution Z-Foil Audio Resistor, with TCR of ± 0.2 ppm/°C, Tolerance to ± 0.01 % and Noise < - 40 dB
Revision: 12-Feb-08
More results

Similar Description - Y073421K5000G0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VPR5 VISHAY-VPR5 Datasheet
86Kb / 3P
   Bulk Metal® Foil Technology Power Current Sensing Resistors with TCR of 5 ppm/°C and Power Rating up to 7 Watts
Revision: 05-Jun-07
VHP-3 VISHAY-VHP-3 Datasheet
142Kb / 6P
   Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
Revision: 31-Oct-07
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
200 VISHAY-200 Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 mΩ
Revision: 16-Jul-07
VCS301 VISHAY-VCS301 Datasheet
162Kb / 4P
   Bulk Metal® Foil Technology High Precision 4-Terminal Power Current Sensing Resistors with TCR as low as ± 1 ppm/°C and Tolerance ± 0.1 %
Revision: 26-Jun-07
V5X5P VISHAY-V5X5P Datasheet
174Kb / 7P
   Bulk Metal® Foil Technology Discrete Chips with TCR of 2 ppm/°C and Tolerance to 0.005 % for use in Hybrid Circuits
Revision: 25-Oct-07
VPR220 VISHAY-VPR220_08 Datasheet
128Kb / 4P
   Foil Technology Precision Foil Power Resistors in TO-220 Configuration with TCR 2 ppm/째C,of Tolerance of to 짹 0.01 % and Power Rating to 8 W
Revision: 05-Jul-07
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com