Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y0098250K000T0L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # Y0098250K000T0L
Description  Ultra High Precision Axial Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y0098250K000T0L Datasheet(HTML) 2 Page - Vishay Siliconix

  Y0098250K000T0L Datasheet HTML 1Page - Vishay Siliconix Y0098250K000T0L Datasheet HTML 2Page - Vishay Siliconix Y0098250K000T0L Datasheet HTML 3Page - Vishay Siliconix Y0098250K000T0L Datasheet HTML 4Page - Vishay Siliconix Y0098250K000T0L Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63143
2
Revision: 03-Nov-08
VSA101 (Z-Foil)
Vishay Foil Resistors
Ultra High Precision Axial Z-Foil Resistor with
TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power,
Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
FIGURE 2 - TRIMMING TO VALUES
(Conceptual Illustration)
Mutual Inductance
Reduction due
to Opposing
Current in
Adjacent Lines
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming
FIGURE 3 - TYPICAL TCR CURVE Z-FOIL
+ 500
+ 200
+ 100
0
- 100
- 200
- 300
- 500
- 55
- 25
+ 25
+ 60
+ 75
+ 100
+ 125
Ambient Temperature (°C)
ΔR
R
(ppm)
0
0.05 ppm/°C
- 0.1 ppm/°C
0.1 ppm/°C
0.14 ppm/°C
0.2 ppm/°C
- 0.16 ppm/°C
- 400
+ 300
+ 400
FIGURE 4 - STANDARD IMPRINTING AND DIMENSIONS
BODY
LEAD
A - LENGTH (MAX.)
T - WIDTH (MAX.)
H - HEIGHT (MAX.)
C - LENGTH (MIN.)
D - DIAMETER
Inch
mm
Inch
mm
Inch
mm
Inch
mm
Inch
mm
0.305
7.75
0.102
2.59
0.26
6.60
1.5
38.10
0.025
0.64
TABLE 2 - VSA101 SPECIFICATIONS
Stability
Load life at 2000 h
± 0.005 % max.
ΔR at 0.1 W/+ 70 °C
± 0.015 % max.
ΔR at 0.3 W/+ 125 °C
Load life at 10 000 h
± 0.01 % max.
ΔR at 0.05 W/+ 125 °C
± 0.05 % max.
ΔR at 0.3 W/+ 125 °C
T
D
A
H
C
VISHAY
0806
VSA101
Date Code
08
06
Year Week
10K010
0.01 %
Tolerance
Resistance
Value


Similar Part No. - Y0098250K000T0L

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
Y000100 E-SWITCH-Y000100 Datasheet
117Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
logo
Vishay Siliconix
Y0006-10K/10KA VISHAY-Y0006-10K/10KA Datasheet
122Kb / 5P
   High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/°C and Tolerance Match to 0.005 % (50 ppm)
Revision: 21-Nov-07
Y0006V0001TT9L(10K/10K) VISHAY-Y0006V0001TT9L(10K/10K) Datasheet
122Kb / 5P
   High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/°C and Tolerance Match to 0.005 % (50 ppm)
Revision: 21-Nov-07
Y000780K5000V9L VISHAY-Y000780K5000V9L Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
Y0014150K000A0L VISHAY-Y0014150K000A0L Datasheet
94Kb / 4P
   Bulk Metal® Foil Technology Tubular Axial-Lead Resistors, Meets or Exceed MIL-R-39005 Requirements
Revision: 05-Jun-07
More results

Similar Description - Y0098250K000T0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
   Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
Revision: 13-Nov-07
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
VFCP VISHAY-VFCP Datasheet
130Kb / 5P
   Ultra High Precision Z-Foil Flip Chip Resistor with TCR of ± 0.05 ppm/°C, 35 % Space Saving versus Wraparound Design and PCR of 5 ppm at Rated Power
Revision: 28-Jun-07
VFCP VISHAY-VFCP_V01 Datasheet
231Kb / 5P
   Ultra High-Precision Z-Foil Flip Chip Resistor with TCR of ±0.05 ppm/°C, 35% Space Saving vs. Wraparound Design and PCR of 5 ppm at Rated Power
04-Nov-2013
VCS232Z VISHAY-VCS232Z_08 Datasheet
113Kb / 4P
   Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of 짹 0.05 ppm/째C,PCR of 5ppm at Rated Power and Tolerance of 짹0.02%
Revision: 16-Apr-07
VPR221Z VISHAY-VPR221Z Datasheet
114Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 16-Jul-07
VSMP VISHAY-VSMP Datasheet
138Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
Revision: 18-Sep-08
Y16251K00000T9R VISHAY-Y16251K00000T9R Datasheet
851Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
Revision: 29-Oct-2012
VCS1625Z VISHAY-VCS1625Z Datasheet
122Kb / 4P
   Ultra High Precision Z-Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at Rated Power
Revision: 25-Feb-08
VPR221SZ VISHAY-VPR221SZ Datasheet
118Kb / 5P
   Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 11-Jun-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com