Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ1206Y221 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # VJ1206Y221
Description  Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ1206Y221 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button VJ1206Y221 Datasheet HTML 2Page - Vishay Siliconix VJ1206Y221 Datasheet HTML 3Page - Vishay Siliconix VJ1206Y221 Datasheet HTML 4Page - Vishay Siliconix VJ1206Y221 Datasheet HTML 5Page - Vishay Siliconix VJ1206Y221 Datasheet HTML 6Page - Vishay Siliconix VJ1206Y221 Datasheet HTML 7Page - Vishay Siliconix VJ1206Y221 Datasheet HTML 8Page - Vishay Siliconix VJ1206Y221 Datasheet HTML 9Page - Vishay Siliconix VJ1206Y221 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.vishay.com
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45046
105
Revision: 28-Oct-08
VJ OMD - X7R
Vishay Vitramon Surface Mount Multilayer Ceramic Chip Capacitor Solutions
for Boardflex Sensitive Applications
Notes:
(1) Vishay Vitramon uses embossed plastic and punch paper carrier tapes. Paper tape is not available for case sizes > 1206 or for component
thickness > 0.035" [0.89 mm]
(2) REFERENCE: EIA Standard RS 481 -“Taping of Surface Mount Components for Automatic Placement”
(3) N/a = Not available
STANDARD PACKAGING QUANTITIES (1) (2) (3)
7" REEL
QUANTITIES
11 1/4" AND 13" REEL
QUANTITIES
BULK QUANTITIES
BODY
SIZE
TAPE
SIZE
PAPER TAPE
PACKAGING
CODE “C”
PLASTIC TAPE
PACKAGING
CODE “T”
PAPER TAPE
PACKAGING
CODE “P”
PLASTIC TAPE
PACKAGING
CODE “R”
VIAL
PACKAGING
CODE “B”
WAFFLE
PACKAGING
CODE “W”
0805
8 mm
3000
3000
10 000
10 000
5000
N/a
1206
8 mm
N/a
2500
N/a
10 000
5000
5000
1210
8 mm
N/a
3000
N/a
10 000
5000
N/a
1808
12 mm
N/a
3000
N/a
10 000
1000
N/a
1812
12 mm
N/a
1000
N/a
5000
1000
N/a
1825
12 mm
N/a
1000
N/a
5000
1000
1000
2220
12 mm
N/a
1000
N/a
5000
N/a
1000
2225
12 mm
N/a
1000
N/a
5000
N/a
1000


Similar Part No. - VJ1206Y221

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1206Y221KXEAT5Z VISHAY-VJ1206Y221KXEAT5Z Datasheet
236Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-Over in High-Voltage Applications
Revision: 25-Mar-13
VJ1206Y221KXGAT5Z VISHAY-VJ1206Y221KXGAT5Z Datasheet
236Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-Over in High-Voltage Applications
Revision: 25-Mar-13
More results

Similar Description - VJ1206Y221

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1812Y472KBGAT4X VISHAY-VJ1812Y472KBGAT4X Datasheet
219Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 25-Mar-13
VJ2220Y224KBEAT4X VISHAY-VJ2220Y224KBEAT4X Datasheet
221Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 22-Jul-13
VJOMD VISHAY-VJOMD Datasheet
209Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
VJ-OMD VISHAY-VJ-OMD Datasheet
208Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
VJOMD VISHAY-VJOMD_V01 Datasheet
206Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
01-Jan-2023
HVSERIES VISHAY-HVSERIES Datasheet
253Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for High Voltage Applications
01-Jan-2023
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
GAEDGESDMLCC VISHAY-GAEDGESDMLCC Datasheet
138Kb / 13P
   Surface Mount Multilayer Ceramic Chip Capacitors for Electro Static Discharge (ESD) Sensitive Automotive Applications
01-Jan-2023
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402Y102KXAAC31 VISHAY-VJ0402Y102KXAAC31 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com