Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ2225Y181 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VJ2225Y181
Description  Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ2225Y181 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button VJ2225Y181 Datasheet HTML 2Page - Vishay Siliconix VJ2225Y181 Datasheet HTML 3Page - Vishay Siliconix VJ2225Y181 Datasheet HTML 4Page - Vishay Siliconix VJ2225Y181 Datasheet HTML 5Page - Vishay Siliconix VJ2225Y181 Datasheet HTML 6Page - Vishay Siliconix VJ2225Y181 Datasheet HTML 7Page - Vishay Siliconix VJ2225Y181 Datasheet HTML 8Page - Vishay Siliconix VJ2225Y181 Datasheet HTML 9Page - Vishay Siliconix VJ2225Y181 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.vishay.com
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45046
104
Revision: 28-Oct-08
VJ OMD - X7R
Vishay Vitramon Surface Mount Multilayer Ceramic Chip Capacitor Solutions
for Boardflex Sensitive Applications
BOARDFLEX SENSITIVE APPLICATIONS - SOLUTION:
A predominant failure mode in multilayer ceramic chip capacitors is cracking caused by board flexure. Cracks can then create a
path for current to pass from one electrode through the dielectric to an opposing electrode or from the terminations at one end of
the MLCC through the dielectric to an opposing electrode. This may subsequently result in capacitance loss, leakage - low
Insulation Resistance (IR) - and/or more seriously, high current shorts. A short circuit condition in the surface mounted capacitors
can cause further failures of downstream components. Vishay’s Open Mode Design Capacitors (VJ OMD - Cap series) reduce
the risk of these destructive conditions through MLCC designs that prevent board flexure cracks reaching the opposing electrode.
VJ OMD - Cap MLCCs reduce the risk of early field failures associated with board flex cracks. However, it is important to note
that even in the open mode designs the presence of flexure related cracks can cause capacitance loss leading to localized
stresses on the parts. eventually, depending on the application environment, including such factors and high voltage pulse
frequency and thermal cycling this may lead to internal breakdown of the component.
POLYMER TERMINATION
Polymer termination provides additional protection against board flexure damage by absorbing greater mechanical and thermal
stresses. Componenets can be packaged, transported, stored and handled the same standard terminated product. Wave and
reflow soldering of MLCC does not require modification to equipment and/or process. Polymer termination greatly reduces the
risk of mechanical cracking however it does not completely eliminate.
STANDARD TERMINATION
Exposed Electrodes = Electrical Short
OMD CAP PLUS POLYMER TERMINATION
No Exposed Electrodes = No Electrical Short
BEND TEST RESULTS 2220 CASE SIZE
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
Log. (Polymer Termination)
Standard Termination
Polymer Termination
Log. (Standard Termination)
BOARD FLEXURE in mm
0 %
10 %
20 %
30 %
40 %
50 %
60 %
70 %
80 %
90 %
100 %


Similar Part No. - VJ2225Y181

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ2225Y182 VISHAY-VJ2225Y182 Datasheet
101Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for Power Supply Applications
Revision: 29-Sep-08
VJ2225Y183 VISHAY-VJ2225Y183 Datasheet
101Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for Power Supply Applications
Revision: 29-Sep-08
VJ2225Y184 VISHAY-VJ2225Y184 Datasheet
101Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for Power Supply Applications
Revision: 29-Sep-08
More results

Similar Description - VJ2225Y181

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1812Y472KBGAT4X VISHAY-VJ1812Y472KBGAT4X Datasheet
219Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 25-Mar-13
VJ2220Y224KBEAT4X VISHAY-VJ2220Y224KBEAT4X Datasheet
221Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 22-Jul-13
VJOMD VISHAY-VJOMD Datasheet
209Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
VJ-OMD VISHAY-VJ-OMD Datasheet
208Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
VJOMD VISHAY-VJOMD_V01 Datasheet
206Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
01-Jan-2023
HVSERIES VISHAY-HVSERIES Datasheet
253Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for High Voltage Applications
01-Jan-2023
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
GAEDGESDMLCC VISHAY-GAEDGESDMLCC Datasheet
138Kb / 13P
   Surface Mount Multilayer Ceramic Chip Capacitors for Electro Static Discharge (ESD) Sensitive Automotive Applications
01-Jan-2023
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402Y102KXAAC31 VISHAY-VJ0402Y102KXAAC31 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com