Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ1825A221 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VJ1825A221
Description  Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ1825A221 Datasheet(HTML) 7 Page - Vishay Siliconix

  VJ1825A221 Datasheet HTML 1Page - Vishay Siliconix VJ1825A221 Datasheet HTML 2Page - Vishay Siliconix VJ1825A221 Datasheet HTML 3Page - Vishay Siliconix VJ1825A221 Datasheet HTML 4Page - Vishay Siliconix VJ1825A221 Datasheet HTML 5Page - Vishay Siliconix VJ1825A221 Datasheet HTML 6Page - Vishay Siliconix VJ1825A221 Datasheet HTML 7Page - Vishay Siliconix VJ1825A221 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.vishay.com
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45047
96
Revision: 20-Aug-08
VJ OMD - C0G (NP0)
Vishay Vitramon Surface Mount Multilayer Ceramic Chip Capacitor Solutions
for Boardflex Sensitive Applications
Notes:
(1) Vishay Vitramon uses embossed plastic carrier tape
(2) REFERENCE: EIA Standard RS 481 - “Taping of Surfance Mount Components for Automatic Placement”
(3) N/a = Not available
STANDARD PACKAGING QUANTITIES (1)(2)(3)
7" REEL
QUANTITIES
11 1/4" AND 13" REEL
QUANTITIES
BULK QUANTITIES
BODY
SIZE
TAPE
SIZE
PAPER TAPE
PACKAGING
CODE “C”
PLASTIC TAPE
PACKAGING
CODE “T”
PAPER TAPE
PACKAGING
CODE “P”
PLASTIC TAPE
PACKAGING
CODE “R”
VIAL
PACKAGING
CODE “B”
WAFFLE
PACKAGING
CODE “W”
1206
8 mm
N/a
3000
N/a
10 000
5000
N/a
1210
8 mm
N/a
3000
N/a
10 000
5000
N/a
1808
12 mm
N/a
3000
N/a
10 000
1000
N/a
1812
12 mm
N/a
1000
N/a
5000
1000
N/a
1825
12 mm
N/a
1000
N/a
5000
1000
1000
2220
12 mm
N/a
1000
N/a
5000
N/a
1000
2225
12 mm
N/a
1000
N/a
5000
N/a
1000


Similar Part No. - VJ1825A221

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1825A102BFAAT VISHAY-VJ1825A102BFAAT Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
VJ1825A102BFXAT VISHAY-VJ1825A102BFXAT Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
VJ1825A102BXAAT VISHAY-VJ1825A102BXAAT Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
VJ1825A102BXXAT VISHAY-VJ1825A102BXXAT Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
VJ1825A102CFAAT VISHAY-VJ1825A102CFAAT Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
More results

Similar Description - VJ1825A221

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJOMD-X7R VISHAY-VJOMD-X7R Datasheet
166Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 28-Oct-08
VJ1812Y472KBGAT4X VISHAY-VJ1812Y472KBGAT4X Datasheet
219Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 25-Mar-13
VJ2220Y224KBEAT4X VISHAY-VJ2220Y224KBEAT4X Datasheet
221Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 22-Jul-13
VJOMD VISHAY-VJOMD Datasheet
209Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
HVSERIES VISHAY-HVSERIES Datasheet
253Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for High Voltage Applications
01-Jan-2023
VJ-OMD VISHAY-VJ-OMD Datasheet
208Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
VJOMD VISHAY-VJOMD_V01 Datasheet
206Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
01-Jan-2023
logo
Johanson Technology Inc...
102R18W101KV4E JOHANSON-102R18W101KV4E Datasheet
1Mb / 36P
   ceramic capacitor solutions
102S48W104KV4E JOHANSON-102S48W104KV4E Datasheet
1Mb / 36P
   Ceramic Capacitor Solutions
102R18N220JV4E JOHANSON-102R18N220JV4E Datasheet
1Mb / 40P
   Ceramic Capacitor Solutions
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com