Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y073321R5000C0L Datasheet(PDF) 3 Page - Vishay Siliconix

Part # Y073321R5000C0L
Description  Bulk Metal® Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/°C, Tolerance to ± 0.01 % and power up to 10 Watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y073321R5000C0L Datasheet(HTML) 3 Page - Vishay Siliconix

  Y073321R5000C0L Datasheet HTML 1Page - Vishay Siliconix Y073321R5000C0L Datasheet HTML 2Page - Vishay Siliconix Y073321R5000C0L Datasheet HTML 3Page - Vishay Siliconix Y073321R5000C0L Datasheet HTML 4Page - Vishay Siliconix Y073321R5000C0L Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 63014
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 29-Aug-07
3
VFP-3, VFP-4
Bulk Metal® Foil Technology Power and
Current Sensing Resistors with TCR of 2 ppm/°C,
Tolerance to ± 0.01 % and power up to 10 Watts
Vishay Foil Resistors
Notes
1. Whichever is lower.
2. Heat
sink
chassis
dimensions
and
requirements
per
MIL-PRF-39009:
3. Inductance (L) due mainly to the leads.
4.
The resolution limit of existing test equipment (within the
measurement capability of the equipment, or "essentially zero").
5. Not to exceed power rating of resistor.
6. µV/°C relates to EMF due to lead temperature difference and
µV/watt due to power applied to the resistor.
7. Vishay test data as compared to MIL-PRF-39009 is shown for
illustration purposes, Vishay test conditions that deviate from the
MIL test method are noted within parentheses.
8. Maximum ambient temperature rating is + 150 °C.
9. Maximum overload rating is 15 W (5 x rated power in free air;
1.5 x rated power on heat sink), with applied voltage not to
exceed 750 V.
10.
ΔR’s are as shown plus 0.001 Ω to allow for measurement errors
at low resistance values.
TABLE 4 - POWER RESISTOR ENVIRONMENTAL PERFORMANCE COMPARISON
METHOD
PARAGRAPH7)
MIL-PRF-39009
ΔR LIMITS
VFP-3, VFP-4
MAXIMUM
TEST DATA10)
TEST GROUP I
Conditioning
4.8.2
± 0.2 % + 0.01
Ω
± 0.03 %
TEST GROUP II
Resistance Temperature Characteristic
4.8.4
< 1
Ω: ± 100 ppm/°C;
See
(- 55 °C to + 125 °C)
1
Ω to 19.6 Ω: ± 50 ppm/°C;
tables 1 and 2
≥ 20 Ω: ± 30 ppm/°C
Low Temp Storage
4.8.16
± 0.3 % + 0.01
Ω
± 0.01 %
DWV
(750 V at atmosphere pressure)
4.8.5
± 0.2 % + 0.01
Ω
± 0.005 %
Insulation Resistance
4.8.6
104 M
Ω
> 104 M
Ω
Low Temp Operation
4.8.7
± 0.3 % + 0.01
Ω
± 0.01 %
Short time Overload9)
4.8.8
± 0.3 % + 0.01
Ω
± 0.01 %
Moisture Resistance
4.8.9
± 0.5 % + 0.01
Ω
± 0.05 %
Terminal Strength
4.8.10
± 0.2 % + 0.01
Ω
± 0.005 %
TEST GROUP III
Shock - Specified Pulse
4.8.11
± 0.2 % + 0.01
Ω
± 0.01 %
Vibration - High Frequency
4.8.12
± 0.2 % + 0.01
Ω
± 0.005 %
TEST GROUP IV
Life Test
10 W at + 25 °C for 2000 hours
4.8.13
± 1.0 % + 0.01
Ω
± 0.05 %
60 % power at + 70 °C
for 2000 hours
-
-
± 0.05 %
TEST GROUP V
High Temp Exposure
(2000 hours at + 150 °C)
4.8.14
± 1.0 % + 0.01
Ω
± 0.03 %
INCHES
MILLIMETERS
L
6.00
152.4
W
4.00
101.6
H
2.00
50.8
T
0.04
1.0


Similar Part No. - Y073321R5000C0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y070680K5000A0L VISHAY-Y070680K5000A0L Datasheet
115Kb / 4P
   Ultra High Precision, High Resolution Z-Foil Audio Resistor, with TCR of ± 0.2 ppm/°C, Tolerance to ± 0.01 % and Noise < - 40 dB
Revision: 12-Feb-08
Y070680K5000A1L VISHAY-Y070680K5000A1L Datasheet
115Kb / 4P
   Ultra High Precision, High Resolution Z-Foil Audio Resistor, with TCR of ± 0.2 ppm/°C, Tolerance to ± 0.01 % and Noise < - 40 dB
Revision: 12-Feb-08
Y070680K5000A9L VISHAY-Y070680K5000A9L Datasheet
115Kb / 4P
   Ultra High Precision, High Resolution Z-Foil Audio Resistor, with TCR of ± 0.2 ppm/°C, Tolerance to ± 0.01 % and Noise < - 40 dB
Revision: 12-Feb-08
Y070680K5000B0L VISHAY-Y070680K5000B0L Datasheet
115Kb / 4P
   Ultra High Precision, High Resolution Z-Foil Audio Resistor, with TCR of ± 0.2 ppm/°C, Tolerance to ± 0.01 % and Noise < - 40 dB
Revision: 12-Feb-08
Y070680K5000B1L VISHAY-Y070680K5000B1L Datasheet
115Kb / 4P
   Ultra High Precision, High Resolution Z-Foil Audio Resistor, with TCR of ± 0.2 ppm/°C, Tolerance to ± 0.01 % and Noise < - 40 dB
Revision: 12-Feb-08
More results

Similar Description - Y073321R5000C0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VPR5 VISHAY-VPR5 Datasheet
86Kb / 3P
   Bulk Metal® Foil Technology Power Current Sensing Resistors with TCR of 5 ppm/°C and Power Rating up to 7 Watts
Revision: 05-Jun-07
VHP-3 VISHAY-VHP-3 Datasheet
142Kb / 6P
   Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
Revision: 31-Oct-07
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
200 VISHAY-200 Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 mΩ
Revision: 16-Jul-07
VCS301 VISHAY-VCS301 Datasheet
162Kb / 4P
   Bulk Metal® Foil Technology High Precision 4-Terminal Power Current Sensing Resistors with TCR as low as ± 1 ppm/°C and Tolerance ± 0.1 %
Revision: 26-Jun-07
V5X5P VISHAY-V5X5P Datasheet
174Kb / 7P
   Bulk Metal® Foil Technology Discrete Chips with TCR of 2 ppm/°C and Tolerance to 0.005 % for use in Hybrid Circuits
Revision: 25-Oct-07
VPR220 VISHAY-VPR220_08 Datasheet
128Kb / 4P
   Foil Technology Precision Foil Power Resistors in TO-220 Configuration with TCR 2 ppm/째C,of Tolerance of to 짹 0.01 % and Power Rating to 8 W
Revision: 05-Jul-07
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com