Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1839 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MKP1839
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1839 Datasheet(HTML) 1 Page - Vishay Siliconix

  MKP1839 Datasheet HTML 1Page - Vishay Siliconix MKP1839 Datasheet HTML 2Page - Vishay Siliconix MKP1839 Datasheet HTML 3Page - Vishay Siliconix MKP1839 Datasheet HTML 4Page - Vishay Siliconix MKP1839 Datasheet HTML 5Page - Vishay Siliconix MKP1839 Datasheet HTML 6Page - Vishay Siliconix MKP1839 Datasheet HTML 7Page - Vishay Siliconix MKP1839 Datasheet HTML 8Page - Vishay Siliconix MKP1839 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MKP 1839
Vishay Roederstein
AC and Pulse Metallized Polypropylene Film Capacitors
MKP Axial Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 26022
1
Revision: 22-Oct-08
APPLICATIONS
Pulse operations, SMPS and thyristor circuits, storage, filter,
timing and sample and hold circuits.
REFERENCE STANDARDS
IEC 60384-16
MARKING
C-value; tolerance; rated voltage; manufacturer’s type; code
for dielectric material; manufacturer location; manufacturer’s
logo; year and week
DIELECTRIC
Polypropylene film
ELECTRODES
Metallized
CONSTRUCTION
Mono construction
RATED (DC) VOLTAGE
160 V, 250 V, 400 V, 630 V
RATED (AC) VOLTAGE
100 V, 160 V, 220 V, 250 V
FEATURES
Supplied loose in box, taped on ammopack or reel
RoHS compliant
ENCAPSULATION
Plastic-wrapped,
epoxy
resin
sealed.
Flame
retardant.
CLIMATIC TESTING CLASS ACC. TO IEC 60068-1
55/100/56
CAPACITANCE RANGE (E12 SERIES)
47 pF to 22 µF
CAPACITANCE TOLERANCE
± 10 %, ± 5 %, ± 2.5 %, ± 2 %, ± 1 %
LEADS
Tinned wire
MAXIMUM APPLICATION TEMPERATURE
100 °C
PULL TEST ON LEADS
≥ 20 N in direction of leads according to IEC 60068-2-21
BENT TEST ON LEADS
2 bends trough 90° with half of the force used in pull test
DETAIL SPECIFICATION
For more detailed data and test requirements contact:
dc-film@vishay.com
Lead Diameter
dt (mm)
D
(mm)
L
(mm)
0.6 ± 0.06
≤ 9.0
≤ 19.0
0.8 ± 0.08
< 16.5
> 26.5
1.0 ± 0.1
> 16.5
> 26.5
40.0 ± 5.0
L
Max.
40.0 ± 5.0
Ød
t
D
Max.


Similar Part No. - MKP1839

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1839 VISHAY-MKP1839 Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1839-422-403-G VISHAY-MKP1839-422-403-G Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1839-422-403-R VISHAY-MKP1839-422-403-R Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1839-522-403 VISHAY-MKP1839-522-403 Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP18390.1047631G VISHAY-MKP18390.1047631G Datasheet
129Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 10-Dec-13
More results

Similar Description - MKP1839

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1839 VISHAY-MKP1839_12 Datasheet
129Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 10-Dec-13
MKP1839HQ VISHAY-MKP1839HQ Datasheet
126Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Apr-10
MKP1839HQ VISHAY-MKP1839HQ_12 Datasheet
133Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Dec-15
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 30-Nov-10
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com