Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

351HE0A9WZ Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 351HE0A9WZ
Description  Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

351HE0A9WZ Datasheet(HTML) 5 Page - Vishay Siliconix

  351HE0A9WZ Datasheet HTML 1Page - Vishay Siliconix 351HE0A9WZ Datasheet HTML 2Page - Vishay Siliconix 351HE0A9WZ Datasheet HTML 3Page - Vishay Siliconix 351HE0A9WZ Datasheet HTML 4Page - Vishay Siliconix 351HE0A9WZ Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - 351HE0A9WZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
351HE VISHAY-351HE Datasheet
378Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 27-Mar-15
351HE VISHAY-351HE Datasheet
376Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
01-Jan-2022
351HE1B9ZC0P27XXXX VISHAY-351HE1B9ZC0P27XXXX Datasheet
376Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
01-Jan-2022
351HE VISHAY-351HE_15 Datasheet
368Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 27-Mar-15
351HE VISHAY-351HE_V01 Datasheet
376Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
01-Jan-2022
More results

Similar Description - 351HE0A9WZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
631HE VISHAY-631HE_V01 Datasheet
101Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
01-Jan-2022
631HE VISHAY-631HE Datasheet
106Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 12-Apr-10
351HE VISHAY-351HE Datasheet
378Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 27-Mar-15
351HE VISHAY-351HE_15 Datasheet
368Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 27-Mar-15
631HE VISHAY-631HE_15 Datasheet
359Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 27-Mar-15
351HE VISHAY-351HE_V01 Datasheet
376Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
01-Jan-2022
78SHE VISHAY-78SHE_15 Datasheet
401Kb / 5P
   Single Turn Servo Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 27-Mar-15
78SHE VISHAY-78SHE Datasheet
410Kb / 5P
   Single Turn Servo Mount Hall Effect Sensor in Size 09 (22.2 mm)S
01-Jan-2022
34THE VISHAY-34THE_15 Datasheet
221Kb / 7P
   Ten Turns Servo or Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 25-Jul-12
34THE VISHAY-34THE_V01 Datasheet
230Kb / 7P
   Ten Turns Servo or Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com