Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3547S-1BD-103 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # 3547S-1BD-103
Description  3-Turn Precision Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3547S-1BD-103 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  3547S-1BD-103 Datasheet HTML 1Page - Bourns Electronic Solutions 3547S-1BD-103 Datasheet HTML 2Page - Bourns Electronic Solutions 3547S-1BD-103 Datasheet HTML 3Page - Bourns Electronic Solutions 3547S-1BD-103 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
“Hybritron” is a registered trademark of Hybritron, Inc.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3547 - 3-Turn Precision Potentiometer
How To Order
3
547
S
-
2
A A
-
1
0
3
/
10
3
A
Code
H
S
Description
Hybritron®
Wirewound
ELEMENT TYPE
Code
A
B
Description
None
180 °
ANTI-ROTATION LUG*
Code
3547
Description
3-Turn
MODEL DESIGNATOR
Code
1
2
Description
Single
Dual
NO. OF SECTIONS
Code
A
B
Description
0.25 %
0.20 %
INDEPENDENT LINEARITY
Code
A
B
C
D
Shaft FMS
13/16 "
20.6 mm
13/16 "
20.6 mm
Shaft Material
Nickel Plated Brass
Nickel Plated Brass
Stainless Steel
Stainless Steel
Shaft Dia.
1/4 "
6 mm
1/4 "
6 mm
Bushing Dia.
3/8 "
9 mm
3/8 "
9 mm
Bushing Material
Brass
Brass
Bronze
Bronze
BUSHING MOUNT
Code
E
Shaft FMS
3/8 "
Shaft Material
Stainless Steel
Shaft Dia.
1/8 "
SERVO MOUNT
Code
Element Type
Hybritron®
Hybritron®
Hybritron®
Wirewound
Wirewound
Wirewound
Wirewound
Wirewound
Wirewound
Wirewound
Wirewound
Resolution
0.069
0.054
0.043
0.04
0.038
0.029
0.023
0.017
RESISTANCE**
102 (1K Ω)
502 (5K Ω)
103 (10K Ω)
201 (200 Ω)
501 (500 Ω)
102 (1K Ω)
202 (2K Ω)
502 (5K Ω)
103 (10K Ω)
203 (20K Ω)
503 (50K Ω)
** For Single gang, use only first three digits.
For Dual gang, use six digits separated by a "/".
* Anti-rotation lug is not available for
servo mount versions.
REV. 04/08
Asia-Pacific: TEL +886-2 25624117 • FAX +886-2 25624116
Europe: TEL +41-41 7685555 • FAX +41-41 7685510
The Americas: TEL +1-951 781-5500 • FAX +1-951 781-5700
www.bourns.com
PANEL
POT
LOCKWASHER
HEX NUT
2.46 - 3.81
(.097 - .150)
Panel Thickness Dimensions
1.60 +.08/-.03
(.063 +.003/-.001)
10.41 ± .08
(.410 ± .003)
DIA.
DIA.
ADDITIONAL HOLE FOR
ANTIROTATION PIN
7.42
(.292)
R
MM
(INCHES)
DIMENSIONS:
TOLERANCES: ±
0.127
(.005)
(For Bushing Mount Only)


Similar Part No. - 3547S-1BD-103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3547S-1BA-102A BOURNS-3547S-1BA-102A Datasheet
412Kb / 4P
   3-Turn Precision Potentiometer
3547S-1BA-102B BOURNS-3547S-1BA-102B Datasheet
412Kb / 4P
   3-Turn Precision Potentiometer
3547S-1BA-103A BOURNS-3547S-1BA-103A Datasheet
412Kb / 4P
   3-Turn Precision Potentiometer
3547S-1BA-103B BOURNS-3547S-1BA-103B Datasheet
412Kb / 4P
   3-Turn Precision Potentiometer
3547S-1BA-201A BOURNS-3547S-1BA-201A Datasheet
412Kb / 4P
   3-Turn Precision Potentiometer
More results

Similar Description - 3547S-1BD-103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3547 BOURNS-3547_11 Datasheet
412Kb / 4P
   3-Turn Precision Potentiometer
logo
Bi technologies
5710 BITECH-5710 Datasheet
120Kb / 4P
   3 Diameter Single Turn Wirewound Precision Potentiometer
logo
Bourns Electronic Solut...
3549 BOURNS-3549 Datasheet
530Kb / 5P
   10-Turn Precision Potentiometer
logo
TT Electronics.
3371 TTELEC-3371 Datasheet
690Kb / 3P
   Single-Turn Precision Potentiometer
3381 TTELEC-3381 Datasheet
690Kb / 3P
   Single-Turn Precision Potentiometer
6273 TTELEC-6273 Datasheet
708Kb / 3P
   Single-Turn Precision Potentiometer
6370 TTELEC-6370 Datasheet
788Kb / 3P
   Single-Turn Precision Potentiometer
9300 TTELEC-9300 Datasheet
742Kb / 4P
   Multi-Turn Precision Potentiometer
8140 TTELEC-8140 Datasheet
1,006Kb / 4P
   Multi-Turn Precision Potentiometer
logo
Bourns Electronic Solut...
3548 BOURNS-3548 Datasheet
414Kb / 4P
   5-Turn Precision Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com