Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ4708-V Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MMSZ4708-V
Description  Small Signal Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMSZ4708-V Datasheet(HTML) 2 Page - Vishay Siliconix

  MMSZ4708-V Datasheet HTML 1Page - Vishay Siliconix MMSZ4708-V Datasheet HTML 2Page - Vishay Siliconix MMSZ4708-V Datasheet HTML 3Page - Vishay Siliconix MMSZ4708-V Datasheet HTML 4Page - Vishay Siliconix MMSZ4708-V Datasheet HTML 5Page - Vishay Siliconix MMSZ4708-V Datasheet HTML 6Page - Vishay Siliconix MMSZ4708-V Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number 85773
Rev. 1.7, 16-Jul-08
MMSZ4681-V to MMSZ4717-V
Vishay Semiconductors
For technical support, please contact: Diodes-SSP@vishay.com
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Maximum VF = 0.9 V at IF = 10 mA
Note
1) Measured with device junction in thermal equilibrium
Partnumber
Marking code
Zener voltage 1)
Max. reverse
current
Test voltage
VZ at IZT = 50 µA
IR
VR
V
µA
V
typ.
min.
max.
MMSZ4681-V
CF
2.4
2.28
2.52
2
1
MMSZ4682-V
CH
2.7
2.57
2.84
1
1
MMSZ4683-V
CJ
3
2.85
3.15
0.8
1
MMSZ4684-V
CK
3.3
3.14
3.47
7.5
1.5
MMSZ4685-V
CM
3.6
3.42
3.78
7.5
2
MMSZ4686-V
CN
3.9
3.71
4.1
5
2
MMSZ4687-V
CP
4.3
4.09
4.52
4
2
MMSZ4688-V
CT
4.7
4.47
4.94
10
3
MMSZ4689-V
CU
5.1
4.85
5.36
10
3
MMSZ4690-V
CV
5.6
5.32
5.88
10
4
MMSZ4691-V
CA
6.2
5.89
6.51
10
5
MMSZ4692-V
CX
6.8
6.46
7.14
10
5.1
MMSZ4693-V
CY
7.5
7.13
7.88
10
5.7
MMSZ4694-V
CZ
8.2
7.79
8.61
1
6.2
MMSZ4695-V
DC
8.7
8.27
9.14
1
6.6
MMSZ4696-V
DD
9.1
8.65
9.56
1
6.9
MMSZ4697-V
DE
10
9.5
10.5
1
7.6
MMSZ4698-V
DF
11
10.5
11.6
0.05
8.4
MMSZ4699-V
DH
12
11.4
12.6
0.05
9.1
MMSZ4700-V
DJ
13
12.4
13.7
0.05
9.8
MMSZ4701-V
DK
14
13.3
14.7
0.05
10.6
MMSZ4702-V
DM
15
14.3
15.8
0.05
11.4
MMSZ4703-V
DN
16
15.2
16.8
0.05
12.1
MMSZ4704-V
DP
17
16.2
17.9
0.05
12.9
MMSZ4705-V
DT
18
17.1
18.9
0.05
13.6
MMSZ4706-V
DU
19
18.1
20
0.05
14.4
MMSZ4707-V
DV
20
19
21
0.01
15.2
MMSZ4708-V
DA
22
20.9
23.1
0.01
16.7
MMSZ4709-V
DZ
24
22.8
25.2
0.01
18.2
MMSZ4710-V
DY
25
23.8
26.3
0.01
19
MMSZ4711-V
EA
27
25.7
28.4
0.01
20.4
MMSZ4712-V
EC
28
26.6
29.4
0.01
21.2
MMSZ4713-V
ED
30
28.5
31.5
0.01
22.8
MMSZ4714-V
EE
33
31.4
34.7
0.01
25
MMSZ4715-V
EF
36
34.2
37.8
0.01
27.3
MMSZ4716-V
EH
39
37.1
41
0.01
29.6
MMSZ4717-V
EJ
43
40.9
45.2
0.01
32.6


Similar Part No. - MMSZ4708-V

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ4708-V PANJIT-MMSZ4708-V Datasheet
105Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ4708-V PANJIT-MMSZ4708-V Datasheet
77Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Vishay Siliconix
MMSZ4708-V-G VISHAY-MMSZ4708-V-G Datasheet
87Kb / 5P
   Small Signal Zener Diodes
Rev. 1.1, 29-Nov-11
More results

Similar Description - MMSZ4708-V

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com