Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MFU0603FF01000P100 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MFU0603FF01000P100
Description  Thin Film Flat Chip Fuses
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MFU0603FF01000P100 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MFU0603FF01000P100 Datasheet HTML 2Page - Vishay Siliconix MFU0603FF01000P100 Datasheet HTML 3Page - Vishay Siliconix MFU0603FF01000P100 Datasheet HTML 4Page - Vishay Siliconix MFU0603FF01000P100 Datasheet HTML 5Page - Vishay Siliconix MFU0603FF01000P100 Datasheet HTML 6Page - Vishay Siliconix MFU0603FF01000P100 Datasheet HTML 7Page - Vishay Siliconix MFU0603FF01000P100 Datasheet HTML 8Page - Vishay Siliconix MFU0603FF01000P100 Datasheet HTML 9Page - Vishay Siliconix MFU0603FF01000P100 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.vishay.com
For technical questions, contact: ff3eresistors@vishay.com
Document Number: 28747
6
Revision: 25-Jun-08
MFU Series - Thin Film Fuse
Vishay Beyschlag
Thin Film Flat Chip Fuses
FUNCTIONAL PERFORMANCE
Typical I-t Characteristic of MFU 0402
0.1
1
10
100
current [A]
10-4
10-3
10-2
10-1
100
101
102
103
104
MFU 0402
typical characteristics (FF)
mounted on testboard acc. IEC 60127-4
3.15 A
3.00 A
2.50 A
2.00 A
1.75 A
1.60 A
1.50 A
1.25 A
1.00 A
0.80 A
0.75 A
0.63 A
0.50 A
pre-arc time [s]
10-4
10-3
10-2
10-1
100
101
102
103
104
10-5
10-4
102
101
100
10-1
10-2
10-3
MFU 0402
typical characteristics (FF)
mounted on testboard acc. IEC 60127-4
3.15 A
3.00 A
2.50 A
2.00 A
1.75 A
1.60 A
1.50 A
1.25 A
1.00 A
0.80 A
0.75 A
0.63 A
0.50 A
Typical I2t vs. t Characteristic of MFU 0402


Similar Part No. - MFU0603FF01000P100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MFU0603FF01000P100 VISHAY-MFU0603FF01000P100 Datasheet
179Kb / 13P
   Thin Film Chip Fuses
Revision: 06-May-10
MFU0603FF01000P100 VISHAY-MFU0603FF01000P100 Datasheet
169Kb / 13P
   Thin Film Chip Fuses
Revision: 11-Mar-13
More results

Similar Description - MFU0603FF01000P100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MFU VISHAY-MFU_10 Datasheet
179Kb / 13P
   Thin Film Chip Fuses
Revision: 06-May-10
MFU1206FF03000P500 VISHAY-MFU1206FF03000P500 Datasheet
169Kb / 13P
   Thin Film Chip Fuses
Revision: 11-Mar-13
MCS0402 VISHAY-MCS0402 Datasheet
632Kb / 2P
   Precision Thin Film Flat Chip Resistors
Revision 18-Dec-09
TNPVE3 VISHAY-TNPVE3 Datasheet
112Kb / 9P
   High Voltage Thin Film Flat Chip Resistors
Revision: 24-Apr-15
TNPWE3 VISHAY-TNPWE3_V01 Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPWE3 VISHAY-TNPWE3 Datasheet
143Kb / 11P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Feb-15
TNPW0805150KBEEA VISHAY-TNPW0805150KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW-E3 VISHAY-TNPW-E3 Datasheet
182Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 12-May-16
TNPVE3 VISHAY-TNPVE3_V01 Datasheet
141Kb / 9P
   High Voltage Thin Film Flat Chip Resistors
01-Jan-2022
TNPW_E3 VISHAY-TNPW_E3 Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com