Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MFU1206FF00500P100 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MFU1206FF00500P100
Description  Thin Film Flat Chip Fuses
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MFU1206FF00500P100 Datasheet(HTML) 2 Page - Vishay Siliconix

  MFU1206FF00500P100 Datasheet HTML 1Page - Vishay Siliconix MFU1206FF00500P100 Datasheet HTML 2Page - Vishay Siliconix MFU1206FF00500P100 Datasheet HTML 3Page - Vishay Siliconix MFU1206FF00500P100 Datasheet HTML 4Page - Vishay Siliconix MFU1206FF00500P100 Datasheet HTML 5Page - Vishay Siliconix MFU1206FF00500P100 Datasheet HTML 6Page - Vishay Siliconix MFU1206FF00500P100 Datasheet HTML 7Page - Vishay Siliconix MFU1206FF00500P100 Datasheet HTML 8Page - Vishay Siliconix MFU1206FF00500P100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.vishay.com
For technical questions, contact: ff3eresistors@vishay.com
Document Number: 28747
2
Revision: 25-Jun-08
MFU Series - Thin Film Fuse
Vishay Beyschlag
Thin Film Flat Chip Fuses
Notes
(1)
Products can be ordered using either the PART NUMBER or the PRODUCT DESCRIPTION
(2)
Please refer to table PACKAGING
PART NUMBER AND PRODUCT DESCRIPTION MFU SERIES (1)
PART NUMBER: MFU0603FF01000PW00
MODEL/SIZE
FUSE CHARACTERISTIC
RATED CURRENT VALUE
PACKAGING (2)
SPECIAL
MFU0402
MFU0603
MFU0805
MFU1206
FF = Very quick acting
Rated current value
in mA.
Examples:
00500 = 0.5 A
01000 = 1.0 A
06300 = 6.3 A
E1
E5
E0
P1
P5
PW
Up to 2 digits
00 = Standard
PRODUCT DESCRIPTION: MFU 0603 -FF PW 1A0
MFU
0603
-FF
PW
1A0
MODEL
SIZE
FUSE CHARACTERISTIC
PACKAGING (2)
RATED CURRENT VALUE
MFU
0402
0603
0805
1206
FF = Very quick acting
E1
E5
E0
P1
P5
PW
See rating tables
Examples:
0A5 = 0.5 A
1A0 = 1.0 A
6A3 = 6.3 A
PACKAGING
MODEL
REEL
DIAMETER
PIECES/REEL
CODE
MFU0402
180 mm/7"
1000
E1
180 mm/7"
5000
E5
180 mm/7"
10 000
E0
MFU0603
180 mm/7"
1000
P1
180 mm/7"
5000
P5
330 mm/13"
20 000
PW
MFU0805
180 mm/7"
1000
P1
180 mm/7"
5000
P5
330 mm/13"
20 000
PW
MFU1206
180 mm/7"
1000
P1
180 mm/7"
5000
P5
330 mm/13"
20 000
PW
M
F
U
0
6
0
3
F
F
0
10
0
0
P
W
00


Similar Part No. - MFU1206FF00500P100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MFU1206FF00500P100 VISHAY-MFU1206FF00500P100 Datasheet
179Kb / 13P
   Thin Film Chip Fuses
Revision: 06-May-10
MFU1206FF00500P100 VISHAY-MFU1206FF00500P100 Datasheet
169Kb / 13P
   Thin Film Chip Fuses
Revision: 11-Mar-13
MFU1206FF00500P100 VISHAY-MFU1206FF00500P100 Datasheet
172Kb / 13P
   Thin Film Chip FusesS
01-Jan-2022
More results

Similar Description - MFU1206FF00500P100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MFU VISHAY-MFU_10 Datasheet
179Kb / 13P
   Thin Film Chip Fuses
Revision: 06-May-10
MFU1206FF03000P500 VISHAY-MFU1206FF03000P500 Datasheet
169Kb / 13P
   Thin Film Chip Fuses
Revision: 11-Mar-13
MCS0402 VISHAY-MCS0402 Datasheet
632Kb / 2P
   Precision Thin Film Flat Chip Resistors
Revision 18-Dec-09
TNPVE3 VISHAY-TNPVE3 Datasheet
112Kb / 9P
   High Voltage Thin Film Flat Chip Resistors
Revision: 24-Apr-15
TNPWE3 VISHAY-TNPWE3_V01 Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPWE3 VISHAY-TNPWE3 Datasheet
143Kb / 11P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Feb-15
TNPW0805150KBEEA VISHAY-TNPW0805150KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW-E3 VISHAY-TNPW-E3 Datasheet
182Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 12-May-16
TNPVE3 VISHAY-TNPVE3_V01 Datasheet
141Kb / 9P
   High Voltage Thin Film Flat Chip Resistors
01-Jan-2022
TNPW_E3 VISHAY-TNPW_E3 Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com