Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P9A1R100FIRX1103MA Datasheet(PDF) 5 Page - Vishay Siliconix

Part # P9A1R100FIRX1103MA
Description  9 mm Multi-Ganged Potentiometer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P9A1R100FIRX1103MA Datasheet(HTML) 5 Page - Vishay Siliconix

  P9A1R100FIRX1103MA Datasheet HTML 1Page - Vishay Siliconix P9A1R100FIRX1103MA Datasheet HTML 2Page - Vishay Siliconix P9A1R100FIRX1103MA Datasheet HTML 3Page - Vishay Siliconix P9A1R100FIRX1103MA Datasheet HTML 4Page - Vishay Siliconix P9A1R100FIRX1103MA Datasheet HTML 5Page - Vishay Siliconix P9A1R100FIRX1103MA Datasheet HTML 6Page - Vishay Siliconix P9A1R100FIRX1103MA Datasheet HTML 7Page - Vishay Siliconix P9A1R100FIRX1103MA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51047
5
Revision: 26-Nov-07
P9
Vishay Sfernice
9 mm Multi-Ganged Potentiometer
SAP ORDERING INFORMATION (Part Number 18 digits)
MODEL
NUMBER
OF
MODULES
BUSHING
LOCATING
PEG
PANEL
SEALED
DETENT
OPTION
SHAFT
PIN
STYLE
RESISTANCE CODE/
TOLERANCE CODE/
TAPER
see Pin Table
First digit:
Pin type
X, J, S, Z, P, L W or N
Second digit:
Pin Configuration
1, 2, 3, 4 or N
PIN STYLE - HORIZONTAL MOUNTING
PIN TYPE
X
PC mount
J
PC mount center tap
S
Soldering style
Z
Center tap soldering style
L
Long pin
P
Center tap with long pin
NN
If different types of pin style in the same potentiometer
PIN CONFIGURATION
12
3
2.5 mm between gang
2.5 - 5 - 2.5 mm between gang
5 mm between gang
3.5
[0.14]
3.5
[0.14]
11.5
[0.45]
7 x 2.5
[0.098]
2.5
[0.098]
2.5
[0.098]
2.5
[0.098]
7 x 2.5
[0.098]
2.5
[0.098]
2.5
[0.098]
2.5
[0.098]
7 x 2.5
[0.098]
2.5
[0.098]
2.5
[0.098]
2.5
[0.098]
R1
0
0
F
I
R
1
0
M
A
P
1
9
X1
3
A


Similar Part No. - P9A1R100FIRX1103MA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P9A1R100FIRX1103MA VISHAY-P9A1R100FIRX1103MA Datasheet
223Kb / 9P
   9 mm Multi-Ganged Potentiometer
01-Jan-2022
More results

Similar Description - P9A1R100FIRX1103MA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTD90 BOURNS-PTD90_14 Datasheet
505Kb / 3P
   9 mm Multi-Ganged Potentiometer
logo
Vishay Siliconix
P9 VISHAY-P9_17 Datasheet
236Kb / 9P
   9 mm Multi-Ganged Potentiometer
Revision: 04-Jul-17
logo
Bourns Electronic Solut...
PTD90 BOURNS-PTD90 Datasheet
423Kb / 3P
   9 mm Multi-Ganged Potentiometer
logo
Vishay Siliconix
P9A1R100FIRX1103MA VISHAY-P9A1R100FIRX1103MA Datasheet
223Kb / 9P
   9 mm Multi-Ganged Potentiometer
01-Jan-2022
logo
Bourns Electronic Solut...
PTR90 BOURNS-PTR90 Datasheet
391Kb / 3P
   9 mm Multi-Ganged Potentiometer w/Rotary Switch
PTR90 BOURNS-PTR90_14 Datasheet
426Kb / 3P
   9 mm Multi-Ganged Potentiometer w/Rotary Switch
PTV09 BOURNS-PTV09 Datasheet
208Kb / 2P
   9 mm Potentiometer
PTV09 BOURNS-PTV09_13 Datasheet
1Mb / 4P
   9 mm Potentiometer
3319 BOURNS-3319 Datasheet
109Kb / 2P
   9 mm Round Trimming Potentiometer
PTV09A-4020F BOURNS-PTV09A-4020F Datasheet
1Mb / 5P
   PTV09 Series - 9 mm Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com