Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M8340101K1004JAD04 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # M8340101K1004JAD04
Description  Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M8340101K1004JAD04 Datasheet(HTML) 1 Page - Vishay Siliconix

  M8340101K1004JAD04 Datasheet HTML 1Page - Vishay Siliconix M8340101K1004JAD04 Datasheet HTML 2Page - Vishay Siliconix M8340101K1004JAD04 Datasheet HTML 3Page - Vishay Siliconix M8340101K1004JAD04 Datasheet HTML 4Page - Vishay Siliconix M8340101K1004JAD04 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified,
Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
www.vishay.com
For technical questions, contact: ff2aresistors@vishay.com
Document Number: 31516
1
Revision: 08-Jul-08
MDM (Military M83401)
Vishay Dale
FEATURES
• MIL-PRF-83401 qualified
• Epoxy molded construction
• All device leads are hot-solder dipped
• Available in tube pack
• TCR available in “K” (± 100 ppm/°C) or “M” (± 300 ppm/°C)
depending on style
• 100 % screen tested per Group A, Subgroup 1 of
MIL-PRF-83401
• All devices are capable of passing the MIL-STD-202,
Method 210, Condition D, “Resistance to Soldering Heat”
test
Notes
(1) K = ± 100 ppm/°C; M = ± 300 ppm/°C
(2) ± 1 % and ± 5 % tolerances available on request
STANDARD ELECTRICAL SPECIFICATIONS
VISHAY DALE
MODEL/
PINS NO
SCHEMATIC
RESISTOR
POWER RATING
MAX. at 70 °C
W
PACKAGE
POWER RATING
MAX. at 70 °C
W
RESISTANCE
RANGE
Ω
STANDARD
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
(- 55 °C to + 125 °C)
WEIGHT
g
MDM 14
01
0.10
1.30
10 - 1M
± 2 (± 1, ± 5) (2)
K, M (1)
1.3
MDM 14
03
0.20
1.40
10 - 1M
± 2 (± 1, ± 5) (2)
K, M (1)
1.3
MDM 14
05
0.05
1.20
Consult factory ± 2 (± 1, ± 5) (2)
K, M (1)
1.3
MDM 16
01
0.10
1.50
10 - 1M
± 2 (± 1, ± 5) (2)
K, M (1)
1.5
MDM 16
03
0.20
1.60
10 - 1M
± 2 (± 1, ± 5) (2)
K, M (1)
1.5
MDM 16
05
0.05
1.40
Consult factory ± 2 (± 1, ± 5) (2)
K, M (1)
1.5
MIL STYLE
SPEC SHEET
RESISTANCE
TOLERANCE
SCHEMATIC
PACKAGING
CHARACTERISTIC
VALUE
M83401
01 = 14 Pin
K = 100 ppm
3 digit significant
F = ± 1 %
A = Isolated
D04 = Tin/Lead, Tube
DSL = Tin/Lead, Tube,
Single Lot Date Code
02 = 16 Pin
M = 300 ppm
figure, followed
G = ± 2 %
B = Bussed
by a multiplier
J = ± 5 %
10R0 = 10
Ω
3302 = 33 k
Ω
1004 = 1 M
Ω
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: M8340101M2201GBD04 (preferred part numbering format)
M
8
34
01
01
M
2
2
0
1G
BD
0
4
Historical Part Number example: M8340101M2201GB (will continue to be accepted)
M83401
01
M
2201
G
D04
MIL STYLE
SPEC SHEET
CHARACTERISTIC
TOLERANCE
SCHEMATIC
PACKAGING
RESISTANCE
VALUE
New Global Part Numbering: M8340102KA001GJD04 (preferred part numbering format)
M
8
34
01
02
KA
0
0
1G
JD
04
Historical Part Number example: M8340102KA001GJ (will continue to be accepted)
M83401
02
K
A001
G
D04
MIL STYLE
SPEC SHEET
CHARACTERISTIC
TOLERANCE
SCHEMATIC
PACKAGING
RESISTANCE
VALUE
M83401
01 = 14 Pin
K = 100 ppm
Per std. Mil. Spec
F = ± 1 %
J = Dual
02 = 16 Pin
M = 300 ppm
(see Impedence
G = ± 2 %
Terminator
codes table)
J = ± 5 %
D04 = Tin/Lead, Tube
DSL = Tin/Lead, Tube,
Single Lot Date Code
B
MIL STYLE
SPEC SHEET
CHARACTERISTIC
TOLERANCE
SCHEMATIC
PACKAGING
RESISTANCE
VALUE
J


Similar Part No. - M8340101K1004JAD04

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
M8340101K1001BA IRCTT-M8340101K1001BA Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
M8340101K1001BB IRCTT-M8340101K1001BB Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
M8340101K1001DA IRCTT-M8340101K1001DA Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
M8340101K1001DB IRCTT-M8340101K1001DB Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
M8340101K1001FA IRCTT-M8340101K1001FA Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
More results

Similar Description - M8340101K1004JAD04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSM VISHAY-MSM Datasheet
137Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
Revision: 25-Jul-08
MDP16 VISHAY-MDP16 Datasheet
226Kb / 4P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision 06-Aug-02
MDP01 VISHAY-MDP01 Datasheet
302Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision: 28-Jul-06
CSC05 VISHAY-CSC05 Datasheet
195Kb / 4P
   Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
Revision 02-Aug-02
SOGC01 VISHAY-SOGC01 Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
Revision: 25-Aug-06
DFM VISHAY-DFM Datasheet
128Kb / 5P
   Thick Film Resistor Networks, Military, MIL-PRF-83401 Qualified, Type RZ030, Schematics A (11), B (12), J (15)
Revision: 08-Jul-08
M8340109K2201GCD03 VISHAY-M8340109K2201GCD03 Datasheet
98Kb / 6P
   Thick Film Resistor Networks, Military, MIL-PRF-83401 Qualified, Type RZ040 to RZ090, Single-In-Line, Molded SIP
Revision: 26-Feb-13
logo
Vaishali Semiconductor
SOGC01 VAISH-SOGC01 Datasheet
156Kb / 2P
   Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
logo
Vishay Siliconix
SOMC VISHAY-SOMC Datasheet
120Kb / 3P
   Thick Film, Dual-in-Line Resistor Networks
Revision: 21-Aug-06
logo
List of Unclassifed Man...
898-5-R220 ETC1-898-5-R220 Datasheet
61Kb / 4P
   Dual-In-Line Thick Film Resistor Networks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com