Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MFU0603FF06300E500 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MFU0603FF06300E500
Description  Thin Film Flat Chip Fuses
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MFU0603FF06300E500 Datasheet(HTML) 4 Page - Vishay Siliconix

  MFU0603FF06300E500 Datasheet HTML 1Page - Vishay Siliconix MFU0603FF06300E500 Datasheet HTML 2Page - Vishay Siliconix MFU0603FF06300E500 Datasheet HTML 3Page - Vishay Siliconix MFU0603FF06300E500 Datasheet HTML 4Page - Vishay Siliconix MFU0603FF06300E500 Datasheet HTML 5Page - Vishay Siliconix MFU0603FF06300E500 Datasheet HTML 6Page - Vishay Siliconix MFU0603FF06300E500 Datasheet HTML 7Page - Vishay Siliconix MFU0603FF06300E500 Datasheet HTML 8Page - Vishay Siliconix MFU0603FF06300E500 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.vishay.com
For technical questions, contact: ff3eresistors@vishay.com
Document Number: 28747
4
Revision: 25-Jun-08
MFU Series - Thin Film Fuse
Vishay Beyschlag
Thin Film Flat Chip Fuses
Notes
(1)
Other values of rated current are available on request
(2)
Typical values
(3)
For packages with 1000 pieces, please use for packaging P1 instead of PW
(4)
For packages with 5000 pieces, please use for packaging P5 instead of PW
Notes
(1)
Other values of rated current are available on request
(2)
Typical values
(3)
For packages with 1000 pieces, please use for packaging P1 instead of PW
(4)
For packages with 5000 pieces, please use for packaging P5 instead of PW
MFU 0603 RATING - very quick acting (FF)
SIZE
FUSE
CHAR.
RATED
CURRENT (1)
RATED
VOLTAGE
PRE-ARCING (2)
I2t
at 10 x
IR
VOLT.
DROP (2)
at
1 x
IR
COLD
RESIS (2)
at
0.1 x
IR
BREAKING
CAPACITY
DC
MARK. APPROVAL
ORDERING CODE (3) (4)
0603
FF
500 mA
32 V
0.0009 A2s
361 mV
550 m
Ω
50 A at 32 V
F
UL/IEC
MFU 0603-FF PW 0A5
630 mA
32 V
0.0014 A2s
331 mV
400 m
Ω
50 A at 32 V
CT
UL
MFU 0603-FF PW 0A63
750 mA
32 V
0.0020 A2s
258 mV
262 m
Ω
50 A at 32 V
G
UL
MFU 0603-FF PW 0A75
800 mA
32 V
0.0023 A2s
249 mV
237 m
Ω
50 A at 32 V
CV
UL
MFU 0603-FF PW 0A8
1.0 A
32 V
0.0028 A2s
223 mV
170 m
Ω
50 A at 32 V
H
UL/IEC
MFU 0603-FF PW 1A0
1.25 A
32 V
0.0039 A2s
180 mV
110 m
Ω
50 A at 32 V
J
UL
MFU 0603-FF PW 1A25
1.5 A
32 V
0.0059 A2s
155 mV
79 m
Ω
50 A at 32 V
K
UL
MFU 0603-FF PW 1A5
1.6 A
32 V
0.0065 A2s
159 mV
76 m
Ω
50 A at 32 V
EF
UL/IEC
MFU 0603-FF PW 1A6
1.75 A
32 V
0.0077 A2s
138 mV
60 m
Ω
50 A at 32 V
L
UL
MFU 0603-FF PW 1A75
2.0 A
32 V
0.0101 A2s
150 mV
57 m
Ω
50 A at 32 V
N
UL/IEC
MFU 0603-FF PW 2A0
2.5 A
32 V
0.0157 A2s
121 mV
37 m
Ω
50 A at 32 V
O
UL
MFU 0603-FF PW 2A5
3.0 A
32 V
0.0227 A2s
126 mV
32 m
Ω
50 A at 32 V
P
UL
MFU 0603-FF PW 3A0
3.15 A
32 V
0.0250 A2s
120 mV
29 m
Ω
50 A at 32 V
EL
UL/IEC
MFU 0603-FF PW 3A15
3.5 A
32 V
0.0308 A2s
106 mV
23 m
Ω
50 A at 32 V
R
UL
MFU 0603-FF PW 3A5
4.0 A
32 V
0.0403 A2s
100 mV
19 m
Ω
50 A at 32 V
S
UL
MFU 0603-FF PW 4A0
5.0 A
32 V
0.2275 A2s85 mV
13 m
Ω
50 A at 32 V
T
UL
MFU 0603-FF PW 5A0
MFU 0805 RATING - very quick acting (FF)
SIZE
FUSE
CHAR.
RATED
CURRENT (1)
RATED
VOLTAGE
PRE-ARCING (2)
I2t
at 10 x
IR
VOLT.
DROP (2)
at
1 x
IR
COLD
RESIS (2)
at
0.1 x
IR
BREAKING
CAPACITY
DC
MARK. APPROVAL
ORDERING CODE (3) (4)
0805
FF
500 mA
32 V
0.0009 A2s
374 mV
570 m
Ω
50 A at 32 V
F
UL
MFU 0805-FF PW 0A5
630 mA
32 V
0.0014 A2s
347 mV
420 m
Ω
50 A at 32 V
CT
UL
MFU 0805-FF PW 0A63
750 mA
32 V
0.0021 A2s
280 mV
285 m
Ω
50 A at 32 V
G
UL
MFU 0805-FF PW 0A75
800 mA
32 V
0.0023 A2s
262 mV
250 m
Ω
50 A at 32 V
CV
UL
MFU 0805-FF PW 0A8
1.0 A
32 V
0.0028 A2s
243 mV
185 m
Ω
50 A at 32 V
H
UL
MFU 0805-FF PW 1A0
1.25 A
32 V
0.0040 A2s
205 mV
125 m
Ω
50 A at 32 V
J
UL
MFU 0805-FF PW 1A25
1.5 A
32 V
0.0059 A2s
171 mV
87 m
Ω
50 A at 32 V
K
UL
MFU 0805-FF PW 1A5
1.6 A
32 V
0.0065 A2s
164 mV
78 m
Ω
50 A at 32 V
EF
UL
MFU 0805-FF PW 1A6
1.75 A
32 V
0.0077 A2s
161 mV
70 m
Ω
50 A at 32 V
L
UL
MFU 0805-FF PW 1A75
2.0 A
32 V
0.0101 A2s
176 mV
67 m
Ω
50 A at 32 V
N
UL
MFU 0805-FF PW 2A0
2.5 A
32 V
0.0157 A2s
131 mV
40 m
Ω
50 A at 32 V
O
UL
MFU 0805-FF PW 2A5
3.0 A
32 V
0.0227 A2s
134 mV
34 m
Ω
50 A at 32 V
P
UL
MFU 0805-FF PW 3A0
3.15 A
32 V
0.0250 A2s
128 mV
31 m
Ω
50 A at 32 V
EL
UL
MFU 0805-FF PW 3A15
3.5 A
32 V
0.0308 A2s
119 mV
26 m
Ω
50 A at 32 V
R
UL
MFU 0805-FF PW 3A5
4.0 A
32 V
0.0403 A2s
105 mV
20 m
Ω
50 A at 32 V
S
UL
MFU 0805-FF PW 4A0
5.0 A
32 V
0.2275 A2s98 mV
15 m
Ω
50 A at 32 V
T
UL
MFU 0805-FF PW 5A0


Similar Part No. - MFU0603FF06300E500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MFU0603FF06300E500 VISHAY-MFU0603FF06300E500 Datasheet
179Kb / 13P
   Thin Film Chip Fuses
Revision: 06-May-10
MFU0603FF06300E500 VISHAY-MFU0603FF06300E500 Datasheet
169Kb / 13P
   Thin Film Chip Fuses
Revision: 11-Mar-13
MFU0603FF06300E500 VISHAY-MFU0603FF06300E500 Datasheet
172Kb / 13P
   Thin Film Chip FusesS
01-Jan-2022
More results

Similar Description - MFU0603FF06300E500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MFU VISHAY-MFU_10 Datasheet
179Kb / 13P
   Thin Film Chip Fuses
Revision: 06-May-10
MFU1206FF03000P500 VISHAY-MFU1206FF03000P500 Datasheet
169Kb / 13P
   Thin Film Chip Fuses
Revision: 11-Mar-13
MCS0402 VISHAY-MCS0402 Datasheet
632Kb / 2P
   Precision Thin Film Flat Chip Resistors
Revision 18-Dec-09
TNPVE3 VISHAY-TNPVE3 Datasheet
112Kb / 9P
   High Voltage Thin Film Flat Chip Resistors
Revision: 24-Apr-15
TNPWE3 VISHAY-TNPWE3_V01 Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPWE3 VISHAY-TNPWE3 Datasheet
143Kb / 11P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Feb-15
TNPW0805150KBEEA VISHAY-TNPW0805150KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW-E3 VISHAY-TNPW-E3 Datasheet
182Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 12-May-16
TNPVE3 VISHAY-TNPVE3_V01 Datasheet
141Kb / 9P
   High Voltage Thin Film Flat Chip Resistors
01-Jan-2022
TNPW_E3 VISHAY-TNPW_E3 Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com