Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDRC1600511GD04 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MDRC1600511GD04
Description  Resistor/Capacitor Networks, Dual-In-Line, Molded DIP, 16 Pin
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MDRC1600511GD04 Datasheet(HTML) 1 Page - Vishay Siliconix

  MDRC1600511GD04 Datasheet HTML 1Page - Vishay Siliconix MDRC1600511GD04 Datasheet HTML 2Page - Vishay Siliconix MDRC1600511GD04 Datasheet HTML 3Page - Vishay Siliconix MDRC1600511GD04 Datasheet HTML 4Page - Vishay Siliconix MDRC1600511GD04 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Resistor/Capacitor Networks, Dual-In-Line,
Molded DIP, 16 Pin
MDRC
Vishay Dale
www.vishay.com
For technical questions, contact: ff2aresistors@vishay.com
Document Number: 31524
62
Revision: 09-Jan-07
FEATURES
• 0.190" [4.83 mm] maximum seated height
• Rugged molded case construction
• Thick film resistive elements
• Reduces total assembly cost
• Low temperature coefficient (- 30 °C to + 85 °C)
± 100 ppm/°C
• Compatible with automatic insertion equipment
• Reduces PC board space
• Lead (Pb)-free version is RoHS compliant
* Whichever is greater
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
RoHS*
COMPLIANT
e1
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
SCHEMATIC
POWER
RATING
P25 °C
W
RESISTOR CHARACTERISTICS
CAPACITOR CHARACTERISTICS
PACKAGE
POWER
RATING
W at + 25 °C
RESISTANCE
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
(- 20 °C to + 85 °C)
Typical
TCR
TRACKING
± ppm/°C
CAPACITOR
TOLERANCE
CAPACITANCE
VOLTAGE
RATING
V max.
MDRC
1641
0.15 max
2.0 max.
± 2, or 2
Ω*
± 100 ppm/°C
50
0.1 µF + 40 %, - 20 %
25
MDRC
1642
0.15 max
2.0 max.
± 2, or 2
Ω*
± 100 ppm/°C
50
0.1 µF + 40 %, - 20 %
25
MDRC
1643
0.20 max
2.0 max.
± 2, or 2
Ω*
± 100 ppm/°C
50
0.1 µF + 40 %, - 20 %
25
GLOBAL
PIN
SCHEMATIC
RESISTANCE
TOLERANCE
SPECIAL
MODEL
COUNT
VALUE
CODE
MDRC
16 = 16 Pin
41 = ECL Terminator
2 digit
G = ± 2 %
Blank = Standard
42 = ECL Pull-Down
significant figure,
S = Special
(Dash Number)
00 = Special
followed by a
(up to 3 digits)
multiplier
680 = 68
Ω
511 = 510
Ω
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: MDRC1641500GD04 (preferred part numbering format)
M
D
RC
1
6
4
1
5
0
0G
D0
4
Historical Part Number example: MDRC1641500G (will continue to be accepted)
PACKAGING
E04 = Lead (Pb)-free,
Tube
D04 = Tin/lead, Tube
MDRC
16
41
500
G
D04
HISTORICAL
PIN
SCHEMATIC
RESISTANCE
TOLERANCE
PACKAGING
MODEL
COUNT
VALUE
CODE
GLOBAL
PIN
SCHEMATIC
IMPEDENCE
TOLERANCE
SPECIAL
MODEL
COUNT
VALUE
CODE
MDRC
16 = 16 Pin
43 = Thevenin
2 digit
G = ± 2 %
Blank = Standard
Terminator
significant figure,
J = ± 5 %
(Dash Number)
followed by a
(up to 3 digits)
multiplier
500 = 50
Ω
MDRC
16
43
750
G
D04
HISTORICAL
PIN
SCHEMATIC
IMPEDENCE
TOLERANCE
PACKAGING
MODEL
COUNT
VALUE
CODE
New Global Part Numbering: MDRC1643750GD04 (preferred part numbering format)
M
D
RC
1
6
4
3
7
5
0G
D0
4
Historical Part Number example: MDRC1643750G (will continue to be accepted)
PACKAGING
E04 = Lead (Pb)-free,
Tube
D04 = Tin/lead, Tube


Similar Part No. - MDRC1600511GD04

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
MDRC1641500GD04 VAISH-MDRC1641500GD04 Datasheet
139Kb / 5P
   Resistor/Capacitor Networks, Dual-In-Line, Molded DIP, 16 Pin
MDRC1641500GE04 VAISH-MDRC1641500GE04 Datasheet
139Kb / 5P
   Resistor/Capacitor Networks, Dual-In-Line, Molded DIP, 16 Pin
MDRC1641500JD04 VAISH-MDRC1641500JD04 Datasheet
139Kb / 5P
   Resistor/Capacitor Networks, Dual-In-Line, Molded DIP, 16 Pin
MDRC1641500JE04 VAISH-MDRC1641500JE04 Datasheet
139Kb / 5P
   Resistor/Capacitor Networks, Dual-In-Line, Molded DIP, 16 Pin
MDRC1641500SD04 VAISH-MDRC1641500SD04 Datasheet
139Kb / 5P
   Resistor/Capacitor Networks, Dual-In-Line, Molded DIP, 16 Pin
More results

Similar Description - MDRC1600511GD04

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
MDRC VAISH-MDRC Datasheet
139Kb / 5P
   Resistor/Capacitor Networks, Dual-In-Line, Molded DIP, 16 Pin
logo
Vishay Siliconix
MDP45 VISHAY-MDP45_17 Datasheet
97Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 29-Nov-13
MDP45 VISHAY-MDP45 Datasheet
276Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 28-Jul-06
MDP01 VISHAY-MDP01_17 Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 12-Sep-13
MDP1645 VISHAY-MDP1645 Datasheet
89Kb / 2P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision 08-Sep-04
TDP VISHAY-TDP Datasheet
260Kb / 4P
   Molded, Dual-In-Line Resistor Networks
Revision: 16-May-07
MDP16 VISHAY-MDP16 Datasheet
226Kb / 4P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision 06-Aug-02
MDP01 VISHAY-MDP01 Datasheet
302Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision: 28-Jul-06
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
VSOR2000S1 VISHAY-VSOR2000S1 Datasheet
235Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 15-May-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com