Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1772-322-42 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # F1772-322-42
Description  AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F1772-322-42 Datasheet(HTML) 3 Page - Vishay Siliconix

  F1772-322-42 Datasheet HTML 1Page - Vishay Siliconix F1772-322-42 Datasheet HTML 2Page - Vishay Siliconix F1772-322-42 Datasheet HTML 3Page - Vishay Siliconix F1772-322-42 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
F1772-4200
AC-Capacitors, Suppression Capacitors
Class X2 AC 440 V (MKT)
Vishay Roederstein
Document Number: 26500
To contact us: RFI@vishay.com
www.vishay.com
Revision: 11-Jun-07
27
APPLICATION NOTES
• For X2 electromagnetic interference suppression in across the line applications (50/60 Hz) with a maximum mains voltage of
440 V (AC).
• These capacitors are not intended for continuous pulse applications. For these situations, capacitors of the AC and pulse
programs must be used.
• These capacitors can be used for series impedance application in case safety approvals are requested.
• The maximum ambient temperature must not exceed 100 °C.
• Rated voltage pulse slope:
If the pulse voltage is lower than the rated voltage, the values of the specific reference data can be multiplied by 620 V (DC)
and divided by the applied voltage.


Similar Part No. - F1772-322-42

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1772-322-4 VISHAY-F1772-322-4 Datasheet
95Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC440 V (MKT)
Revision: 11-Jun-07
More results

Similar Description - F1772-322-42

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1774-4000 VISHAY-F1774-4000 Datasheet
287Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 12-May-06
F1774-4200 VISHAY-F1774-4200 Datasheet
284Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 12-May-06
F1772-2200 VISHAY-F1772-2200 Datasheet
96Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F1772-2000 VISHAY-F1772-2000_08 Datasheet
79Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F17724472000 VISHAY-F17724472000 Datasheet
75Kb / 5P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F1774-3200 VISHAY-F1774-3200 Datasheet
286Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 12-May-06
F1772-3200 VISHAY-F1772-3200 Datasheet
93Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 11-Jun-07
F1772-3000 VISHAY-F1772-3000 Datasheet
96Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 11-Jun-07
F1774-2200 VISHAY-F1774-2200 Datasheet
286Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 12-May-06
F1722-4000 VISHAY-F1722-4000 Datasheet
295Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X1 AC 440 V (MKT)
Revision: 09-Feb-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com