Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDP1403KFE04 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MDP1403KFE04
Description  Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MDP1403KFE04 Datasheet(HTML) 1 Page - Vishay Siliconix

  MDP1403KFE04 Datasheet HTML 1Page - Vishay Siliconix MDP1403KFE04 Datasheet HTML 2Page - Vishay Siliconix MDP1403KFE04 Datasheet HTML 3Page - Vishay Siliconix MDP1403KFE04 Datasheet HTML 4Page - Vishay Siliconix MDP1403KFE04 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Thick Film Resistor Networks, Dual-In-Line,
Molded DIP, 01, 03, 05 Schematics
www.vishay.com
For technical questions contact: ff2aresistors@vishay.com
Document Number: 31511
1
Revision: 28-Jul-06
MDP 01, 03, 05
Vishay Dale
FEATURES
• 0.160" [4.06 mm] maximum seated height and
rugged, molded case construction
• Thick film resistive elements
• Low temperature coefficient (- 55 °C to + 125 °C)
± 100 ppm/°C
• Reduces total assembly costs
• Compatible with automatic insertingþequipment
• Wide resistance range (10 Ω to 2.2 MΩ)
• Uniform performance characteristics
• Available in tube pack
• Lead (Pb)-free version is RoHS compliant
Available
RoHS*
COMPLIANT
e1
* For resistor power ratings at + 25 °C see derating curves
** Tighter tracking available
*** ± 1 % and ± 5 % tolerences available on request
* Pb containing terminations are not RoHS compliant, exemptions may apply
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL/
NO. OF
PINS
SCHEMATIC
RESISTOR
POWER RATING
Max. AT 70 °C
W
RESISTANCE
RANGE
Ω
STANDARD
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
(- 55 °C to + 125 °C)
ppm/°C
TCR
TRACKING**
(- 55 °C to + 125 °C)
ppm/°C
WEIGHT
g
MDP 14
01
03
05
0.125
0.250
0.125
10 - 2.2M
10 - 2.2M
Consult factory
± 2 (± 1, ± 5)***
± 100
± 50
± 50
± 100
1.3
MDP 16
01
03
05
0.125
0.250
0.125
10 - 2.2M
10 - 2.2M
Consult factory
± 2 (± 1, ± 5)***
± 100
± 50
± 50
± 100
1.5
GLOBAL
PIN COUNT
SCHEMATIC
RESISTANCE
TOLERANCE
PACKAGING
SPECIAL
MODEL
VALUE
CODE
MDP
14 = 14 Pin
01 = Bussed
R = Decimal
F = ± 1 %
E04 = Lead (Pb)-free, Tube
Blank = Standard
16 = 16 Pin
03 = Isolated
K =Thousand
G = ± 2 %
D04 = Tin/Lead,Tube
(Dash Number)
00 = Special
M = Million
J = ± 5 %
(up to 3 digits)
10R0 = 10
Ω
S = Special
From 1-999
680K = 680 k
Ω
as applicable
1M00 = 1.0 M
Ω
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: MDP1403100RGD04 (preferred part numbering format)
Historical Part Number example: MDP1403101G (will continue to be accepted)
HISTORICAL
PIN COUNT
SCHEMATIC
RESISTANCE
TOLERANCE
PACKAGING
MODEL
VALUE
CODE
MD
P
1
4
0
3
1
0
0
R
G
D
0
4
GLOBAL
PIN COUNT
SCHEMATIC
RESISTANCE
TOLERANCE
PACKAGING
SPECIAL
MODEL
VALUE
CODE
MDP
14 = 14 Pin
05 = Dual
3 digit
F = ± 1 %
E04 = Lead (Pb)-free, Tube
Blank = Standard
16 = 16 Pin
Terminator
Impedance code
G = ± 2 %
D04 = Tin/Lead,Tube
(Dash Number)
followed by
J = ± 5 %
(up to 3 digits)
Alpha modifier
From 1-999
(see Impedence
as applicable
codes table)
New Global Part Numbering: MDP1405121CGD04 (preferred part numbering format)
Historical Part Number example: MDP1405221271G (will continue to be accepted)
PIN COUNT
SCHEMATIC
RESISTANCE
RESISTANCE
TOLERANCE
PACKAGING
MODEL
VALUE 1
VALUE 2
CODE
M
D
P1
4
0
51
2
1
C
G
D
0
4
MDP
14
03
101
G
D04
MDP
14
05
221
271
G
D04
HISTORICAL


Similar Part No. - MDP1403KFE04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDP1403KFE04 VISHAY-MDP1403KFE04 Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 12-Sep-13
More results

Similar Description - MDP1403KFE04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDP16 VISHAY-MDP16 Datasheet
226Kb / 4P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision 06-Aug-02
SOGC01 VISHAY-SOGC01 Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
Revision: 25-Aug-06
CSC05 VISHAY-CSC05 Datasheet
195Kb / 4P
   Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
Revision 02-Aug-02
logo
Vaishali Semiconductor
SOGC01 VAISH-SOGC01 Datasheet
156Kb / 2P
   Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
logo
Vishay Siliconix
MDM VISHAY-MDM Datasheet
134Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
Revision: 08-Jul-08
MSM VISHAY-MSM Datasheet
137Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
Revision: 25-Jul-08
MDP45 VISHAY-MDP45_17 Datasheet
97Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 29-Nov-13
MDP45 VISHAY-MDP45 Datasheet
276Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 28-Jul-06
MDP01 VISHAY-MDP01_17 Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 12-Sep-13
MDP1645 VISHAY-MDP1645 Datasheet
89Kb / 2P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision 08-Sep-04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com