Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR31BX102BDYP Datasheet(PDF) 7 Page - Vishay Siliconix

Part # CDR31BX102BDYP
Description  Surface Mount Multilayer Ceramic Chip Capacitors Qualified, Type CDR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CDR31BX102BDYP Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button CDR31BX102BDYP Datasheet HTML 3Page - Vishay Siliconix CDR31BX102BDYP Datasheet HTML 4Page - Vishay Siliconix CDR31BX102BDYP Datasheet HTML 5Page - Vishay Siliconix CDR31BX102BDYP Datasheet HTML 6Page - Vishay Siliconix CDR31BX102BDYP Datasheet HTML 7Page - Vishay Siliconix CDR31BX102BDYP Datasheet HTML 8Page - Vishay Siliconix CDR31BX102BDYP Datasheet HTML 9Page - Vishay Siliconix CDR31BX102BDYP Datasheet HTML 10Page - Vishay Siliconix CDR31BX102BDYP Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.vishay.com
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45026
134
Revision: 20-Feb-08
CDR-MIL-PRF-55681
Vishay Vitramon Surface Mount Multilayer Ceramic Chip Capacitors
Qualified, Type CDR
MIL-C-55681 QUALIFIED, TYPE CDR
MILITARY TYPE
DESIGNATION
CAPACITANCE
CODE
CAPACITANCE
(pF)
CAPACITANCE
TOLERANCE
RATED TEMP. AND
VOLTAGE TEMP. LIMITS
VOLTAGE
(DC)
CDR32BP
CDR32BP100B_ _ _
100
10
F, J, K
BP
100
CDR32BP110B_ _ _
110
11
F, J, K
BP
100
CDR32BP120B_ _ _
120
12
F, J, K
BP
100
CDR32BP130B_ _ _
130
13
F, J, K
BP
100
CDR32BP150B_ _ _
150
15
F, J, K
BP
100
CDR32BP160B_ _ _
160
16
F, J, K
BP
100
CDR32BP180B_ _ _
180
18
F, J, K
BP
100
CDR32BP200B_ _ _
200
20
F, J, K
BP
100
CDR32BP220B_ _ _
220
22
F, J, K
BP
100
CDR32BP240B_ _ _
240
24
F, J, K
BP
100
CDR32BP270B_ _ _
270
27
F, J, K
BP
100
CDR32BP300B_ _ _
300
30
F, J, K
BP
100
CDR32BP330B_ _ _
330
33
F, J, K
BP
100
CDR32BP360B_ _ _
360
36
F, J, K
BP
100
CDR32BP390B_ _ _
390
39
F, J, K
BP
100
CDR32BP430B_ _ _
430
43
F, J, K
BP
100
CDR32BP470B_ _ _
470
47
F, J, K
BP
100
CDR32BP510B_ _ _
510
51
F, J, K
BP
100
CDR32BP560B_ _ _
560
56
F, J, K
BP
100
CDR32BP620B_ _ _
620
62
F, J, K
BP
100
CDR32BP680B_ _ _
680
68
F, J, K
BP
100
CDR32BP750B_ _ _
750
75
F, J, K
BP
100
CDR32BP820B_ _ _
820
82
F, J, K
BP
100
CDR32BP910B_ _ _
910
91
F, J, K
BP
100
CDR32BP101B_ _ _
101
100
F, J, K
BP
100
CDR32BP111B_ _ _
111
110
F, J, K
BP
100
CDR32BP121B_ _ _
121
120
F, J, K
BP
100
CDR32BP131B_ _ _
131
130
F, J, K
BP
100
CDR32BP151B_ _ _
151
150
F, J, K
BP
100
CDR32BP161B_ _ _
161
160
F, J, K
BP
100
CDR32BP181B_ _ _
181
180
F, J, K
BP
100
CDR32BP201B_ _ _
201
200
F, J, K
BP
100
CDR32BP221B_ _ _
221
220
F, J, K
BP
100
CDR32BP241B_ _ _
241
240
F, J, K
BP
100
CDR32BP271B_ _ _
271
270
F, J, K
BP
100
CDR32BP301B_ _ _
301
300
F, J, K
BP
100
CDR32BP331B_ _ _
331
330
F, J, K
BP
100
CDR32BP361B_ _ _
361
360
F, J, K
BP
100
CDR32BP391B_ _ _
391
390
F, J, K
BP
100
CDR32BP431B_ _ _
431
430
F, J, K
BP
100
CDR32BP471B_ _ _
471
470
F, J, K
BP
100
CDR32BP511B_ _ _
511
510
F, J, K
BP
100
CDR32BP561B_ _ _
561
560
F, J, K
BP
100
CDR32BP621B_ _ _
621
620
F, J, K
BP
100
CDR32BP681B_ _ _
681
680
F, J, K
BP
100
CDR32BP751B_ _ _
751
750
F, J, K
BP
100
CDR32BP821B_ _ _
821
820
F, J, K
BP
100
CDR32BP911B_ _ _
911
910
F, J, K
BP
100


Similar Part No. - CDR31BX102BDYP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CDR31BX102B AVX-CDR31BX102B Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
logo
Kyocera Kinseki Corpota...
CDR31BX102B--- KSS-CDR31BX102B--- Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
logo
Kemet Corporation
CDR31BX102B3W4 KEMET-CDR31BX102B3W4 Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
logo
Vishay Siliconix
CDR31BX102BFURAJ VISHAY-CDR31BX102BFURAJ Datasheet
114Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Revision: 30-May-11
logo
Kemet Corporation
CDR31BX102BKSR-R KEMET-CDR31BX102BKSR-R Datasheet
62Kb / 1P
   SMD Mil PRF55681, Ceramic, Military/High Reliability, 1000 pF, 10%, 100 VDC, BX, R (0.01%/1000 Hrs), 0805
More results

Similar Description - CDR31BX102BDYP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CDR32BP621BFURAJ VISHAY-CDR32BP621BFURAJ Datasheet
114Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Revision: 30-May-11
CDRMILPRF55681 VISHAY-CDRMILPRF55681 Datasheet
119Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Revision: 28-Mar-13
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_V01 Datasheet
141Kb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
01-Jan-2023
DSCC03028 VISHAY-DSCC03028_12 Datasheet
82Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 29-Feb-12
DSCC05006 VISHAY-DSCC05006_V01 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
01-Jan-2023
DSCC03028 VISHAY-DSCC03028 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 09-Jul-08
DSCC03029 VISHAY-DSCC03029_12 Datasheet
83Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 28-Feb-12
DSCC05007 VISHAY-DSCC05007 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05007
Revision: 28-Feb-12
DSCC03029 VISHAY-DSCC03029 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 09-Jul-08
DSCC05006 VISHAY-DSCC05006 Datasheet
205Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
Revision: 20-Feb-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com