Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST330C16L2PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ST330C16L2PBF
Description  Phase Control Thyristors (Hockey PUK Version), 650 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST330C16L2PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  ST330C16L2PBF Datasheet HTML 1Page - Vishay Siliconix ST330C16L2PBF Datasheet HTML 2Page - Vishay Siliconix ST330C16L2PBF Datasheet HTML 3Page - Vishay Siliconix ST330C16L2PBF Datasheet HTML 4Page - Vishay Siliconix ST330C16L2PBF Datasheet HTML 5Page - Vishay Siliconix ST330C16L2PBF Datasheet HTML 6Page - Vishay Siliconix ST330C16L2PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94408
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 16-Oct-08
1
Phase Control Thyristors
(Hockey PUK Version), 650 A
ST330CLPbF Series
Vishay High Power Products
FEATURES
• Center amplifying gate
• Metal case with ceramic insulator
• International standard case TO-200AC (B-PUK)
• High profile hockey PUK
• Lead (Pb)-free
• Designed and qualified for industrial level
TYPICAL APPLICATIONS
• DC motor controls
• Controlled DC power supplies
• AC controllers
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IT(AV)
650 A
TO-200AC (B-PUK)
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IT(AV)
650
A
Ths
55
°C
IT(RMS)
1230
A
Ths
25
°C
ITSM
50 Hz
9000
A
60 Hz
9420
I2t
50 Hz
405
kA2s
60 Hz
370
VDRM/VRRM
400 to 2000
V
tq
Typical
100
µs
TJ
- 40 to 125
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VDRM/VRRM, MAXIMUM REPETITIVE PEAK
AND OFF-STATE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK VOLTAGE
V
IDRM/IRRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
ST330C..L
04
400
500
50
08
800
900
12
1200
1300
14
1400
1500
16
1600
1700
18
1800
1900
20
2000
2100


Similar Part No. - ST330C16L2PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST330C16C0 IRF-ST330C16C0 Datasheet
95Kb / 8P
   PHASE CONTROL THYRISTORS
ST330C16C0L IRF-ST330C16C0L Datasheet
95Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST330C16C0LPBF VISHAY-ST330C16C0LPBF Datasheet
200Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 720 A
Revision: 11-Aug-08
ST330C16C0PBF VISHAY-ST330C16C0PBF Datasheet
200Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 720 A
Revision: 11-Aug-08
logo
International Rectifier
ST330C16C1 IRF-ST330C16C1 Datasheet
95Kb / 8P
   PHASE CONTROL THYRISTORS
More results

Similar Description - ST330C16L2PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST300CPBF VISHAY-ST300CPBF Datasheet
169Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 650 A
Revision: 11-Aug-08
VS-ST300CPB VISHAY-VS-ST300CPB Datasheet
238Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 650 A
ST330CLPBF VISHAY-ST330CLPBF_12 Datasheet
168Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 650 A
Revision: 16-Oct-08
VS-ST300C VISHAY-VS-ST300C_V01 Datasheet
238Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 650 A
01-Jan-2022
ST300CPBF VISHAY-ST300CPBF_12 Datasheet
187Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 650 A
Revision: 11-Aug-08
VS-ST330CL VISHAY-VS-ST330CL_V01 Datasheet
209Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 650 A
01-Jan-2022
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com