Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST223C08CHK1L Datasheet(PDF) 6 Page - Vishay Siliconix

Part # ST223C08CHK1L
Description  Inverter Grade Thyristors (Hockey PUK Version), 390 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST223C08CHK1L Datasheet(HTML) 6 Page - Vishay Siliconix

  ST223C08CHK1L Datasheet HTML 1Page - Vishay Siliconix ST223C08CHK1L Datasheet HTML 2Page - Vishay Siliconix ST223C08CHK1L Datasheet HTML 3Page - Vishay Siliconix ST223C08CHK1L Datasheet HTML 4Page - Vishay Siliconix ST223C08CHK1L Datasheet HTML 5Page - Vishay Siliconix ST223C08CHK1L Datasheet HTML 6Page - Vishay Siliconix ST223C08CHK1L Datasheet HTML 7Page - Vishay Siliconix ST223C08CHK1L Datasheet HTML 8Page - Vishay Siliconix ST223C08CHK1L Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93672
6
Revision: 14-May-08
ST223C..C Series
Vishay High Power Products
Inverter Grade Thyristors
(Hockey PUK Version), 390 A
Fig. 13 - Frequency Characteristics
Fig. 14 - Frequency Characteristics
Fig. 15 - Frequency Characteristics
1E 2
1E 3
1E 4
1 E 1
1 E2
1 E 3
1 E4
50 H z
400
2500
100
Pu lse Ba se w id t h ( µ s)
100 0
1500
3000
200
500
5000
ST223C.. C Series
Sinus o id a l p ulse
T
= 40°C
C
Snub b er c ircuit
R
= 4 7 o hm s
C
= 0. 22 µF
V
= 80 % V
s
s
D
DRM
tp
1000 0
1 E 11 E 2
1 E 31 E 4
50 H z
400
2500
100
Pu lse Ba se w id t h ( µ s)
1000
1500
3000
20 0
50 0
5000
ST223C.. C Se ries
Sinus o id a l p ulse
T
= 55°C
C
Snub b e r circ uit
R
= 4 7 o hm s
C
= 0.22 µF
V
= 80 % V
s
s
D
DRM
tp
10 00 0
1E 1
1E 1
1E 2
1E 3
1E 4
1E 1
1 E 2
1E 3
1 E 4
50 H z
400
2500
10 0
10 00
15 0 0
3000
200
500
P u lse B ase w idt h ( µ s)
ST22 3C ..C Se rie s
Tra p e zoidal pulse
T
= 40°C
di/d t = 5 0A /µ s
C
Snu b b e r c irc uit
R
= 4 7 o hm s
C
= 0.22 µF
V
= 80% V
s
s
D
DRM
5000
tp
10 0 00
1E 1
1 E 2
1 E 3
1 E 4
50 H z
400
2500
100
Pu lse Ba se w id t h ( µ s)
10 00
1500
200
500
ST2 23 C..C Series
Tra p e zoid a l p ulse
T
= 55°C
d i/d t = 50A /µs
C
Snubbe r circ uit
R
= 4 7 o hm s
C
= 0.22 µF
V
= 8 0 % V
s
s
D
DRM
3000
tp
5000
10000
1E 1
1E 2
1E 3
1E 4
1 E 1
1 E2
1 E 3
1 E4
50 H z
400
25 0 0
10 0
1000
1500
3000
20 0
500
P u lse B ase w id t h ( µ s)
Snub b er c ircu it
R
= 47 o hm s
C
= 0 .22 µF
V
= 80 % V
s
s
D
DRM
ST223 C. .C Se ries
Tra p ezo id a l p ulse
T
= 40°C
di/d t = 1 00A /µs
5000
C
tp
10000
1E 1
1 E 2
1 E 3
1 E 4
50 H z
400
2500
100
Pu lse Ba se w id t h ( µ s)
1000
1500
200
500
ST223 C. .C Se ries
Tra p ezo id a l p uls e
T
= 55°C
d i/d t = 10 0A /µs
C
Snubbe r circ uit
R
= 4 7 o hm s
C
= 0.2 2 µF
V
= 80% V
s
s
D
DRM
3000
tp
5000
10 00 0


Similar Part No. - ST223C08CHK1L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST223C IRF-ST223C Datasheet
479Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
More results

Similar Description - ST223C08CHK1L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ST223CC VISHAY-VS-ST223CC Datasheet
293Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 390 A
Revision: 13-Sep-17
VS-ST223CC VISHAY-VS-ST223CC_V01 Datasheet
291Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 390 A
01-Jan-2022
VS-ST223C..C VISHAY-VS-ST223C..C Datasheet
290Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 390 A
01-Jan-2022
logo
International Rectifier
ST173C IRF-ST173C Datasheet
427Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST303C IRF-ST303C Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C1111 IRF-ST333C1111 Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST203C IRF-ST203C Datasheet
483Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C IRF-ST333C Datasheet
478Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST223C IRF-ST223C Datasheet
479Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST183C IRF-ST183C Datasheet
426Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com