Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST183S08PFK0PBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ST183S08PFK0PBF
Description  Inverter Grade Thyristors (Stud Version), 195 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST183S08PFK0PBF Datasheet(HTML) 3 Page - Vishay Siliconix

  ST183S08PFK0PBF Datasheet HTML 1Page - Vishay Siliconix ST183S08PFK0PBF Datasheet HTML 2Page - Vishay Siliconix ST183S08PFK0PBF Datasheet HTML 3Page - Vishay Siliconix ST183S08PFK0PBF Datasheet HTML 4Page - Vishay Siliconix ST183S08PFK0PBF Datasheet HTML 5Page - Vishay Siliconix ST183S08PFK0PBF Datasheet HTML 6Page - Vishay Siliconix ST183S08PFK0PBF Datasheet HTML 7Page - Vishay Siliconix ST183S08PFK0PBF Datasheet HTML 8Page - Vishay Siliconix ST183S08PFK0PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 94369
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 30-Apr-08
3
ST183SPbF Series
Inverter Grade Thyristors
(Stud Version), 195 A
Vishay High Power Products
SWITCHING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum non-repetitive rate of
rise of turned-on current
dI/dt
TJ = TJ maximum, VDRM = Rated VDRM
ITM = 2 x dI/dt
1000
A/µs
Typical delay time
td
TJ = 25 °C, VDM = Rated VDRM, ITM = 50 A DC, tp = 1 µs
Resistive load, gate pulse: 10 V, 5
Ω source
1.1
µs
Maximum turn-off time
minimum
tq
TJ = TJ maximum,
ITM = 300 A, commutating dI/dt = 20 A/µs
VR = 50 V, tp = 500 µs, dV/dt: 200 V/µs
15
maximum
20
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum critical rate of rise of off-state voltage
dV/dt
TJ = TJ maximum, linear to 80 % VDRM,
higher value available on request
500
V/µs
Maximum peak reverse and off-state leakage current
IRRM,
IDRM
TJ = TJ maximum, rated VDRM/VRRM applied
40
mA
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum peak gate power
PGM
TJ = TJ maximum, f = 50 Hz, d% = 50
60
W
Maximum average gate power
PG(AV)
10
Maximum peak positive gate current
IGM
TJ = TJ maximum, tp ≤ 5 ms
10
A
Maximum peak positive gate voltage
+ VGM
20
V
Maximum peak negative gate voltage
- VGM
5
Maximum DC gate currrent required to trigger
IGT
TJ = TJ maximum VA = 12 V, Ra = 6 Ω
200
mA
Maximum DC gate voltage required to trigger
VGT
3V
Maximum DC gate current not to trigger
IGD
TJ = TJ maximum, rated VDRM applied
20
mA
Maximum DC gate voltage not to trigger
VGD
0.25
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating temperature range
TJ
- 40 to 125
°C
Maximum storage temperature range
TStg
- 40 to 150
Maximum thermal resistance, junction to case
RthJC
DC operation
0.105
K/W
Maximum thermal resistance, case to heatsink
RthCS
Mounting surface, smooth, flat and greased
0.04
Mounting torque, ± 10 %
Non-lubricated threads
31
(275)
N · m
(lbf · in)
Lubricated threads
24.5
(210)
Approximate weight
280
g
Case style
See dimensions - link at the end of datasheet
TO-209AB (TO-93)


Similar Part No. - ST183S08PFK0PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST183S08PFK0 IRF-ST183S08PFK0 Datasheet
398Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
More results

Similar Description - ST183S08PFK0PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ST183SP VISHAY-VS-ST183SP Datasheet
1Mb / 10P
   Inverter Grade Thyristors (Stud Version), 195 A
Revision: 11-Mar-14
VS-ST183SP VISHAY-VS-ST183SP_V01 Datasheet
288Kb / 10P
   Inverter Grade Thyristors (Stud Version), 195 A
01-Jan-2022
logo
International Rectifier
ST083S IRF-ST083S Datasheet
343Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
ST103S IRF-ST103S Datasheet
351Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
logo
Vishay Siliconix
ST303SPBF VISHAY-ST303SPBF Datasheet
299Kb / 9P
   Inverter Grade Thyristors (Stud Version), 300 A
Revision: 30-Apr-08
VS-ST083SP VISHAY-VS-ST083SP Datasheet
207Kb / 10P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 06-Feb-17
logo
International Rectifier
ST173S IRF-ST173S Datasheet
407Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST183S IRF-ST183S Datasheet
398Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST203S IRF-ST203S Datasheet
361Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST223S IRF-ST223S Datasheet
444Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com