Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST183SPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # ST183SPBF
Description  Inverter Grade Thyristors (Stud Version), 195 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST183SPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  ST183SPBF Datasheet HTML 1Page - Vishay Siliconix ST183SPBF Datasheet HTML 2Page - Vishay Siliconix ST183SPBF Datasheet HTML 3Page - Vishay Siliconix ST183SPBF Datasheet HTML 4Page - Vishay Siliconix ST183SPBF Datasheet HTML 5Page - Vishay Siliconix ST183SPBF Datasheet HTML 6Page - Vishay Siliconix ST183SPBF Datasheet HTML 7Page - Vishay Siliconix ST183SPBF Datasheet HTML 8Page - Vishay Siliconix ST183SPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94369
6
Revision: 30-Apr-08
ST183SPbF Series
Vishay High Power Products Inverter Grade Thyristors
(Stud Version), 195 A
Fig. 9 - Reverse Recovered Charge Characteristics
Fig. 10 - Reverse Recovery Current Characteristics
Fig. 11 - Frequency Characteristics
Fig. 12 - Frequency Characteristics
0
20
0
406080
100
50
100
150
200
250
ST183S Series
T
J = 125 °C
dI/dt - Rate of Fall of On-State Current (A/µs)
I TM
= 500
A
I TM
= 300
A
I TM
= 200
A
ITM =
100 A
I
TM = 50 A
0
20
40
60
80
100
120
dI/dt - Rate of Fall of On-State Current (A/µs)
ST183S Series
T
J = 125 °C
20
0
40
60
80
100
I TM
= 500
A
I TM
= 100
A
I TM
= 50
A
I TM
= 200
A
I TM
= 300
A
140
160
10
100
1000
10 000
100
1000
10 000
Pulse Basewidth (µs)
400
3000
100
1000
1500
2500
5000
200
500
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
50 Hz
t
p
ST183S Series
Sinusoidal pulse
T
C = 60 °C
10
100
1000
10 000
100
1000
10 000
Pulse Basewidth (µs)
t
p
ST183S Series
Sinusoidal pulse
T
C = 85 °C
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
5000
3000
400
100
1000
1500
2500
200
500
50 Hz
10
10
100
1000
10 000
100
1000
10 000
Pulse Basewidth (µs)
ST183S Series
Trapezoidal pulse
T
C = 60 °C
dI/dt = 50 A/µs
t
p
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
400
3000
100
1000
1500
2500
5000
200
500
50 Hz
10 000
10
10
100
1000
10 000
100
1000
10 000
Pulse Basewidth (µs)
400
3000
1000
1500
2500
5000
200
500
10 000
ST183S Series
Trapezoidal pulse
T
C = 85 °C
dI/dt = 50 A/µs
t
p
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
100
50 Hz


Similar Part No. - ST183SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST183S IRF-ST183S Datasheet
398Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST183S04PFK0 IRF-ST183S04PFK0 Datasheet
398Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST183S04PFL0 IRF-ST183S04PFL0 Datasheet
398Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST183S08PFK0 IRF-ST183S08PFK0 Datasheet
398Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST183S08PFL0 IRF-ST183S08PFL0 Datasheet
398Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
More results

Similar Description - ST183SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ST183SP VISHAY-VS-ST183SP Datasheet
1Mb / 10P
   Inverter Grade Thyristors (Stud Version), 195 A
Revision: 11-Mar-14
VS-ST183SP VISHAY-VS-ST183SP_V01 Datasheet
288Kb / 10P
   Inverter Grade Thyristors (Stud Version), 195 A
01-Jan-2022
logo
International Rectifier
ST083S IRF-ST083S Datasheet
343Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
ST103S IRF-ST103S Datasheet
351Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
logo
Vishay Siliconix
ST303SPBF VISHAY-ST303SPBF Datasheet
299Kb / 9P
   Inverter Grade Thyristors (Stud Version), 300 A
Revision: 30-Apr-08
VS-ST083SP VISHAY-VS-ST083SP Datasheet
207Kb / 10P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 06-Feb-17
logo
International Rectifier
ST173S IRF-ST173S Datasheet
407Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST183S IRF-ST183S Datasheet
398Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST203S IRF-ST203S Datasheet
361Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST223S IRF-ST223S Datasheet
444Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com